Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUS-8559 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BUS-8559
Description  VARIABLE OUTPUT MIL-STD-1553 TRANSCEIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BUS-8559 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BUS-8559 Datasheet HTML 1Page - List of Unclassifed Manufacturers BUS-8559 Datasheet HTML 2Page - List of Unclassifed Manufacturers BUS-8559 Datasheet HTML 3Page - List of Unclassifed Manufacturers BUS-8559 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
Designed specifically for use in auto-
matic test equipment where a variable
transmitter output level is required,
the DDC Model BUS-8559 transceiv-
er is a complete transmitter and
receiver conforming to MIL standards
1553A and 1553B.
The receiver section accepts phase-
modulated bipolar data at the input
and produces a bi-phase TTL signal
at
the
output,
see
FIGURE
1.
Outputs, DATA and DATA, are posi-
tive and negative excursions of the
input beyond an internally fixed
threshold. The positive and negative
thresholds are internally set at the
factory for a nominal 1 V pk-pk signal,
when measured at point “A” in FIG-
URE 2. An external strobe input is
provided which allows the the receiv-
er to be removed from the line. A logic
“0” applied to RECEIVER STROBE
will disable the receiver output.
The BUS-8559 transmitter section
accepts bi-phase TTL data at the
input and produces a nominal 0 to 27
V pk-pk differential output across a
145
Ω load. When the transmitter is
coupled to the data bus with the spec-
ified transformer*, and isolated (on the
data side) with two 55
Ω fault isolation
resistors, and loaded with two 70
terminations
(plus
additional
receivers), the data bus signal pro-
duced is a nominal 0 to 7.5 V pk-pk
when measured at the output side of
the 55
Ω resistors.
When both DATA and DATA, inputs
are held low or high, the transmitter
presents a high impedance to the
line. An external inhibit input is also
provided, which allows the the trans-
mitter output to be removed from the
line.. When a logic “1” is applied to the
TX INHIBIT input, the transmitter is
disabled, and the data inputs are
ignored.
APPLICATION
The BUS-8559 is suitable for any
MIL-STD-1553
application
which
requires a transceiver. The BUS-8559
comes in a hermetic, 24-pin DDIP
package which measures 1.4 x 0.8 x 0.2
inches.
VARIABLE OUTPUT
MIL-STD-1553 TRANSCEIVER
FEATURES
Variable Transmitter Output
Transmitter/Receiver in a Single
24-Pin DDIP Hybrid
Very Low Power Dissipation
Improved Receiver Filtering
Enhances System Bit Error Rate
Meets MIL-STD-1553A and 1553B
Power Supplies:
±15 V or
+15 V and -12 V
+5
VAR V
(O to +15 V)
RECEIVER
STROBE
RX DATA
RX DATA
COMPARATOR
COMPARATOR
FILTER
TRANSCEIVER
LIMITER
DRIVER
DRIVER
SHAPING
NETWORK
SHAPING
NETWORK
DATA
TX DATA
TX DATA
TX INHIBIT
-15
+15
BUS-8559
BUS-25679
TRANSFORMER
DATA
CC
BUS-8559 BLOCK DIAGRAM
BUS-8559
© 1999 Data Device Corporation


Similar Part No. - BUS-8559

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
   MIL-STD-1553 TRANSCEIVER
BUS-8555 ETC1-BUS-8555 Datasheet
161Kb / 2P
   DATA BUS RECEIVER
BUS-8555-883B ETC1-BUS-8555-883B Datasheet
161Kb / 2P
   DATA BUS RECEIVER
BUS-8555-B ETC1-BUS-8555-B Datasheet
161Kb / 2P
   DATA BUS RECEIVER
More results

Similar Description - BUS-8559

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
   MIL-STD-1553 TRANSCEIVER
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
HI-2579 HOLTIC-HI-2579 Datasheet
636Kb / 11P
   3.3V MIL-STD-1553/1760 Dual Transceiver
logo
Aeroflex Circuit Techno...
ACT4419D AEROFLEX-ACT4419D Datasheet
78Kb / 6P
   Dual Variable Amplitude Transceivers for MIL-STD-1553
logo
Keysight Technologies
N5469A KEYSIGHT-N5469A Datasheet
937Kb / 14P
   MIL-STD 1553 Triggering
logo
Pulse A Technitrol Comp...
H1553-1 PULSE-H1553-1 Datasheet
483Kb / 2P
   MIL-STD-1553 Transformers
Q1553-70 PULSE-Q1553-70 Datasheet
534Kb / 3P
   MIL-STD-1553 Transformers
QC1553-1 PULSE-QC1553-1 Datasheet
452Kb / 3P
   MIL-STD-1553 Transformers
QC1553-20 PULSE-QC1553-20 Datasheet
457Kb / 3P
   MIL-STD-1553 Transformers
MIL-STD-1553 PULSE-MIL-STD-1553 Datasheet
512Kb / 2P
   MIL-STD-1553 Transformers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com