Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1105WL Datasheet(PDF) 6 Page - ams AG

Part # AS1105WL
Description  Serially Interfaced, 4-Digit LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1105WL Datasheet(HTML) 6 Page - ams AG

Back Button AS1105WL Datasheet HTML 2Page - ams AG AS1105WL Datasheet HTML 3Page - ams AG AS1105WL Datasheet HTML 4Page - ams AG AS1105WL Datasheet HTML 5Page - ams AG AS1105WL Datasheet HTML 6Page - ams AG AS1105WL Datasheet HTML 7Page - ams AG AS1105WL Datasheet HTML 8Page - ams AG AS1105WL Datasheet HTML 9Page - ams AG AS1105WL Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet AS1105
Revision 1.32, Oct. 2004
Page 6 of 12
Register Data
On Segments = 1
7-Segment
Character
D7* D6–D4
D3
D2
D1
D0 DP*
A
B
C
D
E
F
G
0
X
00
00
1
111110
1
X
00
01
0
110000
2
X
00
10
1
101101
3
X
00
11
1
111001
4
X
01
00
0
110011
5
X
01
01
1
011011
6
X
01
10
1
011111
7
X
01
11
1
110000
8
X
10
00
1
111111
9
X
10
01
1
111011
X
10
10
0
000001
E
X
10
11
1
001111
H
X
11
00
0
110111
L
X
11
01
0
001110
P
X
11
10
1
100111
blank
X
1
1
1
1
0
000000
Table 5: Code B font
*The decimal point is set by bit D7 = 1
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
Corresponding
Segment Line
DP
A
B
C
D
E
F
G
Table 6: No-decode mode data bits and corresponding segment lines
Figure 2: Standard 7-segment LED
DP
A
F
E
D
B
C
G


Similar Part No. - AS1105WL

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1105WL AMSCO-AS1105WL Datasheet
554Kb / 15P
   Serially Interfaced, 4-Digit LED Driver
AS1105WL AMSCO-AS1105WL Datasheet
200Kb / 16P
   Serially Interfaced, 4-Digit LED Driver
AS1105WL-T AMSCO-AS1105WL-T Datasheet
554Kb / 15P
   Serially Interfaced, 4-Digit LED Driver
AS1105WL-T AMSCO-AS1105WL-T Datasheet
200Kb / 16P
   Serially Interfaced, 4-Digit LED Driver
More results

Similar Description - AS1105WL

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1105 AMSCO-AS1105_1 Datasheet
554Kb / 15P
   Serially Interfaced, 4-Digit LED Driver
AS1105 AMSCO-AS1105_07 Datasheet
200Kb / 16P
   Serially Interfaced, 4-Digit LED Driver
AS1100 AMSCO-AS1100 Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_12 Datasheet
1Mb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_1 Datasheet
396Kb / 17P
   Serially Interfaced, 8-Digit LED Driver
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
   Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com