Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1106WE-T Datasheet(PDF) 10 Page - ams AG

Part # AS1106WE-T
Description  8-Digit LED Display Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1106WE-T Datasheet(HTML) 10 Page - ams AG

Back Button AS1106WE-T Datasheet HTML 6Page - ams AG AS1106WE-T Datasheet HTML 7Page - ams AG AS1106WE-T Datasheet HTML 8Page - ams AG AS1106WE-T Datasheet HTML 9Page - ams AG AS1106WE-T Datasheet HTML 10Page - ams AG AS1106WE-T Datasheet HTML 11Page - ams AG AS1106WE-T Datasheet HTML 12Page - ams AG AS1106WE-T Datasheet HTML 13Page - ams AG AS1106WE-T Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.austriamicrosystems.com
Revision 2.2
10 - 20
AS1106, AS1107
austriamicrosystems
Data Sheet
Digit- and Control-Registers
Display-Test Register (0xXF)
The AS1106/AS1107 devices can operate in two modes: normal mode and display test mode. In display test mode all
LEDs are switched on at maximum brightness (duty cycle is 15/16 (AS1106) or 31/32 (AS1107). The devices remain in
display-test mode until the Display-Test Register is set for normal operation.
Note: All settings of the digit- and control-registers are maintained.
5
X
01
01
10
11011
6
X
01
10
10
11111
7
X
01
11
11
10000
8
X
10
00
11
11111
9
X
10
01
11
11011
-
X
10
10
00
00001
E
X
10
11
10
01111
H
X
11
00
01
10111
L
X
11
01
00
01110
P
X
11
10
11
00111
Blank
X
1
1
1
1
0
0
00000
The decimal point is enabled by setting bit D7 = 1.
Table 10. HEX Font
7-Segment
Character
Register Data
On Segments = 1
D7
D6:D4
D3
D2
D1
D0
DP
A
B
C
D
E
F
G
0
X
0
0
0
0
11111
10
1
X
0
0
0
1
01100
00
2
X
0
0
1
0
11011
01
3
X
0
0
1
1
11110
01
4
X
0
1
0
0
01100
11
5
X
0
1
0
1
10110
11
6
X
0
1
1
0
10111
11
7
X
0
1
1
1
11100
00
8
X
1
0
0
0
11111
11
9
X
1
0
0
1
11110
11
A
X
1
0
1
0
11101
11
b
X
1
0
1
1
00111
11
C
X
1
1
0
0
10011
10
d
X
1
1
0
1
01111
01
E
X
1
1
1
0
10011
11
F
X
1
1
1
1
10001
11
The decimal point is enabled by setting bit D7 = 1.
Table 11. No-Decode Mode Data Bits and Corresponding Segment Lines
D7
D6
D5
D4
D3
D2
D1
D0
Corresponding Segment Line
DP
A
B
C
D
E
F
G
Table 12. Display-Test Register Format (Address (HEX) = 0xXF))
Mode
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
Normal Operation
XXXXXXX
0
Display Test Mode
XXXXXXX
1
Table 9. Code-B Font (Continued)
7-Segment
Character
Register Data
On Segments = 1
D7
D6:D4
D3
D2
D1
D0
DP
A
B
C
D
E
F
G


Similar Part No. - AS1106WE-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1106WE-T AMSCO-AS1106WE-T Datasheet
656Kb / 20P
   8-Digit LED Display Drivers
AS1106WE-T AMSCO-AS1106WE-T Datasheet
1Mb / 22P
   8-Digit LED Display Drivers
More results

Similar Description - AS1106WE-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1106 AMSCO-AS1106_04 Datasheet
1Mb / 22P
   8-Digit LED Display Drivers
AS1106 AMSCO-AS1106_1 Datasheet
656Kb / 20P
   8-Digit LED Display Drivers
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
ICM7218 MAXIM-ICM7218 Datasheet
460Kb / 12P
   8 Digit LED Display Driver
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
   Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
ICM7211 MAXIM-ICM7211_05 Datasheet
8Mb / 16P
   Four Digit Display Decoder/Drivers
Rev 2; 11/05
ICM7211 MAXIM-ICM7211 Datasheet
668Kb / 16P
   Four Digit Display Decoder/Drivers
19-959; Rev 1; 11/89
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com