Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1152-T Datasheet(PDF) 8 Page - ams AG

Part # AS1152-T
Description  Quad LVDS Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1152-T Datasheet(HTML) 8 Page - ams AG

Back Button AS1152-T Datasheet HTML 4Page - ams AG AS1152-T Datasheet HTML 5Page - ams AG AS1152-T Datasheet HTML 6Page - ams AG AS1152-T Datasheet HTML 7Page - ams AG AS1152-T Datasheet HTML 8Page - ams AG AS1152-T Datasheet HTML 9Page - ams AG AS1152-T Datasheet HTML 10Page - ams AG AS1152-T Datasheet HTML 11Page - ams AG AS1152-T Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
www.austriamicrosystems.com
Revision 1.00
8 - 15
AS1152
austriamicrosystems
Data Sheet
Pin Assignments
7 Pinout and Packaging
Pin Assignments
Figure 16. AS1152 Pin Assignments (Top View)
Pin Descriptions
Table 4. AS1152 Pin Descriptions
Pin Number
Pin Name
Description
1EN
Driver Enable Input. Internally pulled down to GND.
When EN = high and ENn = low or open, the driver outputs are active. For other
combinations of EN and ENn, the outputs are disabled and in high impedance.
2IN1
LVTTL/LVCMOS Driver Input
3IN2
LVTTL/LVCMOS Driver Input
4VCC
Power Supply Input. Bypass VCC to GND with 0.1µF and 0.001µF ceramic
capacitors.
5GND
Ground
6IN3
LVTTL/LVCMOS Driver Input
7IN4
LVTTL/LVCMOS Driver Input
8ENn
Driver Enable Input. Internally pulled down to GND.
When EN = high and ENn = low or open, the driver outputs are active. For other
combinations of EN and ENn, the outputs are disabled and in high impedance.
9OUT4-
Inverting LVDS Driver Output
10
OUT4+
Noninverting LVDS Driver Output
11
OUT3+
Noninverting LVDS Driver Output
12
OUT3-
Inverting LVDS Driver Output
13
OUT2-
Inverting LVDS Driver Output
14
OUT2+
Noninverting LVDS Driver Output
15
OUT1+
Noninverting LVDS Driver Output
16
OUT1-
Inverting LVDS Driver Output
OUT1-
OUT1+
OUT2+
OUT2-
OUT3-
OUT3+
OUT4+
OUT4-
EN
IN1
IN2
VCC
GND
IN3
IN4
ENn
AS1152
TSSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9


Similar Part No. - AS1152-T

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS115-61 SKYWORKS-AS115-61 Datasheet
429Kb / 2P
   GaAs IC SP4T Non-Reflective Switch DC-2 GHz
AS115-61 SKYWORKS-AS115-61 Datasheet
114Kb / 4P
   GaAs IC SP4T Nonreflective Switch 300 kHz-2 GHz
AS115-61 SKYWORKS-AS115-61_05 Datasheet
114Kb / 4P
   GaAs IC SP4T Nonreflective Switch 300 kHz-2 GHz
logo
ams AG
AS1150 AMSCO-AS1150 Datasheet
160Kb / 15P
   Quad LVDS Receivers
AS1150-T AMSCO-AS1150-T Datasheet
160Kb / 15P
   Quad LVDS Receivers
More results

Similar Description - AS1152-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9124 MAXIM-MAX9124 Datasheet
196Kb / 9P
   Quad LVDS Line Driver
Rev 0; 4/01
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047_10 Datasheet
465Kb / 16P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
STMicroelectronics
RHFLVDS31A STMICROELECTRONICS-RHFLVDS31A Datasheet
385Kb / 15P
   Rad-hard quad LVDS driver
April 2017 Rev 4
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047_07 Datasheet
373Kb / 14P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
STMicroelectronics
RHFLVDS315 STMICROELECTRONICS-RHFLVDS315 Datasheet
302Kb / 15P
   Rad-hard quad LVDS driver
logo
Texas Instruments
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com