Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8500 Datasheet(PDF) 11 Page - ams AG

Part # AS8500
Description  Universal multi pupose data aquisition system
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8500 Datasheet(HTML) 11 Page - ams AG

Back Button AS8500 Datasheet HTML 7Page - ams AG AS8500 Datasheet HTML 8Page - ams AG AS8500 Datasheet HTML 9Page - ams AG AS8500 Datasheet HTML 10Page - ams AG AS8500 Datasheet HTML 11Page - ams AG AS8500 Datasheet HTML 12Page - ams AG AS8500 Datasheet HTML 13Page - ams AG AS8500 Datasheet HTML 14Page - ams AG AS8500 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
AS8500 - Preliminary Data Sheet
austriamicrosystems
Revision 1.1, 04-April-06
www.austriamicrosystems.com
Page 11 of 39
The TC trimming also opens the unique possibility to change the TC-value within the time of reprogramming of the TRR-register (i.e. within µsec) to
allow the compensation of
different TC-values of the external circuitry for different channels.
In addition it can be used for very fast autocalibration of the total TC of a given channel. An external reference voltage is applied to the channel to be
checked. Then all numbers from 0 to 31 are written into subregister TRIMBTC and a reading is done for the input voltage and the internal temperature
as well. The same is repeated at any temperature above RT. From these data the TRIMBTC setting for a minimum drift can be easily calculated.
7.2.2
Current sources
The AS8500 contains several current sources which can be used for checking all input lines for wire brake, to control external circuitry or to activate
external sensors.
Main current source
The main current source can be digitally controlled via the content of the CRG register in 31 steps of 8 µA in the range of 0 to 248 µV. Its absolute
value can be calibrated by writing in the subregister TRIMC of TRR.
The current source can be switched to the inputs VBAT, ETR or ETS to activate external sensors like RTDs, NTCs or resistance briges and strain
gages. It can also be used to detect a wire breake of external connected sensors. Performing a measurement with a high and a low (or zero) current
opens the possiblity to eliminate thermal EMF voltages in external sensors.
Secondary current sources
The ASIC contains two other high quality current sources supplying a current of approx. 2µA at the inputs RSHL and RSHH. These current sources can
be switched on and off at any time to check the correct connection of both terminals. During off state they must not interfere with the high sensitive
voltage inputs, especially the noise level should not be increased. If one of the terminals is an open connection the amplifier goes into saturation and
the overflow bit is set.
temperature coefficient as function of TRIMBTC setting
-250
-200
-150
-100
-50
0
50
100
150
200
0
5
10
15
20
25
30
35
setting of subregister TRIMBTC of TRR
change 12.7 ppm/K
per step


Similar Part No. - AS8500

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8500 AMSCO-AS8500 Datasheet
590Kb / 41P
   Universal multi pupose data aquisition system
AS8500 AMSCO-AS8500_1 Datasheet
590Kb / 41P
   Universal multi pupose data aquisition system
More results

Similar Description - AS8500

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8500 AMSCO-AS8500_1 Datasheet
590Kb / 41P
   Universal multi pupose data aquisition system
logo
TRINAMIC Motion Control...
TMCM-612 TRINAMIC-TMCM-612 Datasheet
512Kb / 1P
   6-Axis Controller/Driver 1.1A/34V Data Aquisition
logo
Fairchild Semiconductor
2N4401TFR FAIRCHILD-2N4401TFR Datasheet
98Kb / 7P
   NPN General Pupose Amplifier
2N4401 FAIRCHILD-2N4401_01 Datasheet
93Kb / 7P
   NPN General Pupose Amplifier
MMBT4401-D87Z FAIRCHILD-MMBT4401-D87Z Datasheet
98Kb / 7P
   NPN General Pupose Amplifier
logo
Infineon Technologies A...
TLE8261-2E INFINEON-TLE8261-2E Datasheet
1Mb / 83P
   Universal System Basis Chip
Rev. 1.0, May 2009
TLE8262-2E INFINEON-TLE8262-2E Datasheet
1Mb / 94P
   Universal System Basis Chip
Rev. 1.0, May 2009
TLE8264-2E INFINEON-TLE8264-2E Datasheet
1Mb / 94P
   Universal System Basis Chip
Rev. 1.0, March 2009
logo
TT Electronics.
DS7000 TTELEC-DS7000 Datasheet
311Kb / 2P
   Universal Data Logger
logo
Infineon Technologies A...
TLE8263-2E INFINEON-TLE8263-2E Datasheet
1Mb / 94P
   Universal System Basis Chip
Rev. 1.0, March 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com