Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW51000AT Datasheet(PDF) 5 Page - STMicroelectronics

Part # STW51000AT
Description  SUPER INTEGRATED DSP ENGINE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW51000AT Datasheet(HTML) 5 Page - STMicroelectronics

  STW51000AT Datasheet HTML 1Page - STMicroelectronics STW51000AT Datasheet HTML 2Page - STMicroelectronics STW51000AT Datasheet HTML 3Page - STMicroelectronics STW51000AT Datasheet HTML 4Page - STMicroelectronics STW51000AT Datasheet HTML 5Page - STMicroelectronics STW51000AT Datasheet HTML 6Page - STMicroelectronics STW51000AT Datasheet HTML 7Page - STMicroelectronics STW51000AT Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5/8
GreenSIDE - STW51000
10 Development Support
STMicroelectronics provides a complete set of development tools around the GreenSIDE Super Integrat-
ed DSP Engine, to evaluate the performance, and to develop, debug, and integrate Application Code on
the chip via an ARM/DSP environment, providing multi-Core Development/Debug capabilities.
10.1 Software Development Tools:
Software Development Tools for ARM and ST140 include an Integrated Development Environment tool,
the C/C++ Compiler, Assembler and Linker Code Generation, the Instruction Set Simulator and the OS-
aware Debugger application for Simulation and Emulation Debug. Beside standard Software Develop-
ment Tools, RTOS dedicated tools for application-level debugging and analysis of embedded applications
are available. It includes Runtime Debugging, System and Process information viewing, Manual Process
Control, System Event Tracing and Monitoring, Memory Analysis and Message Search, CPU usage anal-
ysis and more.
10.2 Software Libraries
GreenSIDE silicon comes along with a Chip Support Package, which includes low level driver software (to
configure and use GreenSIDE peripherals), RTOS Support (commercial OS porting to GreenSIDE plat-
form) and application specific libraries (ATM, TCP/IP, ...).
10.3 Hardware development tools
In addition to Software Development Tools, a complete set of Hardware tools help GreenSIDE users to
speed-up the development of new applications. The GreenSIDE Evaluation Board is used to evaluate
GreenSIDE performance, as well as to develop Software Application. It offers a basic set of peripherals in
addition to the GreenSIDE built-in peripherals.


Similar Part No. - STW51000AT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW5093 STMICROELECTRONICS-STW5093 Datasheet
627Kb / 34P
   2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
STW5093CYLT STMICROELECTRONICS-STW5093CYLT Datasheet
620Kb / 34P
   2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
STW5094 STMICROELECTRONICS-STW5094 Datasheet
447Kb / 37P
   18 BIT 8kHz TO 48kHz LOW POWER STEREO AUDIO DAC WITH INTEGRATED POWER AMPLIFIERS AND VOICE CODEC
STW5094A STMICROELECTRONICS-STW5094A Datasheet
556Kb / 51P
   18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
STW5094A STMICROELECTRONICS-STW5094A Datasheet
600Kb / 52P
   18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
More results

Similar Description - STW51000AT

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS49DV8 CIRRUS-CS49DV8 Datasheet
561Kb / 30P
   32-bit Dual Audio DSP Engine
CS4953XX CIRRUS-CS4953XX Datasheet
629Kb / 38P
   32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
CS4953XX_0911 CIRRUS-CS4953XX_0911 Datasheet
536Kb / 36P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS49530X CIRRUS-CS49530X Datasheet
1Mb / 37P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
logo
Freescale Semiconductor...
33800 FREESCALE-33800 Datasheet
1Mb / 39P
   Engine Control Integrated Circuit
logo
STMicroelectronics
ST75C530 STMICROELECTRONICS-ST75C530 Datasheet
599Kb / 84P
   SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
logo
Cirrus Logic
CS4970X4 CIRRUS-CS4970X4_09 Datasheet
579Kb / 34P
   High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
logo
Intersil Corporation
D2-926XX INTERSIL-D2-926XX Datasheet
911Kb / 37P
   Integrated DSP Digital Sound Processing
logo
Freescale Semiconductor...
MK50DX128CYY7 FREESCALE-MK50DX128CYY7 Datasheet
377Kb / 2P
   Integrated measurement engine, Ethernet and LCD
logo
Texas Instruments
TMP007 TI1-TMP007_16 Datasheet
1Mb / 55P
[Old version datasheet]   Infrared Thermopile Sensor with Integrated Math Engine
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com