Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNR-14D560K Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CNR-14D560K
Description  METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CNR-14D560K Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CNR-14D560K Datasheet HTML 4Page - List of Unclassifed Manufacturers CNR-14D560K Datasheet HTML 5Page - List of Unclassifed Manufacturers CNR-14D560K Datasheet HTML 6Page - List of Unclassifed Manufacturers CNR-14D560K Datasheet HTML 7Page - List of Unclassifed Manufacturers CNR-14D560K Datasheet HTML 8Page - List of Unclassifed Manufacturers CNR-14D560K Datasheet HTML 9Page - List of Unclassifed Manufacturers CNR-14D560K Datasheet HTML 10Page - List of Unclassifed Manufacturers CNR-14D560K Datasheet HTML 11Page - List of Unclassifed Manufacturers CNR-14D560K Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
)
$
Series
Symbol
PARAMETER
05D
07D
10D
14D
-
-
%"
04!
: D
!
0!
7
04!
: D
!
0!
7
04!
: D
!
0!
7
48!
1 D
!
0!
7
-7
(
*
-
04!
: D
!
7!
4
04!
: D
!
7!
4
04!
: D
!
7!
4
04!
: D
!
7!
4
-0
(
*
"
/
K!
A8 D
7!
:
K!
A8 D
7!
:
4!
D D
7!
:
4!
D D
7!
:
-4
*
"
"
"
D!
K8 D
7!
:
D!
K8 D
7!
:
D!
K8 D
7!
:
D!
K8 D
7!
:
(
/
/
6
5.0 D0.8
5.0 D0.8
7.50 D0.8
7.50 D0.8
æ
"
4!
7
4!
7
4!
7
4!
7
C
C
0A!
7F0!
7
0A!
7 7!
8
0A!
7F0!
7
0A!
7 7!
8
0A!
7F0!
7
0A!
7 7!
8
0A!
7F0!
7
0A!
7 7!
8
C7
*
6
C
0D!
7 D
7!
K
0D!
7 D
7!
K
0D!
7 D
7!
K
0D!
7 D
7!
K
C0
*
-
2!
7F7!
:8
2!
7 7!
87
2!
7F7!
:8
2!
7 7!
87
2!
7F7!
:8
2!
7 7!
87
2!
7F7!
:8
2!
7 7!
87
C4
*
6
-
7!
8
7!
8
7!
8
7!
8
*
Height from Tape Center to
Component Base
0A!
7F4!
7
0A!
7 7!
7
0A!
7F4!
7
0A!
7 7!
7
0A!
7F4!
7
0A!
7 7!
7
0A!
7F4!
7
0A!
7 7!
7
*7
-
*
0D!
7 D
7!
8
0D!
7 D
7!
8
0D!
7 D
7!
8
0D!
7 D
7!
8
*0
"
*
42!
7
K4!
7
KD!
7
17!
7
67
(
*
6
1!
7 D
7!
4
1!
7 D
7!
4
1!
7 D
7!
4
1!
7 D
7!
4
7!
: D
7!
4
7!
: D
7!
4
7!
: D
7!
4
7!
: D
7!
4
/
/
%"
/
00!
7
00!
7
00!
7
7
00!
7
Order Information of Taped Reel
-
$
/
$
"
/
!MN&
MN& '
,
MN& "
"#$ 786OOO<
"#$ 786OOO< $
"#$ 786OOO< $<
4777 0877
1777 K777
47777 08777
"#$ 7:6OOO<
"#$ 7:6OOO< $
"#$ 7:6OOO< $<
4777 0877
1777 K777
47777 08777
"#$ 076OOO<
"#$ 076OOO< $
"#$ 076OOO< $<
0877 0777
K777 4777
08777 07777
"#$ 016OOO<
"#$ 016OOO< $
"#$ 016OOO< $<
0777 A77
4777 0D77
A777 D177
#
L
0! P
4777 0877Q-
"#$ OO60A7<
"#$ OO64:0<
4777
"#$ OO6K70<
"#$
OO61:0<
0877
!
4! -
!


Similar Part No. - CNR-14D560K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNR-14D561K ETC-CNR-14D561K Datasheet
322Kb / 15P
   Metal Oxide Varistors
More results

Similar Description - CNR-14D560K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
   VDR Metal Oxide Varistors High Surge
Revision: 29-Oct-12
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
logo
List of Unclassifed Man...
SVC471D ETC1-SVC471D Datasheet
2Mb / 17P
   CERAMIC SURGE ABSORBERS (VARISTORS)
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com