Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSPC603R Datasheet(PDF) 7 Page - ATMEL Corporation

Part # TSPC603R
Description  PowerPC 603e RISC Microprocessor Family PID7t-603e
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSPC603R Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button TSPC603R Datasheet HTML 3Page - ATMEL Corporation TSPC603R Datasheet HTML 4Page - ATMEL Corporation TSPC603R Datasheet HTML 5Page - ATMEL Corporation TSPC603R Datasheet HTML 6Page - ATMEL Corporation TSPC603R Datasheet HTML 7Page - ATMEL Corporation TSPC603R Datasheet HTML 8Page - ATMEL Corporation TSPC603R Datasheet HTML 9Page - ATMEL Corporation TSPC603R Datasheet HTML 10Page - ATMEL Corporation TSPC603R Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
7
5410B–HIREL–09/05
TSPC603R
8.
Thermal Characteristics
8.1
CBGA 255 and CI-CGA 255 Packages
The data found in this section concerns 603R devices packaged in the 255-lead 21 mm
multi-layer ceramic (MLC) and ceramic BGA package. Data is included for use with a Thermal-
loy #2328B heat sink.
The internal thermal resistance for this package is negligible due to the exposed die design. A
thermal interface material is recommended at the package lid to heat sink interface to minimize
the thermal contact resistance.
Additionally, the CBGA package offers an excellent thermal connection to the card and power
planes. Heat generated at the chip is dissipated through the package, the heat sink (when used)
and the card. The parallel heat flow paths result in the lowest overall thermal resistance as well
as offer significantly better power dissipation capability if a heat sink is not used.
The thermal characteristics for the flip-chip CBGA and CI-CGA packages are as follows:
Thermal resistance (junction-to-case) = R
jc or
θ
jc = 0.095°C/Watt for the 2 packages.
Thermal resistance (junction-to-ball) = R
jb or
θ
jb = 3.5°C/Watt for the CBGA package.
Thermal resistance (junction-to-bottom SCI) = R
js or
θ
js = 3.7°C/Watt for the CI-CGA package.
The junction temperature can be calculated from the junction to ambient thermal resistance, as
follow:
Junction temperature:
T
j = Ta + (Rjc + Rcs + Rsa) × P
where:
T
a is the ambient temperature in the vicinity of the device
R
jc is the die junction to case thermal resistance of the device
R
cs is the case to heat sink thermal resistance of the interface material
R
sa is the heat sink to ambient thermal resistance
P is the power dissipated by the device
During operation, the die-junction temperatures (T
j) should be maintained at a lower value than
the value specified in ”Recommended Operating Conditions” on page 6.
The thermal resistance of the thermal interface material (R
cs) is typically about 1°C/Watt.
Assuming a T
a of 85°C and a consumption (P) of 3.6 Watts, the junction temperature of the
device would be as follow:
T
j = 85°C + (0.095°C/Watt + 1°C/Watt + Rsa) × 3.5 Watts.
For the Thermalloy heat sink #2328B, the heat sink-to-ambient thermal resistance (R
sa) versus
airflow velocity is shown in Figure 8-1.


Similar Part No. - TSPC603R

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TSPC TRACOPOWER-TSPC Datasheet
715Kb / 9P
   Industrial Power Supplies TSPC Series, 50–480 Watt
Rev. February 28, 2023
logo
Greystone Energy System...
TSPC GREYSTONE-TSPC Datasheet
179Kb / 2P
   ROOM TEMPERATURE SENSOR
logo
TRACO Electronic AG
TSPC-080 TRACOPOWER-TSPC-080 Datasheet
381Kb / 1P
   Wall Mounting Kit TSP-WMK03
Rev. November 30, 2022
TSPC-120TSPC-240 TRACOPOWER-TSPC-120TSPC-240 Datasheet
381Kb / 1P
   Wall Mounting Kit TSP-WMK03
Rev. November 30, 2022
TSPC-DCM TRACOPOWER-TSPC-DCM Datasheet
393Kb / 2P
   Industrial Decoupling Module TSPC-DCM Module: 600 Watt
Rev. October 28, 2021
More results

Similar Description - TSPC603R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC603EEC NXP-MPC603EEC Datasheet
401Kb / 32P
   PowerPC 603e™ RISC Microprocessor Family: PID6-603e Hardware Specifications
5/1999 Rev. 2
logo
Motorola, Inc
MPC603E7TEC MOTOROLA-MPC603E7TEC Datasheet
551Kb / 36P
   PowerPC 603e RISC Microprocessor
MPC603E MOTOROLA-MPC603E Datasheet
132Kb / 31P
   PowerPC 603e RISC Microprocessor
logo
List of Unclassifed Man...
MPC603ERX100LN ETC1-MPC603ERX100LN Datasheet
99Kb / 5P
   PowerPC 603e RISC Microprocessor Family: PID6-603e (Stretch) Part Number Specifications
logo
NXP Semiconductors
MPC603E7VEC NXP-MPC603E7VEC Datasheet
575Kb / 40P
   PowerPC 603e™ RISC Microprocessor Family:PID7v-603e Hardware Specifications
REV 1 11/96
logo
Freescale Semiconductor...
MPC603RRX200TC FREESCALE-MPC603RRX200TC Datasheet
478Kb / 31P
   PID7t-603e Hardware Specifications
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
PC7457 ATMEL-PC7457 Datasheet
522Kb / 66P
   PowerPC 7457 RISC Microprocessor
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
   PowerPC 7410 RISC Microprocessor
logo
ATMEL Corporation
PC755 ATMEL-PC755 Datasheet
1Mb / 50P
   PowerPC 755/745 RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com