Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM9100 Datasheet(PDF) 4 Page - California Micro Devices Corp

Part # CM9100
Description  Basic Compact Cost-effective Fast-Charger
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM9100 Datasheet(HTML) 4 Page - California Micro Devices Corp

  CM9100 Datasheet HTML 1Page - California Micro Devices Corp CM9100 Datasheet HTML 2Page - California Micro Devices Corp CM9100 Datasheet HTML 3Page - California Micro Devices Corp CM9100 Datasheet HTML 4Page - California Micro Devices Corp CM9100 Datasheet HTML 5Page - California Micro Devices Corp CM9100 Datasheet HTML 6Page - California Micro Devices Corp CM9100 Datasheet HTML 7Page - California Micro Devices Corp CM9100 Datasheet HTML 8Page - California Micro Devices Corp CM9100 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
4
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
06/30/06
CM9100
PRELIMINARY
Note 1: VIN = 5.0V. All outputs are on. TA = 25°C unless otherwise specified.
Note 2: When chip temperature reaches 105°C, the IC’s internal thermal limit will maintain this temperature by decreasing the pro-
grammed charge current
Note 3: When chip temperature reaches 140°C, the IC goes into a latched shutdown mode. It stops charging, stops supplying
VOUT). To resume the charging function, a toggle of VIN is required.
Note 4: When charging current reaches 1.2A, the IC goes into shutdown, latched mode only toggled VIN could resume the function.
ICC
CC Mode Charging Current VOUT > 3.5V
0.92 x ICC
1.08 x
ICC
mA
VCC
CV Mode Voltage Threshold
4.190
4.200
4.210
V
ITERM
Charge Termination Current VOUT > 4.190V
0.8 x
ITERM
1.2 x
ITERM
mA
VRCH
Recharge Mode Threshold
4.090
4.100
4.110
V
Constant-temperature
Mode, Limit
(Note 2)
95
105
125
C
OTP
Over-temperature Protec-
tion, Limit
(Note 3)
130
140
150
C
OCP
Over-Current Charging
(OCP), Limit
(Note 4)
0.9
1.0
1.1
A
RDSON of Charger MOSFET ICC = 500mA
100
120
150
m
Ω
VREF
VREF
Regulated Voltage VREF
IREF < 1mA
4.190
4.200
4.210
V
VSTB
VSTB
Regulated Voltage VSTB
4.100
4.200
4.300
V
Control Function
STAT
STAT (Open Drain) Output
Low Voltage
ISINK = 5mA
ISINK = 20mA
0.1
0.5
V
V
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
I
CC
2500
R
SET k
Ω
()
------------------------
=
I
TERM
100
R
SET k
Ω
()
------------------------
=
Specifications (cont’d)


Similar Part No. - CM9100

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9101 CALMIRCO-CM9101 Datasheet
501Kb / 12P
   Compact Cost-effective Fast Charger
CM9101-00QE CALMIRCO-CM9101-00QE Datasheet
501Kb / 12P
   Compact Cost-effective Fast Charger
CM9107 CALMIRCO-CM9107 Datasheet
532Kb / 10P
   Triple-Output LDO for WLAN
CM9107-00QE CALMIRCO-CM9107-00QE Datasheet
532Kb / 10P
   Triple-Output LDO for WLAN
More results

Similar Description - CM9100

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9101 CALMIRCO-CM9101 Datasheet
501Kb / 12P
   Compact Cost-effective Fast Charger
logo
American Electronic Com...
DG31A AEC-DG31A Datasheet
310Kb / 2P
   Cost effective
logo
ECS, Inc.
ECS-36-S-1 ECS-ECS-36-S-1 Datasheet
157Kb / 1P
   Cost effective
logo
American Electronic Com...
DG81C AEC-DG81C Datasheet
336Kb / 2P
   Cost effective
DG27 AEC-DG27 Datasheet
355Kb / 2P
   Cost effective
logo
Tyco Electronics
1EEA1 MACOM-1EEA1 Datasheet
518Kb / 2P
   Cost Effective Compact REI Filter IEC Connector Package
logo
Laird Tech Smart Techno...
ECE118 LSTD-ECE118 Datasheet
1Mb / 1P
   Cost-effective solution
logo
List of Unclassifed Man...
FX-360 ETC2-FX-360 Datasheet
1Mb / 2P
   COST EFFECTIVE PERFECTION
logo
Analog Intergrations Co...
AN011 AIC-AN011 Datasheet
98Kb / 5P
   cost-effective technique
logo
Laird Tech Smart Techno...
ECE072 LSTD-ECE072 Datasheet
462Kb / 2P
   Cost-effective solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com