Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1608XGAC Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # UC1608XGAC
Description  128COM x 240SEG Matrix LCD Controller-Driver
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UC1608XGAC Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button UC1608XGAC Datasheet HTML 3Page - List of Unclassifed Manufacturers UC1608XGAC Datasheet HTML 4Page - List of Unclassifed Manufacturers UC1608XGAC Datasheet HTML 5Page - List of Unclassifed Manufacturers UC1608XGAC Datasheet HTML 6Page - List of Unclassifed Manufacturers UC1608XGAC Datasheet HTML 7Page - List of Unclassifed Manufacturers UC1608XGAC Datasheet HTML 8Page - List of Unclassifed Manufacturers UC1608XGAC Datasheet HTML 9Page - List of Unclassifed Manufacturers UC1608XGAC Datasheet HTML 10Page - List of Unclassifed Manufacturers UC1608XGAC Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
ULTRACHIP
High-Voltage Mixed-Signal IC
©1999-2002
4
Revision 0.52
PIN DESCRIPTION
Name
Type
Pins
Description
MAIN POWER SUPPLY
VDD
VDD2
VDD3
PWR
VDD2/VDD3 is the analog VDD and it should be connected to the same
power source. VDD is the digital VDD and is connected to a voltage
source that is the same, or lower than VDD2/VDD3.
VDD supplies for digital logic and display data RAM.
VDD2 supplies for VLCD and VBIAS generator, VDD3 supplies for other
analog circuits.
Minimize the trace resistance for VDD and VDD2.
VSS
VSS2
GND
Ground. Connect VSS and VSS2 to the shared GND pin.
Minimize the trace resistance for VSS and VSS2.
LCD POWER SUPPLY
VB3+ VB3–
VB2+ VB2–
VB1+ VB1–
VB0+ VB0–
PWR
LCD Bias Voltages. These are the voltage source to provide SEG
driving currents. These voltages are generated internally. Connect
capacitors of CBX value between VBX+ and VBX–.
The resistance of these four traces directly affects the SEG driving
strength of the resulting LCD module. Minimize the trace resistance is
critical in achieving high quality image.
SB3+ SB3–
SB2+ SB2–
SB1+ SB1–
SB0+ SB0–
I
The sensor pins for CBX capacitors. Please connect these sensor pins
as closely to proper CBX pads as possible. These signals can tolerate
input resistance of up to 2K Ohm, so, narrow COF traces can be used.
However, the noise on these pins affects the accuracy of SEG driving
voltage level. To minimize noise caused by VBX-CBX charging current,
the trace resistance shared between VBX+/- and SBX+/- should be
minimized.
VLCD-IN
VLCD-OUT
PWR
Main LCD Power Supply. Connect these pins together.
A by-pass capacitor CL is optional. When CL is used, connect CL
between VLCD and VSS, and keep the trace resistance under 300 Ohm.
NOTE
Recommended capacitor values:
CB: ~100x LCD load capacitance or 1.5uF (2V), whichever is higher.
CL: 10nF ~ 50nF (16V) is appropriate for most applications.


Similar Part No. - UC1608XGAC

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
UC1608 ECM-UC1608 Datasheet
102Kb / 5P
   Power Inductors
UC1608T-100 ECM-UC1608T-100 Datasheet
102Kb / 5P
   Power Inductors
UC1608T-101 ECM-UC1608T-101 Datasheet
102Kb / 5P
   Power Inductors
UC1608T-102 ECM-UC1608T-102 Datasheet
102Kb / 5P
   Power Inductors
UC1608T-150 ECM-UC1608T-150 Datasheet
102Kb / 5P
   Power Inductors
More results

Similar Description - UC1608XGAC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC1606 ETC1-UC1606 Datasheet
877Kb / 46P
   65COM x 132SEG Matrix LCD Controller-Driver
logo
NXP Semiconductors
PCD8544 PHILIPS-PCD8544 Datasheet
154Kb / 32P
   48 x 84 pixels matrix LCD controller/driver
1999 Apr 12
logo
Sitronix Technology Co....
ST7522 SITRONIX-ST7522 Datasheet
633Kb / 45P
   17 x 96 Dot Matrix LCD Controller/Driver
ST7533 SITRONIX-ST7533 Datasheet
582Kb / 60P
   33 x 96 Dot Matrix LCD Controller/Driver
ST7545T SITRONIX-ST7545T Datasheet
1Mb / 48P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7548T SITRONIX-ST7548T Datasheet
1Mb / 50P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7033 SITRONIX-ST7033 Datasheet
441Kb / 39P
   4 x 96 Dot Matrix LCD Controller/Driver
ST7546T SITRONIX-ST7546T Datasheet
1Mb / 48P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
   65 x 102 Dot Matrix LCD Controller/Driver
ST7565P SITRONIX-ST7565P Datasheet
858Kb / 71P
   65 x 132 Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com