Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V53C1256164VAUT8 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # V53C1256164VAUT8
Description  256Mbit MOBILE SDRAM 2.5 VOLT FBGA PACKAGE 16M X 16
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

V53C1256164VAUT8 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button V53C1256164VAUT8 Datasheet HTML 5Page - List of Unclassifed Manufacturers V53C1256164VAUT8 Datasheet HTML 6Page - List of Unclassifed Manufacturers V53C1256164VAUT8 Datasheet HTML 7Page - List of Unclassifed Manufacturers V53C1256164VAUT8 Datasheet HTML 8Page - List of Unclassifed Manufacturers V53C1256164VAUT8 Datasheet HTML 9Page - List of Unclassifed Manufacturers V53C1256164VAUT8 Datasheet HTML 10Page - List of Unclassifed Manufacturers V53C1256164VAUT8 Datasheet HTML 11Page - List of Unclassifed Manufacturers V53C1256164VAUT8 Datasheet HTML 12Page - List of Unclassifed Manufacturers V53C1256164VAUT8 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
9
V55C2256164VB Rev. 1.0 April 2005
ProMOS TECHNOLOGIES
V55C2256164VB
A12 to A5
A3
A4
A2
A1
A0
Address Bus (Ax)
TCR
PASR
Mode Register
A4
A3
Max case temp
00
70OC
01
45OC
10
15OC
11
85OC
all have to be set to "0"
BA0
BA1
Partial-Array Self Refresh:
A2
A1
A0
banks to be self-refreshed
0
0
0
all banks
0
0
1
1/2 array (BA1=0)
0
1
0
1/4 array (BA1=0, BA0=0)
0
1
1
Reserved
1
0
0
Reserved
1
0
1
1/8 array (BA1=BA0=0, A11=0)
1
1
0
1/16 array (BA1=BA0=0,
A11=A10=0)
1
1
1
Reserved
1*)
0*)
Temperature-Compensated
Self-Refresh:
*)BA1 and BA0 must be 1, 0 to select the Extended Mode Register (Vs. the Mode Register)
The Low Power Mode Register must be set during the initialization sequence. Once the device is operational, the
Low Power Mode Register set can be issued anytime when the part is idle.
Low Power Mode Register Table


Similar Part No. - V53C1256164VAUT8

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C104 MOSEL-V53C104 Datasheet
1Mb / 19P
   HIGH PERFORMANCE, LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C104A MOSEL-V53C104A Datasheet
1Mb / 17P
   HIGH PERFORMANCE, LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C104AK MOSEL-V53C104AK Datasheet
1Mb / 17P
   HIGH PERFORMANCE, LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C104AK-100 MOSEL-V53C104AK-100 Datasheet
1Mb / 17P
   HIGH PERFORMANCE, LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C104AK-100L MOSEL-V53C104AK-100L Datasheet
1Mb / 17P
   HIGH PERFORMANCE, LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM
More results

Similar Description - V53C1256164VAUT8

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMD56164P EMLSI-EMD56164P Datasheet
770Kb / 45P
   256M: 16M x 16 Mobile DDR SDRAM
logo
Mosel Vitelic, Corp
V54C3256164VALT6 MOSEL-V54C3256164VALT6 Datasheet
838Kb / 52P
   256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
V54C3256 MOSEL-V54C3256 Datasheet
853Kb / 52P
   256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
V54C3256164VBUC MOSEL-V54C3256164VBUC Datasheet
651Kb / 45P
   LOW POWER 256Mbit SDRAM 3.3 VOLT, 54-BALL SOC BGA 54-PIN TSOPII 16M X 16
logo
Samsung semiconductor
K4S560432B SAMSUNG-K4S560432B Datasheet
130Kb / 11P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S560432A SAMSUNG-K4S560432A Datasheet
127Kb / 10P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
logo
Mosel Vitelic, Corp
V826516K04S MOSEL-V826516K04S Datasheet
159Kb / 13P
   2.5 VOLT 16M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
logo
Integrated Silicon Solu...
IS43LR32640A ISSI-IS43LR32640A Datasheet
1Mb / 43P
   16M x 32Bits x 4Banks Mobile DDR SDRAM
logo
Hynix Semiconductor
H5MS5122DFR HYNIX-H5MS5122DFR Datasheet
2Mb / 62P
   Mobile DDR SDRAM 512Mbit (16M x 32bit)
logo
Emerging Memory & Logic...
EMD12324PV EMLSI-EMD12324PV Datasheet
938Kb / 46P
   512M: 16M x 32 Mobile DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com