Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRN772-2005GA Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # XRN772-2005GA
Description  Thin Film Resistor Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

XRN772-2005GA Datasheet(HTML) 1 Page - California Micro Devices Corp

  XRN772-2005GA Datasheet HTML 1Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
8/9/2000
1
XRN772-XXXX
CALIFORNIA MICRO DEVICES
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
Thin Film Resistor Series
California Micro Devices Hx (Stable Extended Capability
Chip) Series offer exceptional stability and low noise.
Available in the standard center tapped configuration,
C1370800
Bonding Area
Laser Code Area
Formats
Die Size: 60±3 mils square
Bonding Pads: 4x4 mils typical
20 M
Ω to 60 MΩ
they have low electro migration qualities and extremely
low TCR.
R1
R2
g
n
i
g
a
k
c
a
P
.
d
r
a
d
n
a
t
s
s
i
m
u
m
i
x
a
m
s
p
i
h
c
0
0
1
f
o
s
y
a
r
t
e
r
a
u
q
s
h
c
n
i
o
w
T
n
o
i
t
a
n
g
i
s
e
D
r
e
b
m
u
N
t
r
a
P
2
7
7
N
R
X5
0
0
2F
A
G
W
P
s
e
i
r
e
Se
u
l
a
V
e
c
n
a
t
s
i
s
e
Re
c
n
a
r
e
l
o
TR
C
Ts
d
a
P
d
n
o
Bg
n
i
k
c
a
Be
c
n
a
r
e
l
o
T
o
i
t
a
R
e
r
a
s
t
i
g
i
d
3
t
s
r
i
F
t
n
a
c
i
f
i
n
g
i
s
.
e
u
l
a
v
t
i
g
i
d
t
s
a
L
s
t
n
e
s
e
r
p
e
r
f
o
r
e
b
m
u
n
.
s
o
r
e
z
s
e
t
a
c
i
d
n
i
R
.
t
n
i
o
p
l
a
m
i
c
e
d
%
1
±
=
Fm
p
p
0
0
1
±
=
r
e
t
t
e
L
o
Nd
l
o
G
=
Gd
l
o
G
=
W%
1
±
=
d
t
S
%
2
±
=
Gm
p
p
0
5
±
=
A
=
r
e
t
t
e
L
o
N
m
u
n
i
m
u
l
A
d
e
p
p
a
L
=
L%
5
.
0
±
=
P
%
5
±
=
Jm
p
p
5
2
±
=
B
=
r
e
t
t
e
L
o
N
r
e
h
t
i
E
%
0
1
±
=
K
s
n
o
i
t
a
c
i
f
i
c
e
p
S
l
a
c
i
r
t
c
e
l
E
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
R
C
TC
°
5
2
1
o
t
C
°
5
5
m
p
p
0
0
1
±x
a
M
R
C
T
TC
°
5
2
1
o
t
C
°
5
5
C
°
/
m
p
p
5
±x
a
M
e
g
a
t
l
o
V
g
n
i
t
a
r
e
p
OC
°
5
2
1
o
t
C
°
5
5
c
d
V
0
0
1x
a
M
g
n
i
t
a
R
r
e
w
o
P
)
C
°
0
5
1
@
o
r
e
z
o
t
y
l
r
a
e
n
i
l
e
t
a
r
e
D
(
C
°
0
7
@w
m
5
2
1x
a
M
n
o
i
t
a
r
e
Ds
r
a
e
y
2
r
o
f
C
°
0
3%
1
.
0
±
x
a
M
k
c
o
h
S
l
a
m
r
e
h
TF
2
0
2
-
D
T
S
-
L
I
M
7
0
1
d
o
h
t
e
M%
2
.
0
±
∆Rx
a
M
e
r
u
s
o
p
x
E
e
r
u
t
a
r
e
p
m
e
T
h
g
i
Ht
n
e
i
b
m
A
C
°
0
5
1
@
s
r
H
0
0
1%
5
1
.
0
±x
a
M
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
MF
2
0
2
-
D
T
S
-
L
I
M
6
0
1
d
o
h
t
e
M%
2
.
0
±
∆Rx
a
M
e
f
i
L
)
r
h
0
0
0
1
/
C
°
5
2
1
(
F
2
0
2
-
D
T
S
-
L
I
M
8
0
1
d
o
h
t
e
M%
2
.
0
±
∆Rx
a
M
e
s
i
o
N
K
0
5
2
o
t
p
u
F
2
0
2
-
D
T
S
-
L
I
M
8
0
3
d
o
h
t
e
M
K
0
5
2
B
d
5
3
B
d
0
2
x
a
M
e
c
n
a
t
s
i
s
e
R
n
o
i
t
a
l
u
s
n
IC
°
5
2
@0
1
X
1
2
1
n
i
M
s
n
o
i
t
a
c
i
f
i
c
e
p
S
l
a
c
i
n
a
h
c
e
M
e
t
a
r
t
s
b
u
Sk
c
i
h
t
s
li
m
2
±
0
1
n
o
c
il
i
S
r
e
y
a
L
n
o
i
t
a
l
o
s
I0
i
S
2
n
i
m
,
k
c
i
h
t
Å
0
0
0
,
0
1
r
o
t
s
i
s
e
Re
m
o
r
h
C
n
o
c
il
i
S
y
r
a
t
e
i
r
p
o
r
P
g
n
i
k
c
a
B)
l
a
n
o
i
t
p
o
d
l
o
g
(
d
e
p
p
a
L
s
d
a
P
d
n
o
Bn
i
m
,
k
c
i
h
t
Å
0
0
0
,
0
1
m
u
n
i
m
u
l
A
s
e
t
o
N
r
e
s
a
l
c
i
r
e
m
u
n
a
h
p
l
a
r
o
f
e
l
b
a
li
a
v
a
e
r
a
s
e
x
o
b
e
d
o
C
.
1
.
p
i
h
c
e
h
t
n
o
g
n
i
k
r
a
m
.
r
e
h
t
o
n
a
o
t
e
u
l
a
v
e
n
o
m
o
r
f
y
r
a
v
y
a
m
n
r
e
t
t
a
p
r
o
t
s
i
s
e
R
.
2
s
e
u
l
a
V
M
0
2
M
0
6
o
t
n
e
e
w
t
e
b
e
c
n
a
r
e
l
o
t
o
i
t
a
r
d
r
a
d
n
a
t
S
.
d
r
a
d
n
a
t
s
.
e
l
b
a
li
a
v
a
e
c
n
a
r
e
l
o
t
o
i
t
a
r
r
e
t
h
g
i
T
.
%
1
±
=
s
r
o
t
s
i
s
e
r


Similar Part No. - XRN772-2005GA

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
XRN740 CALMIRCO-XRN740 Datasheet
37Kb / 1P
   Stable Extended Capability Chip Series
XRN740-1005D CALMIRCO-XRN740-1005D Datasheet
37Kb / 1P
   Stable Extended Capability Chip Series
XRN740-1005DA CALMIRCO-XRN740-1005DA Datasheet
37Kb / 1P
   Stable Extended Capability Chip Series
XRN740-1005DAG CALMIRCO-XRN740-1005DAG Datasheet
37Kb / 1P
   Stable Extended Capability Chip Series
XRN740-1005DAGL CALMIRCO-XRN740-1005DAGL Datasheet
37Kb / 1P
   Stable Extended Capability Chip Series
More results

Similar Description - XRN772-2005GA

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
110R CALMIRCO-110R Datasheet
393Kb / 1P
   THIN FILM RESISTOR SERIES
logo
Vishay Siliconix
MIF VISHAY-MIF Datasheet
84Kb / 3P
   Thin Film Microwave Resistor
Revision: 02-May-13
MIC VISHAY-MIC_15 Datasheet
76Kb / 3P
   Thin Film Microwave Resistor
Revision: 02-May-13
logo
List of Unclassifed Man...
RG1608N-4121 ETC2-RG1608N-4121 Datasheet
179Kb / 3P
   Thin Film Chip Resistor
RG1608P-2610 ETC2-RG1608P-2610 Datasheet
179Kb / 3P
   Thin Film Chip Resistor
logo
Vishay Siliconix
MID VISHAY-MID Datasheet
94Kb / 3P
   Thin Film Microwave Resistor
Revision: 18-Apr-13
MIC VISHAY-MIC Datasheet
108Kb / 3P
   Thin Film Microwave Resistor
Revision: 14-Mar-08
logo
List of Unclassifed Man...
RG1005 ETC2-RG1005_1 Datasheet
1Mb / 3P
   THIN FILM CHIP RESISTOR
logo
Vishay Siliconix
TRA06E VISHAY-TRA06E Datasheet
84Kb / 2P
   Thin Film, Resistor Array
Revision 05-Apr-04
TNPW VISHAY-TNPW Datasheet
85Kb / 4P
   Thin Film, Rectangular, Resistor Chips
Revision: 2 4-Jan-14
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com