Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY57V561620LT-I Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HY57V561620LT-I
Description  4 Banks x 4M x 16Bit Synchronous DRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V561620LT-I Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HY57V561620LT-I Datasheet HTML 4Page - Hynix Semiconductor HY57V561620LT-I Datasheet HTML 5Page - Hynix Semiconductor HY57V561620LT-I Datasheet HTML 6Page - Hynix Semiconductor HY57V561620LT-I Datasheet HTML 7Page - Hynix Semiconductor HY57V561620LT-I Datasheet HTML 8Page - Hynix Semiconductor HY57V561620LT-I Datasheet HTML 9Page - Hynix Semiconductor HY57V561620LT-I Datasheet HTML 10Page - Hynix Semiconductor HY57V561620LT-I Datasheet HTML 11Page - Hynix Semiconductor HY57V561620LT-I Datasheet HTML 12Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HY57V561620B(L)T-I
Rev.1.3 / Apr. 2003
10
DEVICE OPERATING OPTION TABLE
HY57V561620B(L)T-6I
HY57V561620B(L)T-KI
HY57V561620B(L)T-HI
HY57V561620B(L)T-8I
HY57V561620B(L)T-PI
HY57V561620B(L)T-SI
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
166MHz(6ns)
3CLKs
3CLKs
7CLKs
10CLKs
3CLKs
5.4ns
2.0ns
143MHz(7ns)
3CLKs
3CLKs
6CLKs
9CLKs
3CLKs
5.4ns
2.0ns
133MHz(7.5ns)
2CLKs
3CLKs
6CLKs
9CLKs
3CLKs
5.4ns
2.5ns
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
133MHz(7.5ns)
2CLKs
2CLKs
6CLKs
8CLKs
2CLKs
5.4ns
2.5ns
125MHz(8ns)
3CLKs
3CLKs
6CLKs
9CLKs
3CLKs
6ns
2.5ns
100MHz(10ns)
2CLKs
2CLKs
5CLKs
7CLKs
2CLKs
6ns
2.5ns
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
133MHz(7.5ns)
3CLKs
3CLKs
6CLKs
9CLKs
3CLKs
5.4ns
2.5ns
125MHz(8ns)
3CLKs
3CLKs
6CLKs
9CLKs
3CLKs
6ns
2.5ns
100MHz(10ns)
2CLKs
2CLKs
5CLKs
7CLKs
2CLKs
6ns
2.5ns
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
125MHz(8ns)
3CLKs
3CLKs
6CLKs
9CLKs
3CLKs
6ns
2.5ns
100MHz(10ns)
2CLKs
2CLKs
5CLKs
7CLKs
2CLKs
6ns
2.5ns
83MHz(12ns)
2CLKs
2CLKs
4CLKs
6CLKs
2CLKs
6ns
2.5ns
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
100MHz(10ns)
2CLKs
2CLKs
5CLKs
7CLKs
2CLKs
6ns
2.5ns
83MHz(12ns)
2CLKs
2CLKs
5CLKs
7CLKs
2CLKs
6ns
2.5ns
66MHz(15ns)
2CLKs
2CLKs
4CLKs
6CLKs
2CLKs
6ns
2.5ns
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
100MHz(10ns)
3CLKs
2CLKs
5CLKs
7CLKs
2CLKs
6ns
2.5ns
83MHz(12ns)
2CLKs
2CLKs
5CLKs
7CLKs
2CLKs
6ns
2.5ns
66MHz(15ns)
2CLKs
2CLKs
4CLKs
6CLKs
2CLKs
6ns
2.5ns


Similar Part No. - HY57V561620LT-I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V561620LT-8 HYNIX-HY57V561620LT-8 Datasheet
151Kb / 13P
   4Banks x 4M x 16Bit Synchronous DRAM
HY57V561620LT-H HYNIX-HY57V561620LT-H Datasheet
151Kb / 13P
   4Banks x 4M x 16Bit Synchronous DRAM
HY57V561620LT-HP HYNIX-HY57V561620LT-HP Datasheet
151Kb / 13P
   4Banks x 4M x 16Bit Synchronous DRAM
HY57V561620LT-P HYNIX-HY57V561620LT-P Datasheet
151Kb / 13P
   4Banks x 4M x 16Bit Synchronous DRAM
HY57V561620LT-S HYNIX-HY57V561620LT-S Datasheet
151Kb / 13P
   4Banks x 4M x 16Bit Synchronous DRAM
More results

Similar Description - HY57V561620LT-I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V561620C HYNIX-HY57V561620C Datasheet
217Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
logo
Samsung semiconductor
K4S561632C SAMSUNG-K4S561632C Datasheet
116Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM
K4S561632A SAMSUNG-K4S561632A Datasheet
127Kb / 10P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632D SAMSUNG-K4S561632D Datasheet
60Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632B SAMSUNG-K4S561632B Datasheet
131Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632D-TC75000 SAMSUNG-K4S561632D-TC75000 Datasheet
64Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
KM416S4030C SAMSUNG-KM416S4030C Datasheet
124Kb / 11P
   1M x 16Bit x 4 Banks Synchronous DRAM
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V651620B HYNIX-HY57V651620B Datasheet
81Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
logo
List of Unclassifed Man...
TBS6416B4E ETC2-TBS6416B4E Datasheet
225Kb / 8P
   1M x 16Bit x 4 Banks synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com