Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V3631 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT72V3631
Description  3.3 VOLT CMOS SyncFIFOTM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3631 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT72V3631 Datasheet HTML 1Page - Integrated Device Technology IDT72V3631 Datasheet HTML 2Page - Integrated Device Technology IDT72V3631 Datasheet HTML 3Page - Integrated Device Technology IDT72V3631 Datasheet HTML 4Page - Integrated Device Technology IDT72V3631 Datasheet HTML 5Page - Integrated Device Technology IDT72V3631 Datasheet HTML 6Page - Integrated Device Technology IDT72V3631 Datasheet HTML 7Page - Integrated Device Technology IDT72V3631 Datasheet HTML 8Page - Integrated Device Technology IDT72V3631 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
COMMERCIALTEMPERATURERANGE
IDT72V3631/72V3641/72V3651
3.3V CMOS SYNCFIFO™ 512 x 36, 1,024 x 36 and 2,048 x 36
NC
NC
A35
A34
A33
A32
VCC
A31
A30
GND
A29
A28
A27
A26
A25
A24
A23
GND
A22
VCC
A21
A20
A19
A18
GND
A17
A16
A15
A14
A13
VCC
A12
NC
NC
B35
B34
B33
B32
GND
B31
B30
B29
B28
B27
B26
VCC
B25
B24
GND
B23
B22
B21
B20
B19
B18
GND
B17
B16
VCC
B15
B14
B13
B12
GND
NC
NC
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
116
115
114
113
112
111
110
109
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
4658 drw 02
DESCRIPTION (CONTINUED)
NOTES:
1. NC – No internal connection.
2. Uses Yamaichi socket IC51-1324-828.
PIN CONFIGURATION
*Electricalpin1incenterofbevelededge.Pin1identifierincorner.
*
PQFP (PQ132-1, order code: PQF)
TOP VIEW
two 36-bit mailbox registers. Each mailbox register has a flag to signal when
newmailhasbeenstored. Twoormoredevicesmaybeusedinparalleltocreate
wider data paths. Expansion is also possible in word depth.
These devices are a clocked FIFO, which means each port employs a
synchronous interface. All data transfers through a port are gated to the LOW-
to-HIGH transition of a continuous (free-running) port clock by enable signals.
The continuous clocks for each port are independent of one another and can
be asynchronous or coincident. The enables for each port are arranged to
provide a simple interface between microprocessors and/or buses with
synchronous control.
TheInputReady(IR)flagandAlmost-Full(
AF)flagoftheFIFOaretwo-stage
synchronized to CLKA. The Output Ready (OR) flag and Almost-Empty (
AE)
flag of the FIFO are two-stage synchronized to CLKB. Offset values for the
Almost-FullandAlmost-EmptyflagsoftheFIFOcanbeprogrammedfromport
A or through a serial input.
The IDT72V3631/72V3641/72V3651 are characterized for operation from
0
°C to 70°C. Industrial temperature range (-40°C to +85°C) is available by
specialorder. ThesedevicesarefabricatedusingIDT'shighspeed,submicron
CMOS technology.


Similar Part No. - IDT72V3631

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3631 IDT-IDT72V3631 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
More results

Similar Description - IDT72V3631

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V205 RENESAS-IDT72V205 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
72V3611 RENESAS-72V3611 Datasheet
253Kb / 20P
   3.3 VOLT CMOS SyncFIFOTM 64 x 36
Feb.10.20
logo
Integrated Device Techn...
IDT72V3653 IDT-IDT72V3653 Datasheet
321Kb / 30P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
IDT72V3656 IDT-IDT72V3656 Datasheet
380Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
IDT72V36106 IDT-IDT72V36106 Datasheet
395Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT72V3656 RENESAS-IDT72V3656 Datasheet
864Kb / 40P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
IDT72205LB RENESAS-IDT72205LB Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
IDT723611 RENESAS-IDT723611 Datasheet
527Kb / 21P
   CMOS SyncFIFOTM
FEBRUARY 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com