Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V3631L15PQF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT72V3631L15PQF
Description  3.3 VOLT CMOS SyncFIFOTM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3631L15PQF Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT72V3631L15PQF Datasheet HTML 1Page - Integrated Device Technology IDT72V3631L15PQF Datasheet HTML 2Page - Integrated Device Technology IDT72V3631L15PQF Datasheet HTML 3Page - Integrated Device Technology IDT72V3631L15PQF Datasheet HTML 4Page - Integrated Device Technology IDT72V3631L15PQF Datasheet HTML 5Page - Integrated Device Technology IDT72V3631L15PQF Datasheet HTML 6Page - Integrated Device Technology IDT72V3631L15PQF Datasheet HTML 7Page - Integrated Device Technology IDT72V3631L15PQF Datasheet HTML 8Page - Integrated Device Technology IDT72V3631L15PQF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
COMMERCIALTEMPERATURERANGE
IDT72V3631/72V3641/72V3651
3.3V CMOS SYNCFIFO™ 512 x 36, 1,024 x 36 and 2,048 x 36
PIN DESCRIPTION
Symbol
Name
I/O
Description
A0-A35
Port-A Data
I/O 36-bit bidirectional data port for side A.
AE
Almost-Empty
O
Programmable flag synchronized to CLKB. It is LOW when the number of words in the FIFO is less than or equal to
Flag
the value in the Almost-Empty register (X).
AF
Almost-Full
O
Programmable flag synchronized to CLKA. It is LOW when the number of empty locations in the FIFO is less than or
Flag
equal to the value in the Almost-Full Offset register (Y).
B0-B35
Port-B Data
I/O 36-bit bidirectional data port for side B.
CLKA
Port-A Clock
I
CLKA is a continuous clock that synchronizes all data transfers through port-A and may be asynchronous or
coincident to CLKB. IR and
AF are synchronous to the LOW-to-HIGH transition of CLKA.
CLKB
Port-B Clock
I
CLKB is a continuous clock that synchronizes all data transfers through port-B and may be asynchronous or
coincident to CLKA. OR and
AE are synchronous to the LOW-to-HIGH transition of CLKB.
CSA
Port-A Chip
I
CSA must be LOW to enable a LOW-to-HIGH transition of CLKA to read or write data on port-A. The A0-A35
Select
outputs are in the high-impedance state when
CSA is HIGH.
CSB
Port-B Chip
I
CSB must be LOW to enable a LOW-to-HIGH transition of CLKB to read or write data on port-B. The B0-B35
Select
outputs are in the high-impedance state when
CSB is HIGH.
ENA
Port-A Enable
I
ENA must be HIGH to enable a LOW-to-HIGH transition of CLKA to read or write data on port-A.
ENB
Port-B Enable
I
ENB must be HIGH to enable a LOW-to-HIGH transition of CLKB to read or write data on port-B.
FS1/
Flag-Offset
I
FS1/
SEN and FS0/SD are dual-purpose inputs used for flag Offset register programming. During a device reset,
SEN,
Select 1/
FS1/
SENandFS0/SDselectstheflagoffsetprogrammingmethod.ThreeOffsetregisterprogrammingmethodsare
Serial Enable
available: automatically load one of two preset values, parallel load from port A, and serial load.
FS0/SD
Flag Offset 0/
When serial load is selected for flag Offset register programming, FS1/
SEN is used as an enable synchronous to
Serial Data
the LOW-to-HIGH transition of CLKA. When FS1/
SEN is LOW, a rising edge on CLKA load the bit present on FS0/
SD into the X and Y registers. The number of bit writes required to program the Offset registers is 18/20/22 for the
IDT72V3631/72V3641/72V3651 respectively. The first bit write stores the Y-register MSB and the last bit write stores
the X-register LSB.
IR
Input Ready
O
IR is synchronized to the LOW-to-HIGH transition of CLKA. When IR is LOW, the FIFO is full and writes to its
Flag
array are disabled. When the FIFO is in retransmit mode, IR indicates when the memory has been filled to the point
of the retransmit data and prevents further writes. IR is set LOW during reset and is set HIGH after reset.
MBA
Port-A Mailbox
I
A HIGH level chooses a mailbox register for a port-A read or write operation.
Select
MBB
Port-B Mailbox
I
A HIGH level chooses a mailbox register for a port-B read or write operation. When the B0-B35 outputs are active,
Select
a HIGH level on MBB selects data from the mail1 register for output and a LOW level selects FIFO data for output.
MBF1
Mail1 Register
O
MBF1 is set LOW by the LOW-to-HIGH transition of CLKA that writes data to the mail1 register. MBF1 is set HIGH
Flag
by a LOW-to-HIGH transition of CLKB when a port-B read is selected and MBB is HIGH.
MBF1 is set HIGH by a
reset.
MBF2
Mail2 Register
O
MBF2 is set LOW by the LOW-to-HIGH transition of CLKB that writes data to the mail2 register. MBF2 is set HIGH
Flag
by a LOW-to-HIGH transition of CLKA when a port-A read is selected and MBA is HIGH.
MBF2 is set HIGH by a
reset.
OR
Output Ready
O
OR is synchronized to the LOW-to-HIGH transition of CLKB. When OR is LOW, the FIFO is empty and reads are
Flag
disabled. Ready data is present in the output register of the FIFO when OR is HIGH. OR is forced LOW during the
reset and goes HIGH on the third LOW-to-HIGH transition of CLKB after a word is loaded to empty memory.
RFM
Read From
I
When the FIFO is in retransmit mode, a HIGH on RFM enables a LOW-to-HIGH transition of CLKB to reset the read
Mark
pointer to the beginning retransmit location and output the first selected retransmit data.
RST
Reset
I
To reset the device, four LOW-to-HIGH transitions of CLKA and four LOW-to-HIGH transitions of CLKB must occur
while
RST is LOW. The LOW-to-HIGH transition of RST latches the status of FS0 and FS1 for AF and AE offset
selection.
RTM
Retransmit
I
When RTM is HIGH and valid data is present in the FIFO output register (OR is HIGH), a LOW-to-HIGH transition
Mode
of CLKB selects the data for the beginning of a retransmit and puts the FIFO in retransmit mode. The selected word
remains the initial retransmit point until a LOW- to-HIGH transition of CLKB occurs while RTM is LOW, taking the FIFO
out of retransmit mode.
W/
RA
Port-AWrite/
I
A HIGH selects a write operation and a LOW selects a read operation on port A for a LOW-to-HIGH transition of
Read Select
CLKA. The A0-A35 outputs are in the high-impedance state when W/
RA is HIGH.
W/RB
Port-BWrite/
I
A LOW selects a write operation and a HIGH selects a read operation on port B for a LOW-to-HIGH transition of
Read Select
CLKB. The B0-B35 outputs are in the high-impedance state when
W/RB is LOW.


Similar Part No. - IDT72V3631L15PQF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3631 IDT-IDT72V3631 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
More results

Similar Description - IDT72V3631L15PQF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V205 RENESAS-IDT72V205 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
72V3611 RENESAS-72V3611 Datasheet
253Kb / 20P
   3.3 VOLT CMOS SyncFIFOTM 64 x 36
Feb.10.20
logo
Integrated Device Techn...
IDT72V3653 IDT-IDT72V3653 Datasheet
321Kb / 30P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
IDT72V3656 IDT-IDT72V3656 Datasheet
380Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
IDT72V36106 IDT-IDT72V36106 Datasheet
395Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT72V3656 RENESAS-IDT72V3656 Datasheet
864Kb / 40P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
IDT72205LB RENESAS-IDT72205LB Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
IDT723611 RENESAS-IDT723611 Datasheet
527Kb / 21P
   CMOS SyncFIFOTM
FEBRUARY 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com