Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V3631L20PQF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT72V3631L20PQF
Description  3.3 VOLT CMOS SyncFIFOTM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3631L20PQF Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT72V3631L20PQF Datasheet HTML 1Page - Integrated Device Technology IDT72V3631L20PQF Datasheet HTML 2Page - Integrated Device Technology IDT72V3631L20PQF Datasheet HTML 3Page - Integrated Device Technology IDT72V3631L20PQF Datasheet HTML 4Page - Integrated Device Technology IDT72V3631L20PQF Datasheet HTML 5Page - Integrated Device Technology IDT72V3631L20PQF Datasheet HTML 6Page - Integrated Device Technology IDT72V3631L20PQF Datasheet HTML 7Page - Integrated Device Technology IDT72V3631L20PQF Datasheet HTML 8Page - Integrated Device Technology IDT72V3631L20PQF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
NOVEMBER 2003
3.3 VOLT CMOS SyncFIFOTM
512 x 36
1,024 x 36
2,048 x 36
IDT72V3631
IDT72V3641
IDT72V3651
2003 Integrated Device Technology, Inc.
All rights reserved.
Product specifications subject to change without notice.
DSC-4658/1
IDT and the IDT logo are registered trademark of Integrated Device Technology, Inc. SyncFIFO is a trademark of Integrated Device Technology, Inc.
COMMERCIAL TEMPERATURE RANGE
1
Mail 1
Register
CLKA
CSA
W/
RA
ENA
MBA
Port-A
Control
Logic
Reset
Logic
RST
CLKB
CSB
W/RB
ENB
MBB
Port-B
Control
Logic
MBF1
OR
AE
B0 - B35
4658 drw 01
Mail 2
Register
Write
Pointer
Read
Pointer
Status Flag
Logic
MBF2
IR
AF
FS0/SD
FS1/
SEN
Flag Offset
Registers
A0 - A35
10
RTM
RFM
RAM ARRAY
512 x 36
1,024 x 36
2,048 x 36
36
FEATURES
••••• Storage capacity:
IDT72V3631 - 512 x 36
IDT72V3641 - 1,024 x 36
IDT72V3651 - 2,048 x 36
••••• Supports clock frequencies up to 67 MHz
••••• Fast access times of 10ns
••••• Free-running CLKA and CLKB can be asynchronous or coinci-
dent (permits simultaneous reading and writing of data on a
single clock edge)
••••• Clocked FIFO buffering data from Port A to Port B
••••• Synchronous read retransmit capability
••••• Mailbox register in each direction
••••• Programmable Almost-Full and Almost-Empty flags
••••• Microprocessor interface control logic
••••• Input Ready (IR) and Almost-Full (AF) flags synchronized by
CLKA
••••• Output Ready (OR) and Almost-Empty (AE) flags synchronized
by CLKB
••••• Available in 132-pin plastic quad flat package (PQFP) or space-
saving 120-pin thin quad flat package (TQFP)
••••• Pin and functionally compatible versions of the 5V operating
IDT723631/723641/723651
••••• Easily expandable in width and depth
••••• Industrial temperature range (–40
°°°°°C to +85°°°°°C) is available
DESCRIPTION
The IDT72V3631/72V3641/72V3651 are pin and functionally compatible
versons of the IDT723631/723641/723651, designed to run off a 3.3V supply
for exceptionally low-power consumption. These devices are monolithic high-
speed,low-power,CMOSclockedFIFOmemory. Itsupportsclockfrequencies
up to 67 MHz and has read access times as fast as 10ns. The 512/1,024/2,048
x36dual-portSRAMFIFObuffersdatafromportAtoPortB. TheFIFOmemory
has retransmit capability, which allows previously read data to be accessed
again. The FIFO operates in First Word Fall Through mode and has flags to
indicate empty and full conditions and conditions and two programmable flags
(Almost-Full and Almost-Empty) to indicate when a selected number of words
is stored in memory. Communication between each port may take place with
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - IDT72V3631L20PQF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3631 IDT-IDT72V3631 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
More results

Similar Description - IDT72V3631L20PQF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V205 RENESAS-IDT72V205 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
72V3611 RENESAS-72V3611 Datasheet
253Kb / 20P
   3.3 VOLT CMOS SyncFIFOTM 64 x 36
Feb.10.20
logo
Integrated Device Techn...
IDT72V3653 IDT-IDT72V3653 Datasheet
321Kb / 30P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
IDT72V3656 IDT-IDT72V3656 Datasheet
380Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
IDT72V36106 IDT-IDT72V36106 Datasheet
395Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT72V3656 RENESAS-IDT72V3656 Datasheet
864Kb / 40P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
IDT72205LB RENESAS-IDT72205LB Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
IDT723611 RENESAS-IDT723611 Datasheet
527Kb / 21P
   CMOS SyncFIFOTM
FEBRUARY 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com