Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFDOM44KRXXX Datasheet(PDF) 11 Page - Hanbit Electronics Co.,Ltd

Part # HFDOM44KRXXX
Description  40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HFDOM44KRXXX Datasheet(HTML) 11 Page - Hanbit Electronics Co.,Ltd

Back Button HFDOM44KRXXX Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HFDOM44KRXXX Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HFDOM44KRXXX Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HFDOM44KRXXX Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd HFDOM44KRXXX Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd HFDOM44KRXXX Datasheet HTML 12Page - Hanbit Electronics Co.,Ltd HFDOM44KRXXX Datasheet HTML 13Page - Hanbit Electronics Co.,Ltd HFDOM44KRXXX Datasheet HTML 14Page - Hanbit Electronics Co.,Ltd HFDOM44KRXXX Datasheet HTML 15Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
HANBit
HFDOM44KRxxx
URL:www.hbe.co.kr
11 / 30
HANBit Electronics Co., Ltd.
Rev. 1.0 (December, 2004)
for any CompactFlash Storage Card data access for the subsequent command.
BIT DESCRIPTION - CHS
7
6
5
4
3
2
1
0
Sector (7: 0)
LBA
7
6
5
4
3
2
1
0
LBA (7 : 0)
6) Cylinder Low (LBA 15-8 )Register (Address–1F4h[174h];Offset 4)
This register contains the low order 8 bits of the starting cylinder address or bits 15-8 of the
Logical Block Address.
DIT DESCRIPTION-
CHS
7
6
5
4
3
2
1
0
Cylinder ( 7: 0 )
LBA
7
6
5
4
3
2
1
0
LBA ( 15 : 8 )
7) Cylinder High(LBA 23–16)Register(Address–1F5h[175h]; Offset 6)
This register contains the high order bits of the starting cylinder address or bits 23-16 of the
Logical Block Address.
BIT DESCRIPTION-
CHS
7
6
5
4
3
2
1
0
Cylinder ( 15 :8 )
LBA
7
6
5
4
3
2
1
0
LBA ( 23 : 16 )
8) Status/Alternate Status Register(Address 1F7h[177h]/3F6h[376h];Offset 7/ Eh)
These registers return the CompactFlash Storage Card status when read by the host. Reading
the Status register does clear a pending interrupt, while reading the Alternate Status register does not. The status
bits are described as follows:
D7
D6
D5
D4
D3
D2
D1
D0
BUSY
RDY
DWF
DSC
DRQ
CORR
0
ERR
Status & Alternate Status Register
Bit 7 (BUSY): the busy bit is set when the CompactFlash Storage Card has access to the
command buffer and registers and the host is locked out from accessing the command
register and buffer. No other bits in this register are valid when this bit is set to a 1.
Bit 6 (DRDY): DRDY indicates whether the device is capable of performing CompactFlash Storage Card
operations. This bit is cleared at power up and remains cleared until the CompactFlash Storage Card is ready to


Similar Part No. - HFDOM44KRXXX

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HFDOM44MVXXX HANBIT-HFDOM44MVXXX Datasheet
180Kb / 13P
   44Pin Disk On Module Min.16MB ~ Max.1.5GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM44P-016S1 HANBIT-HFDOM44P-016S1 Datasheet
128Kb / 11P
   44Pin Flash Disk Module Min.16MB~Max.512MB, True IDE Interface Mode, 3.3V/5.0V Operating
HFDOM44P-016SX HANBIT-HFDOM44P-016SX Datasheet
128Kb / 11P
   44Pin Flash Disk Module Min.16MB~Max.512MB, True IDE Interface Mode, 3.3V/5.0V Operating
HFDOM44P-032S1 HANBIT-HFDOM44P-032S1 Datasheet
128Kb / 11P
   44Pin Flash Disk Module Min.16MB~Max.512MB, True IDE Interface Mode, 3.3V/5.0V Operating
HFDOM44P-032S2 HANBIT-HFDOM44P-032S2 Datasheet
128Kb / 11P
   44Pin Flash Disk Module Min.16MB~Max.512MB, True IDE Interface Mode, 3.3V/5.0V Operating
More results

Similar Description - HFDOM44KRXXX

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HFDOM40KVXXX HANBIT-HFDOM40KVXXX Datasheet
138Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40MRXXX HANBIT-HFDOM40MRXXX Datasheet
117Kb / 16P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40KRXXX HANBIT-HFDOM40KRXXX Datasheet
137Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40B-XXXSX HANBIT-HFDOM40B-XXXSX Datasheet
126Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40C-XXXSX HANBIT-HFDOM40C-XXXSX Datasheet
109Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40P-XXXSX HANBIT-HFDOM40P-XXXSX Datasheet
128Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.384MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40K3R HANBIT-HFDOM40K3R Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.16MB ~ Max.4GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40MVXXX HANBIT-HFDOM40MVXXX Datasheet
166Kb / 13P
   40Pin Disk On Module Min.16MB ~ Max.768MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM44P-XXXSX HANBIT-HFDOM44P-XXXSX Datasheet
128Kb / 11P
   44Pin Flash Disk Module Min.16MB~Max.512MB, True IDE Interface Mode, 3.3V/5.0V Operating
HFDOM40S3RXXX HANBIT-HFDOM40S3RXXX Datasheet
299Kb / 31P
   40Pin Flash Disk Module Min.16MB ~ Max.512MB, True IDE Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com