Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFDOM44P-032S1 Datasheet(PDF) 3 Page - Hanbit Electronics Co.,Ltd

Part # HFDOM44P-032S1
Description  44Pin Flash Disk Module Min.16MB~Max.512MB, True IDE Interface Mode, 3.3V/5.0V Operating
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HFDOM44P-032S1 Datasheet(HTML) 3 Page - Hanbit Electronics Co.,Ltd

  HFDOM44P-032S1 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HFDOM44P-032S1 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HFDOM44P-032S1 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HFDOM44P-032S1 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HFDOM44P-032S1 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HFDOM44P-032S1 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HFDOM44P-032S1 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HFDOM44P-032S1 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HFDOM44P-032S1 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HANBit
HFDOM44P-xxxSx
URL : www.hbe.co.kr
3 / 11
HANBit Electronics Co., Ltd.
REV 1.0 (August.2002)
PHYSYCAL SPECIFICATIONS
2.7
± 0.1
Jumper
31.0
± 0.5mm
9.9
± 0.08mm
1.7
± 0.08mm
42.9
± 0.1mm
48.4
± 0.1mm
52.3
± 0.3mm
< View from connector side >
6.3
± 0.2mm
4.4
± 0.2mm
< View from Right side >
Figure 1.1 44 pin Type Flash Disk Module Dimensions
Jumper
Master
Slave
1,2
Close
2,3
Close
2
1
3
2
1


Similar Part No. - HFDOM44P-032S1

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HFDOM44KR016 HANBIT-HFDOM44KR016 Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM44KR01G HANBIT-HFDOM44KR01G Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM44KR032 HANBIT-HFDOM44KR032 Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM44KR064 HANBIT-HFDOM44KR064 Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM44KR096 HANBIT-HFDOM44KR096 Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
More results

Similar Description - HFDOM44P-032S1

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HFDOM44S3RXXX HANBIT-HFDOM44S3RXXX Datasheet
295Kb / 30P
   44Pin Flash Disk Module Min.16MB ~ Max.512MB, True IDE Interface
HFDOM44MVXXX HANBIT-HFDOM44MVXXX Datasheet
180Kb / 13P
   44Pin Disk On Module Min.16MB ~ Max.1.5GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM44S3VXXX HANBIT-HFDOM44S3VXXX Datasheet
289Kb / 29P
   44Pin Flash Disk Module Min.16MB ~ Max.384MB, True IDE Interface
HFDOM40K3R HANBIT-HFDOM40K3R Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.16MB ~ Max.4GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40B-XXXSX HANBIT-HFDOM40B-XXXSX Datasheet
126Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40C-XXXSX HANBIT-HFDOM40C-XXXSX Datasheet
109Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40S3RXXX HANBIT-HFDOM40S3RXXX Datasheet
299Kb / 31P
   40Pin Flash Disk Module Min.16MB ~ Max.512MB, True IDE Interface
HFDOM40MVXXX HANBIT-HFDOM40MVXXX Datasheet
166Kb / 13P
   40Pin Disk On Module Min.16MB ~ Max.768MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40MRXXX HANBIT-HFDOM40MRXXX Datasheet
117Kb / 16P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40KVXXX HANBIT-HFDOM40KVXXX Datasheet
138Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com