Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2252352151039 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 2252352151039
Description  Mono-kap-TM series Leaded ceramic multilayer capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

2252352151039 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  2252352151039 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2252352151039 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2252352151039 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2252352151039 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2252352151039 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2252352151039 Datasheet HTML 6Page - List of Unclassifed Manufacturers 2252352151039 Datasheet HTML 7Page - List of Unclassifed Manufacturers 2252352151039 Datasheet HTML 8Page - List of Unclassifed Manufacturers 2252352151039 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
2002 Oct 09
3
BCcomponents
Product specification
Leaded ceramic multilayer
capacitors
Mono-kapTM series
MECHANICAL DATA
Fig.2
Component outline for lead spacing
2.5
±0.8 mm (straight wires).
Dimensions in mm.
CCA965
H
SH
L
W
2.5
±0.8
L2
Fig.3
Component outline for lead spacing
5.0
±0.8 mm (flat bent wires).
Dimensions in mm.
CCA966
H
SH
L
W
5.0
±0.8
H5
Fig.4
Component outline for lead spacing
2.5
±0.8 mm (outside kink wires).
Dimensions in mm.
CCA967
H
SH
L
W
2.5
±0.8
K2
Fig.5
Component outline for lead spacing
5.0
±0.8 mm (outside kink wires).
Dimensions in mm.
Lead style available on request.
CCA968
H
SH
L
W
5.0
±0.8
K5


Similar Part No. - 2252352151039

ManufacturerPart #DatasheetDescription
logo
SCHOTT CORPORATION
22523 SCHOTT-22523 Datasheet
24Kb / 1P
   TRANSFORMER, POWER
logo
Vishay Siliconix
225232514473 VISHAY-225232514473 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
More results

Similar Description - 2252352151039

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2252202201018 ETC1-2252202201018 Datasheet
516Kb / 14P
   MONO-AXIAL-TM SERIES LEADED CERAMIC MULTILAYER CAPACITORS
logo
Sharma Electro Componen...
AXIAL SHARMA-AXIAL Datasheet
267Kb / 1P
   MULTILAYER CERAMIC LEADED CAPACITORS
logo
List of Unclassifed Man...
A100J15C0GF5UAA ETC1-A100J15C0GF5UAA Datasheet
604Kb / 14P
   Leaded ceramic multilayer capacitors
logo
Kemet Corporation
C410C105K3R5TA9170 KEMET-C410C105K3R5TA9170 Datasheet
2Mb / 12P
   Axial Leaded Multilayer Ceramic Capacitors
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com