Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUS-8559-510Q Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BUS-8559-510Q
Description  VARIABLE OUTPUT MIL-STD-1553 TRANSCEIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BUS-8559-510Q Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BUS-8559-510Q Datasheet HTML 1Page - List of Unclassifed Manufacturers BUS-8559-510Q Datasheet HTML 2Page - List of Unclassifed Manufacturers BUS-8559-510Q Datasheet HTML 3Page - List of Unclassifed Manufacturers BUS-8559-510Q Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
+5 V
+15 V
-15 V
Vcc
25 max
30 max
30 max
0
22 max
30 max
30 max
70
21 max
30 max
30 max
180
SPECIFICATIONS FOR BUS-8559 HYBRID
WITH BUS-25679 TRANSFORMER
PARAMETER
POWER SUPPLIES
REQUIREMENTS
RECEIVER SECTION
Input Level
Input Impedance
Threshold Level
Output Levels
Outputs:
V
OL
V
OH
I
OL
I
OH
TRANSMITTER SECTION
Input Levels
Inputs:
V
ih
V
il
I
ih
I
il
Output Level
Rise/Fall Time
Output Noise
Variable Vcc
TEMPERATURE
RANGE
Operating (Case temp.)
Storage
-55°C to +125°C
-55°C to +135°C
40 V pk-pk differential max
4 k
differential min
1 V pk-pk nominal, internally set
(direct mode)
TTL, 10 LS loads
0.6 V max
2.5 V min
4 mA max
-400 µA max
PHYSICAL
CHARACTERISTICS
Size (24-pin DDIP hybrid)
Weight
VALUE
P.S.
VOLTS
STDBY
mA
25%
mA
100%
mA
1.4 x 0.8 x 0.2 inches
(36 x 20 x 5 mm).
0.4 oz
(11 g)
NOTE: This unit will also operate with ±12 V P.S.
TTL, 2 LS loads
2 V min
0.8 V max
80 µA max
-3.2 mA
0-27 V pk-pk nominal across 145
load
0-20 V pk-pk nominal
(measured at output of BUS-25679
XFMR output - XFMR coupled stub)
130 nsec typ
10 mV pk-pk differential max
0 to +15 V DC
BOTTOM VIEW
.020 ± .002
(0.5 ± 0.1)
1
2
3
8
7
6
5
4
.200 ± .005
(5.1 ± 0.1)
.63
MAX
SIDE VIEW
.500 ± .005
(13 ± 0.1)
.63 MAX
(16.0)
.275 MAX
(7.0)
.250 MIN
(6.3)
TERMINAL
IDENTIFICATION
THIS SIDE
NOTES:
1. All dimensions are in inches (millimeters).
2. Pin callouts on bottom view are for reference only.
0.750 MAX
(19.05)
0.600±0.002
(15.2 ±0.05)
1.390 MAX
(33.02)
12 EQ.SP.
0.100=1.100
TOL. NONCUM
(2.5=27.9)
0.150 MAX
(3.81)
0.250 MIN
(6.35)
0.100
(2.54)
0.020 0.51 DIA PIN
0.016 0.41 24 PLACES
BOTTOM VIEW
SIDE VIEW
0.095
(2.41)
124
13
12
BUS-25679 TRANSFORMER OUTLINE
BUS-8559 MECHANICAL OUTLINE
BUS-8559 PIN FUNCTION TABLE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
PIN
FUNCTION
TX Data Out
TX Data Out
Gnd
N.C.
N.C.
Variable Vcc
RX Data Out
Strobe
GND
RX Data Out
N.C.
N.C.
+15V DC
N.C.
RX Data In
RX Data In
N.C.
GND
-15V DC
+5V DC
TX Inhibit
TX Data In
TX Data In
N.C.
FUNCTION
PIN
2


Similar Part No. - BUS-8559-510Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
   MIL-STD-1553 TRANSCEIVER
BUS-8555 ETC1-BUS-8555 Datasheet
161Kb / 2P
   DATA BUS RECEIVER
BUS-8555-883B ETC1-BUS-8555-883B Datasheet
161Kb / 2P
   DATA BUS RECEIVER
BUS-8555-B ETC1-BUS-8555-B Datasheet
161Kb / 2P
   DATA BUS RECEIVER
More results

Similar Description - BUS-8559-510Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
   MIL-STD-1553 TRANSCEIVER
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
HI-2579 HOLTIC-HI-2579 Datasheet
636Kb / 11P
   3.3V MIL-STD-1553/1760 Dual Transceiver
logo
Aeroflex Circuit Techno...
ACT4419D AEROFLEX-ACT4419D Datasheet
78Kb / 6P
   Dual Variable Amplitude Transceivers for MIL-STD-1553
logo
Keysight Technologies
N5469A KEYSIGHT-N5469A Datasheet
937Kb / 14P
   MIL-STD 1553 Triggering
logo
Pulse A Technitrol Comp...
H1553-1 PULSE-H1553-1 Datasheet
483Kb / 2P
   MIL-STD-1553 Transformers
Q1553-70 PULSE-Q1553-70 Datasheet
534Kb / 3P
   MIL-STD-1553 Transformers
QC1553-1 PULSE-QC1553-1 Datasheet
452Kb / 3P
   MIL-STD-1553 Transformers
QC1553-20 PULSE-QC1553-20 Datasheet
457Kb / 3P
   MIL-STD-1553 Transformers
MIL-STD-1553 PULSE-MIL-STD-1553 Datasheet
512Kb / 2P
   MIL-STD-1553 Transformers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com