Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10H20EV8 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 10H20EV8
Description  ECL programmable array logic
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

10H20EV8 Datasheet(HTML) 2 Page - NXP Semiconductors

  10H20EV8 Datasheet HTML 1Page - NXP Semiconductors 10H20EV8 Datasheet HTML 2Page - NXP Semiconductors 10H20EV8 Datasheet HTML 3Page - NXP Semiconductors 10H20EV8 Datasheet HTML 4Page - NXP Semiconductors 10H20EV8 Datasheet HTML 5Page - NXP Semiconductors 10H20EV8 Datasheet HTML 6Page - NXP Semiconductors 10H20EV8 Datasheet HTML 7Page - NXP Semiconductors 10H20EV8 Datasheet HTML 8Page - NXP Semiconductors 10H20EV8 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
10H20EV8/10020EV8
ECL programmable array logic
October 22, 1993
114
LOGIC DIAGRAM
1. All unprogrammed or virgin “AND” gate locations are pulled to logic “0”
2.
Programmable connections
3. Pinout for F Package
18
OUTPUT
LOGIC
MACRO
CELL
D
OUTPUT
LOGIC
MACRO
CELL
D
OUTPUT
LOGIC
MACRO
CELL
D
OUTPUT
LOGIC
MACRO
CELL
D
OUTPUT
LOGIC
MACRO
CELL
D
OUTPUT
LOGIC
MACRO
CELL
D
OUTPUT
LOGIC
MACRO
CELL
D
OUTPUT
LOGIC
MACRO
CELL
D
ASYNCHRONOUS RESET
ASYNCHRONOUS PRESET
3
1
2
9
10
11
13
14
15
16
22
23
17
8
7
20
5
21
4
0
4
8
12
16
20
24
28
32
36
INPUT LINES
0
7
0
7
0
7
0
7
0
11
0
11
0
11
0
11
NOTES:


Similar Part No. - 10H20EV8

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
10H200 THINKISEMI-10H200 Datasheet
1Mb / 3P
   THINKI 10 Ampere,200 Volt Traditional Planar Process Schottky Barrier Rectifier
Rev.12T
More results

Similar Description - 10H20EV8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PAL1016P8 NSC-PAL1016P8 Datasheet
216Kb / 6P
   3ns ECL ASPECT Programmable Array Logic
PAL20RA10 NSC-PAL20RA10 Datasheet
356Kb / 11P
   PROGRAMMABLE ARRAY LOGIC(PAL)
logo
List of Unclassifed Man...
82S100 ETC1-82S100 Datasheet
684Kb / 10P
   Field Programmable Logic Array
logo
National Semiconductor ...
PAL16RA8 NSC-PAL16RA8 Datasheet
328Kb / 10P
   PROGRAMMABLE ARRAY LOGIC(PAL)
logo
Rhombus Industries Inc.
PECL3-0.5 RHOMBUS-IND-PECL3-0.5 Datasheet
21Kb / 1P
   ECL Logic 3-Bit Programmable Delay Modules
logo
List of Unclassifed Man...
PA7024 ETC-PA7024 Datasheet
427Kb / 6P
   Programmable Electrically Erasable Logic Array
logo
Anachip Corp
PA7572 ANACHIP-PA7572 Datasheet
323Kb / 10P
   Programmable Electrically Erasable Logic Array
PA7540 ANACHIP-PA7540 Datasheet
239Kb / 10P
   PA7540 PEEL Array Programmable Electrically Erasable Logic Array
PA7536 ANACHIP-PA7536 Datasheet
246Kb / 10P
   PEEL Array-TM Programmable Electrically Erasable Logic Array
logo
Rhombus Industries Inc.
PPECL2P25 RHOMBUS-IND-PPECL2P25 Datasheet
29Kb / 1P
   100K ECL Logic 4-Bit Programmable Delay Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com