Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFDOM-40LX Datasheet(PDF) 4 Page - Hanbit Electronics Co.,Ltd

Part # HFDOM-40LX
Description  40Pin Flash Disk Module for 128MB,192M, 256M, True IDE Interface Mode, 5.0V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HFDOM-40LX Datasheet(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  HFDOM-40LX Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HFDOM-40LX Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HFDOM-40LX Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HFDOM-40LX Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HFDOM-40LX Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HFDOM-40LX Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HFDOM-40LX Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HFDOM-40LX Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HFDOM-40LX Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HANBit
HFDOM-40LX Series
URL : www.hbe.co.kr
4 / 4
HANBit Electronics Co., Ltd
.
REV 1.0 (February, 2003.)
1) Setting Method (for example)
Make sure your computer is turned off before you open the case.
Plug the carefully into the 40pin IDE slot on your computer.
Caution: Make sure to align pin1 on host adapter interface connector with pin 1 on your Flash Disk Module. Pin 1
is indicated by a triangle on the Flash Disk Module connector.
The Flash Disk Module is used power connector cable of the computer.
Caution: If you need to remove your Flash Disk Module, use both hands to pull it out carefully.
Check all cable connections and then replace your computer cover.
2) BIOS setting Method (for example)
Before you format or partition your new drive, you must configure your computer's BIOS so that the computer can
recognize your new drive.
Turn your computer on. As your computer start up, watch the screen for a message describing how to run the
system setup program on the screen (sometimes called BIOS or CMOS setup). This is usually done by pressing a
special key, such as Delete, Esc or F1 during startup. See your computer manual for details. Press the appropriate
key to run the system setup program.
If your BIOS provides automatic drive detection (an "AUTO" drive type), select this option. ( We
recommend to use Normal / CHS mode to partition your Flash Disk Module to get the maximum formatted
capacity. )
This allows your computer to configure itself automatically for your new drive.
If your BIOS dose not provide “AUTO” drive detection, select "User-defined" drive setting and enter the
CHS values from the table. BIOS Settings (see specification) Capacity Cylinders Heads Sectors(unformatted)
Save the settings and exit the System Setup program. ( your computer will automatically reboot ) After you
configure your computer, you can use the standard DOS commands to partition and format your Flash Disk Module,
as described below.
3) Formatting Method (for example)
To partition your new Flash Disk Module with Microsoft DOS program :
Insert a bootable DOS diskette into your diskette drive and restart your computer.
Insert a DOS program diskette that contains the FDISK.EXE and FORMAT.COM
programs into your diskette drive. Use the same DOS version that is on your bootable diskette. At the A:\ > prompt,
type “FDISK” and press Enter.
Select “Create DOS partition or logical DOS drive” by pressing 1. Then press Enter.
Select “Create primary DOS partition” by pressing 1 again. Then press Enter.
Create your first drive partition. If you are creating a partition that will be used to boot your computer (drive C),
make sure that the partition is marked active.
Create an extended partition and additional logical drives as necessary, until all the space on your new hard drive
has been partitioned.
When the partitioning is complete, FDISK reboots your computer.
Caution: Make sure to use the correct drive letters so that you do not format a drive that already contains data.
At the A:\ > prompt, type “format c:/s”, where c is HFDOM40LX, Repeat the format process for all the new
partitions you have created.
After you format your drive, it is ready to use.
1. PIN INFORMATION


Similar Part No. - HFDOM-40LX

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HFDOM-44LX HANBIT-HFDOM-44LX Datasheet
117Kb / 10P
   44Pin Flash Disk Module for 128MB,192M, 256M, True IDE Interface Mode, 5.0V
HFDOM-44LX128 HANBIT-HFDOM-44LX128 Datasheet
117Kb / 10P
   44Pin Flash Disk Module for 128MB,192M, 256M, True IDE Interface Mode, 5.0V
HFDOM-44LX192 HANBIT-HFDOM-44LX192 Datasheet
117Kb / 10P
   44Pin Flash Disk Module for 128MB,192M, 256M, True IDE Interface Mode, 5.0V
HFDOM-44LX256 HANBIT-HFDOM-44LX256 Datasheet
117Kb / 10P
   44Pin Flash Disk Module for 128MB,192M, 256M, True IDE Interface Mode, 5.0V
More results

Similar Description - HFDOM-40LX

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HFDOM-44LX HANBIT-HFDOM-44LX Datasheet
117Kb / 10P
   44Pin Flash Disk Module for 128MB,192M, 256M, True IDE Interface Mode, 5.0V
HFDOM40S6VXXX HANBIT-HFDOM40S6VXXX Datasheet
357Kb / 30P
   40Pin Flash Disk Module Min.128MB ~ Max.3GB, True IDE Interface
HFDOM40S6RXXX HANBIT-HFDOM40S6RXXX Datasheet
295Kb / 30P
   40Pin Flash Disk Module Min.128MB ~ Max.4G, True IDE Interface
HFDOM40MRXXX HANBIT-HFDOM40MRXXX Datasheet
117Kb / 16P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40K3R HANBIT-HFDOM40K3R Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.16MB ~ Max.4GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40B-XXXSX HANBIT-HFDOM40B-XXXSX Datasheet
126Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40KVXXX HANBIT-HFDOM40KVXXX Datasheet
138Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM44KRXXX HANBIT-HFDOM44KRXXX Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40C-XXXSX HANBIT-HFDOM40C-XXXSX Datasheet
109Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40KRXXX HANBIT-HFDOM40KRXXX Datasheet
137Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com