Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFDOM-40LX256 Datasheet(PDF) 5 Page - Hanbit Electronics Co.,Ltd

Part # HFDOM-40LX256
Description  40Pin Flash Disk Module for 128MB,192M, 256M, True IDE Interface Mode, 5.0V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HFDOM-40LX256 Datasheet(HTML) 5 Page - Hanbit Electronics Co.,Ltd

  HFDOM-40LX256 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HFDOM-40LX256 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HFDOM-40LX256 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HFDOM-40LX256 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HFDOM-40LX256 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HFDOM-40LX256 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HFDOM-40LX256 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HFDOM-40LX256 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HFDOM-40LX256 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HANBit
HFDOM-40LX Series
URL : www.hbe.co.kr
5 / 5
HANBit Electronics Co., Ltd
.
REV 1.0 (February, 2003.)
PIN ASSIGNMENTS AND PIN TYPE
Table 2.1 Pin Assignment and Pin type
Pin
Signal
Pin Type
Pin
Signal
Pin Type
1
/RESET
I
2
GND
GND
3
D07
I/O
4
D08
I/O
5
D06
I/O
6
D09
I/O
7
D05
I/O
8
D10
I/O
9
D04
I/O
10
D11
I/O
11
D03
I/O
12
D12
I/O
13
D02
I/O
14
D13
I/O
15
D01
I/O
16
D14
I/O
17
D00
I/O
18
D15
I/O
19
GND
GND
20
NC
KEY(no pin)
21
DREQ
DREQ
22
GND
GND
23
/OW
/OW
24
GND
GND
25
/OR
/OR
26
GND
GND
27
IOCHRDY
IORDY
28
H_SEL
CSEL
29
/DACK
/DACK
30
GND
GND
31
INT
IRQ
32
/IO16
/IOIS16
33
A01
I
34
/PDIAG
I/O
35
A00
I
36
A02
I
37
/CS0
CS0
38
/CS1
I
39
/DASP (LED)
I/O
40
GND
GND


Similar Part No. - HFDOM-40LX256

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HFDOM-44LX HANBIT-HFDOM-44LX Datasheet
117Kb / 10P
   44Pin Flash Disk Module for 128MB,192M, 256M, True IDE Interface Mode, 5.0V
HFDOM-44LX128 HANBIT-HFDOM-44LX128 Datasheet
117Kb / 10P
   44Pin Flash Disk Module for 128MB,192M, 256M, True IDE Interface Mode, 5.0V
HFDOM-44LX192 HANBIT-HFDOM-44LX192 Datasheet
117Kb / 10P
   44Pin Flash Disk Module for 128MB,192M, 256M, True IDE Interface Mode, 5.0V
HFDOM-44LX256 HANBIT-HFDOM-44LX256 Datasheet
117Kb / 10P
   44Pin Flash Disk Module for 128MB,192M, 256M, True IDE Interface Mode, 5.0V
More results

Similar Description - HFDOM-40LX256

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HFDOM-44LX HANBIT-HFDOM-44LX Datasheet
117Kb / 10P
   44Pin Flash Disk Module for 128MB,192M, 256M, True IDE Interface Mode, 5.0V
HFDOM40S6VXXX HANBIT-HFDOM40S6VXXX Datasheet
357Kb / 30P
   40Pin Flash Disk Module Min.128MB ~ Max.3GB, True IDE Interface
HFDOM40S6RXXX HANBIT-HFDOM40S6RXXX Datasheet
295Kb / 30P
   40Pin Flash Disk Module Min.128MB ~ Max.4G, True IDE Interface
HFDOM40MRXXX HANBIT-HFDOM40MRXXX Datasheet
117Kb / 16P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40K3R HANBIT-HFDOM40K3R Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.16MB ~ Max.4GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40B-XXXSX HANBIT-HFDOM40B-XXXSX Datasheet
126Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40KVXXX HANBIT-HFDOM40KVXXX Datasheet
138Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM44KRXXX HANBIT-HFDOM44KRXXX Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40C-XXXSX HANBIT-HFDOM40C-XXXSX Datasheet
109Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40KRXXX HANBIT-HFDOM40KRXXX Datasheet
137Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com