Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFDOM-44LX Datasheet(PDF) 1 Page - Hanbit Electronics Co.,Ltd

Part # HFDOM-44LX
Description  44Pin Flash Disk Module for 128MB,192M, 256M, True IDE Interface Mode, 5.0V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HFDOM-44LX Datasheet(HTML) 1 Page - Hanbit Electronics Co.,Ltd

  HFDOM-44LX Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HFDOM-44LX Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HFDOM-44LX Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HFDOM-44LX Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HFDOM-44LX Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HFDOM-44LX Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HFDOM-44LX Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HFDOM-44LX Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HFDOM-44LX Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HANBiT
HFDOM-44LX Series
URL : www.hbe.co.kr
1 / 1
HANBit Electronics Co., Ltd
.
REV 1.0 (April, 2003.)
GENERAL DESCRIPTION
The HFDOM40LX series 44Pin Flash Disk on Module is a flash technology based with True IDE interface flash memory
card for Lexar controller. It is constructed with flash disk controller chip and NAND-type (Samsung) flash memory device.
The HFDOM44LX series operates in 5.0-Volt power supplies. It comes in capacity of 128, 192MB and up to 256 MB
formatted 44Pin type .
By optimizing flash memory management, the life of this HFDOM44LX series can be extended to its maximum level.
Because the ECC function is included, the correctness of data transfer between the HFDOM44LX series and a True IDE
compatible interface device can be guaranteed.
The HFDOM44LX series is fully compatible with applications such as CPU card / board, set top box, industry / military PC,
security equipment, measuring instrument and embedded systems.
FEATURES
-
True IDE compatible host interface
-
Direct plug in for 2.5
″ IDE Connectors
-
44 pin 2.00mm IDE Connector
-
Ultra-High Performance
-
Support for CIS implemented with 256 bytes of attribute memory
-
5.0V operation voltage
-
Burst Rate (to/from Host): up to 16.6MB/s (PIO mode 4)
-
Sustained Write (Host to flash): minimum of 1.2MB/s
-
Data Transfer Rate (device to PC via USB interface): up to 850KB/s
-
Capacity : Min. 128MB ~ Max. 256MB
-
Auto Sleep Mode
-
Low Power Dissipation
-
Low VCC Program Inhibit Function
PRODUCT SPECIFICATIONS
Capacities :
128, 192 and up to 256 MB (formatted)
Operating Voltage :
5.0V
±10%
Power consumptions :
Read mode
65 mA (typ)
Write mode
65 mA (typ)
Sleep mode
300 uA (typ)
Environment conditions :
Operating temperature
0°C to + 70°C
Storage temperature
- 25°C to + 85°C
Relative humidity
95%(Max)
Mechanical conditions :
Weight : Maximum
10.1g
44Pin Flash Disk Module for 128MB,192M, 256M, True IDE Interface
Mode,
5.0V
Part No. HFDOM44LX-xxxx


Similar Part No. - HFDOM-44LX

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HFDOM-40LX HANBIT-HFDOM-40LX Datasheet
110Kb / 10P
   40Pin Flash Disk Module for 128MB,192M, 256M, True IDE Interface Mode, 5.0V
HFDOM-40LX128 HANBIT-HFDOM-40LX128 Datasheet
110Kb / 10P
   40Pin Flash Disk Module for 128MB,192M, 256M, True IDE Interface Mode, 5.0V
HFDOM-40LX192 HANBIT-HFDOM-40LX192 Datasheet
110Kb / 10P
   40Pin Flash Disk Module for 128MB,192M, 256M, True IDE Interface Mode, 5.0V
HFDOM-40LX256 HANBIT-HFDOM-40LX256 Datasheet
110Kb / 10P
   40Pin Flash Disk Module for 128MB,192M, 256M, True IDE Interface Mode, 5.0V
More results

Similar Description - HFDOM-44LX

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HFDOM-40LX HANBIT-HFDOM-40LX Datasheet
110Kb / 10P
   40Pin Flash Disk Module for 128MB,192M, 256M, True IDE Interface Mode, 5.0V
HFDOM44S6RXXX HANBIT-HFDOM44S6RXXX Datasheet
293Kb / 30P
   44Pin Flash Disk Module Min.128MB ~ Max.4G, True IDE Interface
HFDOM44S6VXXX HANBIT-HFDOM44S6VXXX Datasheet
288Kb / 29P
   44Pin Flash Disk Module Min.128MB ~ Max.3GB, True IDE Interface
HFDOM44P-XXXSX HANBIT-HFDOM44P-XXXSX Datasheet
128Kb / 11P
   44Pin Flash Disk Module Min.16MB~Max.512MB, True IDE Interface Mode, 3.3V/5.0V Operating
HFDOM44S3RXXX HANBIT-HFDOM44S3RXXX Datasheet
295Kb / 30P
   44Pin Flash Disk Module Min.16MB ~ Max.512MB, True IDE Interface
HFDOM44S3VXXX HANBIT-HFDOM44S3VXXX Datasheet
289Kb / 29P
   44Pin Flash Disk Module Min.16MB ~ Max.384MB, True IDE Interface
HFDOM44MVXXX HANBIT-HFDOM44MVXXX Datasheet
180Kb / 13P
   44Pin Disk On Module Min.16MB ~ Max.1.5GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40S6RXXX HANBIT-HFDOM40S6RXXX Datasheet
295Kb / 30P
   40Pin Flash Disk Module Min.128MB ~ Max.4G, True IDE Interface
HFDOM40S6VXXX HANBIT-HFDOM40S6VXXX Datasheet
357Kb / 30P
   40Pin Flash Disk Module Min.128MB ~ Max.3GB, True IDE Interface
HFDOM40K3R HANBIT-HFDOM40K3R Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.16MB ~ Max.4GB, True IDE Interface Mode, 3.3V / 5.0V Operating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com