Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DOM40LX192 Datasheet(PDF) 10 Page - Hanbit Electronics Co.,Ltd

Part # DOM40LX192
Description  40Pin Flash Disk Module for 128MB,192M, 256M, True IDE Interface Mode, 5.0V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40LX192 Datasheet(HTML) 10 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40LX192 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd DOM40LX192 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd DOM40LX192 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd DOM40LX192 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd DOM40LX192 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd DOM40LX192 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd DOM40LX192 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd DOM40LX192 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd DOM40LX192 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
HANBit
HFDOM-40LX Series
URL : www.hbe.co.kr
10 / 10
HANBit Electronics Co., Ltd
.
REV 1.0 (February, 2003.)
Figure 3.2 IDE Mode I/O Write Timing Example
Ordering Infomation
NO
Parts
Size
Capacity
Media transfer
mode
Operation
Mode
1
DOM40LX128
51.80x22.0x0.7mm
128Mbyte
BYTE
True IDE
2
DOM40LX192
51.80x22.0x0.7mm
192Mbyte
BYTE
True IDE
3
DOM40LX256
51.80x22.0x0.7mm
256Mbyte
BYTE
True IDE


Similar Part No. - DOM40LX192

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
DOM40K3R016 HANBIT-DOM40K3R016 Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.16MB ~ Max.4GB, True IDE Interface Mode, 3.3V / 5.0V Operating
DOM40K3R032 HANBIT-DOM40K3R032 Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.16MB ~ Max.4GB, True IDE Interface Mode, 3.3V / 5.0V Operating
DOM40K3R064 HANBIT-DOM40K3R064 Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.16MB ~ Max.4GB, True IDE Interface Mode, 3.3V / 5.0V Operating
DOM40K3R096 HANBIT-DOM40K3R096 Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.16MB ~ Max.4GB, True IDE Interface Mode, 3.3V / 5.0V Operating
DOM40K3R1.5G HANBIT-DOM40K3R1.5G Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.16MB ~ Max.4GB, True IDE Interface Mode, 3.3V / 5.0V Operating
More results

Similar Description - DOM40LX192

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HFDOM-44LX HANBIT-HFDOM-44LX Datasheet
117Kb / 10P
   44Pin Flash Disk Module for 128MB,192M, 256M, True IDE Interface Mode, 5.0V
HFDOM40S6VXXX HANBIT-HFDOM40S6VXXX Datasheet
357Kb / 30P
   40Pin Flash Disk Module Min.128MB ~ Max.3GB, True IDE Interface
HFDOM40S6RXXX HANBIT-HFDOM40S6RXXX Datasheet
295Kb / 30P
   40Pin Flash Disk Module Min.128MB ~ Max.4G, True IDE Interface
HFDOM40MRXXX HANBIT-HFDOM40MRXXX Datasheet
117Kb / 16P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40K3R HANBIT-HFDOM40K3R Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.16MB ~ Max.4GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40B-XXXSX HANBIT-HFDOM40B-XXXSX Datasheet
126Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40KVXXX HANBIT-HFDOM40KVXXX Datasheet
138Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM44KRXXX HANBIT-HFDOM44KRXXX Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40C-XXXSX HANBIT-HFDOM40C-XXXSX Datasheet
109Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40KRXXX HANBIT-HFDOM40KRXXX Datasheet
137Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com