Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMD1M32M2EG-50 Datasheet(PDF) 5 Page - Hanbit Electronics Co.,Ltd

Part # HMD1M32M2EG-50
Description  4Mbyte(1Mx32) EDO Mode, 1K Refresh, 72Pin SIMM, 5V Design
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD1M32M2EG-50 Datasheet(HTML) 5 Page - Hanbit Electronics Co.,Ltd

  HMD1M32M2EG-50 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD1M32M2EG-50 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD1M32M2EG-50 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD1M32M2EG-50 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD1M32M2EG-50 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD1M32M2EG-50 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMD1M32M2EG-50 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HANBit
HMD1M32M2EG
URL:www.hbe.co.kr
- 5 -
HANBiT Electronics Co., Ltd
.
REV. 1.0 (August. 2002)
READ, WRITE AND REFRESH CYCLE (Common Parameters)
HMD1M32M2G-6
HMD1M32M2G-7
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
NOTE
tRC
Random Read or Write Cycle Time
110
-
130
-
ns
tPR
/RAS Precharge Time
40
-
50
-
ns
tRAS
/RAS Pulse Width
60
10K
70
10K
ns
tCAS
/CAS Pulse Width
15
10K
18
10K
ns
tASR
Row Address Setup Time
0
-
0
-
ns
tRAH
Row Address Hold Time
10
-
10
-
ns
tASC
Column Address Setup Time
0
-
0
-
ns
tcah
Column Address Hold Time
10
-
15
-
ns
9
tRCD
/RAS to /CAS Delay Time
20
45
20
52
ns
10
tRAD
/RAS to Column Address Delay Time
15
30
15
35
ns
tRSH
/RAS Hold Time
15
-
18
-
ns
tCSH
/CAS Hold Time
60
-
70
-
ns
tCRP
/CAS to /RAS Precharge Time
5
-
5
-
ns
tT
Transition Time (Rise and Fall)
3
50
3
50
ns
8
tREF
Refresh Period (1024 Cycle)
-
16
-
16
ms
Read Cycle
HMD1M32M2G-6
HMD1M32M2G-7
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
NOTE
tRAC
Access Time from /RAS
-
60
-
70
ns
2,3
tCAC
Access Time from /CAS
-
15
-
18
ns
3,4
tAA
Access Time from Column Address
-
30
-
35
ns
3,5,14
tRCS
Read Command Setup Time
0
-
0
-
ns
tRCH
Read Command Hold Time to /CAS
0
-
0
-
ns
6
tRRH
Read Command Hold Time to /RAS
0
-
0
-
ns
6
tRAL
Column Address to /RAS Lead Time
30
-
35
-
ns
tOFF
Output Buffer Turn-off Time
-
15
-
15
ns
7
Write Cycle
HMD1M32M2G-6
HMD1M32M2G-7
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
NOTE
twcs
Write Command Setup Time
0
-
0
-
ns
11


Similar Part No. - HMD1M32M2EG-50

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD1M32M2G HANBIT-HMD1M32M2G Datasheet
221Kb / 8P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD1M32M2G-6 HANBIT-HMD1M32M2G-6 Datasheet
221Kb / 8P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD1M32M2G-7 HANBIT-HMD1M32M2G-7 Datasheet
221Kb / 8P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD1M32M2GL HANBIT-HMD1M32M2GL Datasheet
223Kb / 7P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD1M32M2GL-5 HANBIT-HMD1M32M2GL-5 Datasheet
223Kb / 7P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
More results

Similar Description - HMD1M32M2EG-50

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD1M32M2GL HANBIT-HMD1M32M2GL Datasheet
223Kb / 7P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD1M32M2G HANBIT-HMD1M32M2G Datasheet
221Kb / 8P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD2M32M4EAG HANBIT-HMD2M32M4EAG Datasheet
63Kb / 7P
   8Mbyte(2Mx32) EDO Mode, 1K Refresh 72Pin SIMM, 5V Design
HMD2M32M4E HANBIT-HMD2M32M4E Datasheet
134Kb / 7P
   8Mbyte(2Mx32) EDO Mode, 1K Refresh 72Pin SIMM, 5V Design
HMD1M36M3EG HANBIT-HMD1M36M3EG Datasheet
53Kb / 7P
   4Mbyte(1Mx36) 72-pin SIMM EDO with Parity MODE, 1K Ref. 5V
HMF1M32M4V HANBIT-HMF1M32M4V Datasheet
422Kb / 11P
   Flash-ROM Module 4MByte (1Mx32Bit), 72Pin-SIMM, 3.3V Design
HMS1M32M8LA HANBIT-HMS1M32M8LA Datasheet
71Kb / 7P
   SRAM MODULE 4Mbyte(1Mx32Bit) ,LOW POWER,72Pin SIMM,5V
HMS1M32M8L HANBIT-HMS1M32M8L Datasheet
93Kb / 7P
   SRAM MODULE 4Mbyte(1Mx32Bit) ,LOW POWER,72Pin SIMM,5V
HMD16M36M12EG HANBIT-HMD16M36M12EG Datasheet
83Kb / 7P
   64Mbyte (16Mx36) EDO/with Parity Mode 4K Ref. 72pin-SIMM Design
HMD4M32M2EG HANBIT-HMD4M32M2EG Datasheet
54Kb / 7P
   16Mbyte(4Mx32) 72-pin SIMM EDO Mode, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com