Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMD1M32M2EG-50 Datasheet(PDF) 7 Page - Hanbit Electronics Co.,Ltd

Part # HMD1M32M2EG-50
Description  4Mbyte(1Mx32) EDO Mode, 1K Refresh, 72Pin SIMM, 5V Design
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD1M32M2EG-50 Datasheet(HTML) 7 Page - Hanbit Electronics Co.,Ltd

  HMD1M32M2EG-50 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD1M32M2EG-50 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD1M32M2EG-50 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD1M32M2EG-50 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD1M32M2EG-50 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD1M32M2EG-50 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMD1M32M2EG-50 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
HANBit
HMD1M32M2EG
URL:www.hbe.co.kr
- 7 -
HANBiT Electronics Co., Ltd
.
REV. 1.0 (August. 2002)
15. An initial pause of 200us is required after power up followed by a minimum of eight initialization cycle (eny
combination of cycles containing /RAS clock such as /RAS only refresh).
If the internal refresh count is used, a mnimum of eight /CAS before /RAS refresh cycle are required.
Packaging Dimension
ORDERING INFORMATION
Part Number
Density
Org.
Package
Component
Number
Vcc
MODE
SPEED
HMD1M32M2EG-6
4MByte
X32
72 Pin-SIMM
2EA
5V
EDO
60ns
HMD1M32M2EG-7
4MByte
x 32
72 Pin-SIMM
2EA
5V
EDO
70ns
0.25 mm MAX
MIN
2.54 mm
1.27mm
Gold : 1.04
±0.10 mm
Solder:0.914
±0.10mm
5.08mm
MAX
1.29
±0.08 mm
10.16 mm
107.95 mm
95.25 mm
6.35 mm
R1.57
±1.0 mm
6.35mm
2.03mm
19.05mm
6.35 mm
101.19 mm
R1.57 mm
3.18
±0.51R
3.38 mm
Gold : 1.04
±10 mm


Similar Part No. - HMD1M32M2EG-50

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD1M32M2G HANBIT-HMD1M32M2G Datasheet
221Kb / 8P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD1M32M2G-6 HANBIT-HMD1M32M2G-6 Datasheet
221Kb / 8P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD1M32M2G-7 HANBIT-HMD1M32M2G-7 Datasheet
221Kb / 8P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD1M32M2GL HANBIT-HMD1M32M2GL Datasheet
223Kb / 7P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD1M32M2GL-5 HANBIT-HMD1M32M2GL-5 Datasheet
223Kb / 7P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
More results

Similar Description - HMD1M32M2EG-50

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD1M32M2GL HANBIT-HMD1M32M2GL Datasheet
223Kb / 7P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD1M32M2G HANBIT-HMD1M32M2G Datasheet
221Kb / 8P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD2M32M4EAG HANBIT-HMD2M32M4EAG Datasheet
63Kb / 7P
   8Mbyte(2Mx32) EDO Mode, 1K Refresh 72Pin SIMM, 5V Design
HMD2M32M4E HANBIT-HMD2M32M4E Datasheet
134Kb / 7P
   8Mbyte(2Mx32) EDO Mode, 1K Refresh 72Pin SIMM, 5V Design
HMD1M36M3EG HANBIT-HMD1M36M3EG Datasheet
53Kb / 7P
   4Mbyte(1Mx36) 72-pin SIMM EDO with Parity MODE, 1K Ref. 5V
HMF1M32M4V HANBIT-HMF1M32M4V Datasheet
422Kb / 11P
   Flash-ROM Module 4MByte (1Mx32Bit), 72Pin-SIMM, 3.3V Design
HMS1M32M8LA HANBIT-HMS1M32M8LA Datasheet
71Kb / 7P
   SRAM MODULE 4Mbyte(1Mx32Bit) ,LOW POWER,72Pin SIMM,5V
HMS1M32M8L HANBIT-HMS1M32M8L Datasheet
93Kb / 7P
   SRAM MODULE 4Mbyte(1Mx32Bit) ,LOW POWER,72Pin SIMM,5V
HMD16M36M12EG HANBIT-HMD16M36M12EG Datasheet
83Kb / 7P
   64Mbyte (16Mx36) EDO/with Parity Mode 4K Ref. 72pin-SIMM Design
HMD4M32M2EG HANBIT-HMD4M32M2EG Datasheet
54Kb / 7P
   16Mbyte(4Mx32) 72-pin SIMM EDO Mode, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com