Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMD2M32M4EG Datasheet(PDF) 4 Page - Hanbit Electronics Co.,Ltd

Part # HMD2M32M4EG
Description  8Mbyte(2Mx32) EDO Mode, 1K Refresh 72Pin SIMM, 5V Design
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD2M32M4EG Datasheet(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  HMD2M32M4EG Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD2M32M4EG Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD2M32M4EG Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD2M32M4EG Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD2M32M4EG Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD2M32M4EG Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMD2M32M4EG Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HANBit
HMD2M32M4E/4EG
URL:www.hbe.co.kr
HANBit Electronics Co.,Ltd.
REV.1.0 (August.2002)
9
ICC4 : Fast Page Mode Current * (/RAS=VIL, /CAS, Address cycling @tPC=min )
ICC5 : Standby Current (/RAS=/CAS=Vcc-0.2V )
ICC6 : /CAS-Before-/RAS Refresh Current * (/RAS and /CAS cycling @tRC=min )
IIL : Input Leakage Current (Any input 0V £ VIN £ 6.5V, all other pins not under test = 0V)
IOL : Output Leakage Current (Data out is disabled, 0V £ VOUT £ 5.5V
VOH : Output High Voltage Level (IOH= -5mA )
VOL : Output Low Voltage Level (IOL = 4.2mA )
* NOTE: ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained wi th the
output open. ICC is specified as an average current. In I CC1 and ICC3, address cad be changed maximum once
while /RAS=VIL. In ICC4, address can be changed maximum once within one page mode cycle.
CAPACITANCE ( TA=25
o
C, Vcc = 5V, f = 1Mz )
DESCRIPTION
SYMBOL
MIN
MAX
UNITS
Input Capacitance (A0-A10)
CIN1
-
44
pF
Input Capacitance (/W)
C IN2
-
48
pF
Input Capacitance (/RAS0)
CIN3
-
40
pF
Input Capacitance (/CAS0-/CAS3)
CIN4
-
29
pF
Input/Output Capacitance (DQ0-31)
CDQ1
-
29
pF
AC CHARACTERISTICS ( 0
o
C
£ TA £ 70oC , Vcc = 5V±10%, See notes 1,2.)
-5
-6
STANDARD OPERATION
SYMBOL
MIN
MAX
MIN
MAX
UNIT
Random read or write cycle time
tRC
90
110
ns
Access time from /RAS
tRAC
50
60
ns
Access time from /CAS
tCAC
15
17
ns
Access time from column address
tAA
25
30
ns
/CAS to output in Low-Z
tCLZ
3
3
ns
Output buffer turn-off delay
tOFF
3
13
3
15
ns
Transition time (rise and fall)
tT
2
50
2
50
ns
/RAS precharge time
tRP
30
40
ns
/RAS pulse width
tRAS
50
10K
60
10K
ns
/RAS hold time
tRSH
13
17
ns
/CAS hold time
tCSH
40
50
ns
/CAS pulse width
tCAS
8
10K
10
10K
ns
/RAS to /CAS delay time
tRCD
20
37
20
45
ns
/RAS to column address delay time
tRAD
15
25
15
30
ns
/CAS to /RAS precharge time
tCRP
5
5
ns
Row address set-up time
tASR
0
0
ns
Row address hold time
tRAH
10
10
ns


Similar Part No. - HMD2M32M4EG

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD2M32M4EAG HANBIT-HMD2M32M4EAG Datasheet
63Kb / 7P
   8Mbyte(2Mx32) EDO Mode, 1K Refresh 72Pin SIMM, 5V Design
HMD2M32M4EAG-5 HANBIT-HMD2M32M4EAG-5 Datasheet
63Kb / 7P
   8Mbyte(2Mx32) EDO Mode, 1K Refresh 72Pin SIMM, 5V Design
HMD2M32M4EAG-6 HANBIT-HMD2M32M4EAG-6 Datasheet
63Kb / 7P
   8Mbyte(2Mx32) EDO Mode, 1K Refresh 72Pin SIMM, 5V Design
HMD2M32M4EAG-7 HANBIT-HMD2M32M4EAG-7 Datasheet
63Kb / 7P
   8Mbyte(2Mx32) EDO Mode, 1K Refresh 72Pin SIMM, 5V Design
More results

Similar Description - HMD2M32M4EG

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD2M32M4EAG HANBIT-HMD2M32M4EAG Datasheet
63Kb / 7P
   8Mbyte(2Mx32) EDO Mode, 1K Refresh 72Pin SIMM, 5V Design
HMD1M32M2EG HANBIT-HMD1M32M2EG Datasheet
66Kb / 7P
   4Mbyte(1Mx32) EDO Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD1M32M2G HANBIT-HMD1M32M2G Datasheet
221Kb / 8P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD1M32M2GL HANBIT-HMD1M32M2GL Datasheet
223Kb / 7P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMF2M32M4VGL HANBIT-HMF2M32M4VGL Datasheet
426Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SIMM, 3.3V Design
HMD16M36M12EG HANBIT-HMD16M36M12EG Datasheet
83Kb / 7P
   64Mbyte (16Mx36) EDO/with Parity Mode 4K Ref. 72pin-SIMM Design
HMD4M32M2EG HANBIT-HMD4M32M2EG Datasheet
54Kb / 7P
   16Mbyte(4Mx32) 72-pin SIMM EDO Mode, 4K Refresh, 5V
HMF2M32M8A HANBIT-HMF2M32M8A Datasheet
298Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
HMF2M32M4GL HANBIT-HMF2M32M4GL Datasheet
414Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
HMD4M32M8GL HANBIT-HMD4M32M8GL Datasheet
136Kb / 9P
   16Mbyte(4Mx32) Fast Page Mode, 4K Refresh 72Pin SIMM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com