Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4151 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 1N4151
Description  High-speed diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1N4151 Datasheet(HTML) 3 Page - NXP Semiconductors

  1N4151 Datasheet HTML 1Page - NXP Semiconductors 1N4151 Datasheet HTML 2Page - NXP Semiconductors 1N4151 Datasheet HTML 3Page - NXP Semiconductors 1N4151 Datasheet HTML 4Page - NXP Semiconductors 1N4151 Datasheet HTML 5Page - NXP Semiconductors 1N4151 Datasheet HTML 6Page - NXP Semiconductors 1N4151 Datasheet HTML 7Page - NXP Semiconductors 1N4151 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Jun 01
3
Philips Semiconductors
Product specification
High-speed diodes
1N4150; 1N4151
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1. Device mounted on a printed circuit-board without metallization pad.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VF
forward voltage
see Fig.3
1N4150
IF = 1 mA
540
620
mV
IF = 10 mA
660
740
mV
IF = 50 mA
760
860
mV
IF = 100 mA
820
920
mV
IF = 200 mA
870
1000
mV
1N4151
IF =50mA
1000
mV
IR
reverse current
VR = 50 V; see Fig.5
1N4150
0.1
µA
1N4151
0.05
µA
IR
reverse current
VR = 50 V; Tj = 150 °C; see Fig.5
1N4150
100
µA
1N4151
50
µA
Cd
diode capacitance
f = 1 MHz; VR = 0; see Fig.6
1N4150
2.5
pF
1N4151
2pF
trr
reverse recovery time
when switched from IF = 10 mA to
IR = 1 mA; RL = 100 Ω; measured at
IR = 0.1 mA; see Fig.7
1N4150
6ns
when switched from IF = 10 mA to 200 mA
to IR = 10 mA to 200 mA; RL = 100 Ω;
measured at IR = 0.1 × IF; see Fig.7
4ns
when switched from IF = 200 mA to 400 mA
to IR = 200 mA to 400 mA; RL = 100 Ω;
measured at IR = 0.1 × IF; see Fig.7
6ns
trr
reverse recovery time
when switched from IF = 10 mA to
IR = 10 mA; RL = 100 Ω; measured at
IR = 1 mA; see Fig.7
1N4151
4ns
when switched from IF = 10 mA to
IR = 60 mA; RL = 100 Ω; measured at
IR = 1 mA; see Fig.7
2ns
tfr
forward recovery time
when switched to IF = 200 mA; tr = 0.4 ns;
measured at VF = 1 V; see Fig.8
10
ns
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
lead length 10 mm
240
K/W
Rth j-a
thermal resistance from junction to ambient
lead length 10 mm; note 1
350
K/W


Similar Part No. - 1N4151

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4151 VISHAY-1N4151 Datasheet
39Kb / 4P
   Silicon Epitaxial Planar Diode
Rev. 2, 01-Apr-99
logo
Diode Semiconductor Kor...
1N4151 DSK-1N4151 Datasheet
309Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
logo
Diotec Semiconductor
1N4151 DIOTEC-1N4151 Datasheet
171Kb / 2P
   Silicon Planar Diodes
logo
Micro Commercial Compon...
1N4151 MCC-1N4151 Datasheet
391Kb / 4P
   500mW Silicon Switching Diode
logo
Rectron Semiconductor
1N4151 RECTRON-1N4151 Datasheet
11Kb / 1P
   SIGNAL DIODE
More results

Similar Description - 1N4151

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA316 PHILIPS-BA316 Datasheet
39Kb / 7P
   High-speed diodes
1996 Sep 03
1N4148113 NXP-1N4148113 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
PMLL4148 PHILIPS-PMLL4148 Datasheet
51Kb / 8P
   High-speed diodes
1999 May 27
PMLL4150 PHILIPS-PMLL4150 Datasheet
37Kb / 9P
   High-speed diodes
1996 Sep 18
1N4148 NXP-1N4148 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
1N4531 PHILIPS-1N4531_15 Datasheet
127Kb / 9P
   High-speed diodes
1996 Sep 03
1N4446 PHILIPS-1N4446 Datasheet
69Kb / 7P
   High-speed diodes
1996 Apr 15
1N4531 NXP-1N4531 Datasheet
127Kb / 9P
   High-speed diodes
April 1996
1N4148 PHILIPS-1N4148 Datasheet
57Kb / 8P
   High-speed diodes
1999 May 25
1N4148_1N4448 PHILIPS-1N4148_1N4448_15 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com