Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMD4M32M8G Datasheet(PDF) 1 Page - Hanbit Electronics Co.,Ltd

Part # HMD4M32M8G
Description  16Mbyte(4Mx32) Fast Page Mode, 2K/4K Refresh 72Pin SIMM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD4M32M8G Datasheet(HTML) 1 Page - Hanbit Electronics Co.,Ltd

  HMD4M32M8G Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD4M32M8G Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD4M32M8G Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD4M32M8G Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD4M32M8G Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD4M32M8G Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMD4M32M8G Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HANBit
HMD4M32M8G
URL: www.hbe.co.kr
HANBit Electronics Co.,Ltd.
REV. 1.0(August. 2002)
1
GENERAL DESCRIPTION
The HMD4M32M8G is a 4M x 32bit dynamic RAM high-density memory module. The module consists of eight CMOS
4M x 4bit DRAMs in 24-pin SOJ packages mounted on a 72-pin, double-sided, FR-4-printed circuit board.
A 0.1 or
0.22uF decoupling capacitor is mounted on the printed circuit board for each DRAM components. The module is a single
In-line Memory Module with edge connections and is intended for mounting in to 72-pin edge connector sockets. All
module components may be powered from a single 5V DC power supply and all inputs and outputs are TTL-compatible.
FEATURES
w Part Identification
HMD4M32M8G- -2,048 Cycles/32ms Ref . Gold
HMD4M32M8AG- 4,096 Cycles/64ms Ref . Gold
w Access times : 50, 60ns
w High-density 16MByte design
w Single + 5V
±0.5V power supply
w JEDEC standard pinout
w FP(Fast Page) mode operation
w TTL compatible inputs and outputs
w FR4-PCB design
OPTIONS
MARKING
w Timing
50ns access
-5
60ns access
-6
w Packages
72-pin SIMM
M
PERFORMANCE RANGE
Speed
tRAC
tCAC
tRC
5
50ns
13ns
90ns
6
60ns
15ns
110ns
PRESENCE DETECT PINS
Pin
50ns
60ns
PD1
Vss
Vss
PD2
NC
NC
PD3
Vss
NC
PD4
Vss
NC
PIN
SYMBOL
PIN
SYMBOL
PIN
SYMBOL
1
Vss
25
DQ22
49
DQ8
2
DQ0
26
DQ7
50
DQ24
3
DQ16
27
DQ23
51
DQ9
4
DQ1
28
A7
52
DQ25
5
DQ17
29
A11
53
DQ10
6
DQ2
30
Vcc
54
DQ26
7
DQ18
31
A8
55
DQ11
8
DQ3
32
A9
56
DQ27
9
DQ19
33
NC
57
DQ12
10
Vcc
34
/RAS2
58
DQ28
11
NC
35
NC
59
Vcc
12
A0
36
NC
60
DQ29
13
A1
37
NC
61
DQ13
14
A2
38
NC
62
DQ30
15
A3
39
Vss
63
DQ14
16
A4
40
/CAS0
64
DQ31
17
A5
41
/CAS2
65
DQ15
18
A6
42
/CAS3
66
NC
19
A10
43
/CAS1
67
Vss
20
DQ4
44
/RAS0
68
PD2
21
DQ20
45
NC
69
PD3
22
DQ5
46
NC
70
PD4
23
DQ21
47
/WE
71
NC
24
DQ6
48
NC
72
Vss
16Mbyte(4Mx32) Fast Page Mode, 2K/4K Refresh 72Pin SIMM
Part No. HMD4M32M8G, HMD4M32M8AG
A0
– A11 : Address Input(4K Ref.)
A0
– A10 : Address Input(2K Ref.)
*Note : A11 is used for only HMD4M32M8AG
PIN ASSIGNMENT


Similar Part No. - HMD4M32M8G

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD4M32M8GL HANBIT-HMD4M32M8GL Datasheet
136Kb / 9P
   16Mbyte(4Mx32) Fast Page Mode, 4K Refresh 72Pin SIMM
HMD4M32M8GL-5 HANBIT-HMD4M32M8GL-5 Datasheet
136Kb / 9P
   16Mbyte(4Mx32) Fast Page Mode, 4K Refresh 72Pin SIMM
HMD4M32M8GL-6 HANBIT-HMD4M32M8GL-6 Datasheet
136Kb / 9P
   16Mbyte(4Mx32) Fast Page Mode, 4K Refresh 72Pin SIMM
More results

Similar Description - HMD4M32M8G

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD4M32M8GL HANBIT-HMD4M32M8GL Datasheet
136Kb / 9P
   16Mbyte(4Mx32) Fast Page Mode, 4K Refresh 72Pin SIMM
HMD4M32M2G HANBIT-HMD4M32M2G Datasheet
53Kb / 7P
   16Mbyte(4Mx32) 72-pin SIMM Fast Page Mode, 4K Refresh, 5V
HMD4M32M2VE HANBIT-HMD4M32M2VE Datasheet
52Kb / 6P
   16Mbyte(4Mx32) DRAM SIMM EDO MODE, 4K Refresh, 3.3V
HMD4M32M2EG HANBIT-HMD4M32M2EG Datasheet
54Kb / 7P
   16Mbyte(4Mx32) 72-pin SIMM EDO Mode, 4K Refresh, 5V
HMD4M36M9G HANBIT-HMD4M36M9G Datasheet
61Kb / 7P
   16Mbyte(4Mx36) Fast Page with Parity Mode, 2K/4K Refresh
HMD4M32M8EG HANBIT-HMD4M32M8EG Datasheet
53Kb / 6P
   16Mbyte(4Mx32) 72-pin EDO MODE, 2K/4K Ref. SIMM Design 5V
HMD1M32M2G HANBIT-HMD1M32M2G Datasheet
221Kb / 8P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD1M32M2GL HANBIT-HMD1M32M2GL Datasheet
223Kb / 7P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD4M36M9EG HANBIT-HMD4M36M9EG Datasheet
56Kb / 7P
   16Mbyte(4Mx36) 72-pin SIMM, EDO with Parity Mode, 2K/4K Ref. 5V
HMD2M32M4EAG HANBIT-HMD2M32M4EAG Datasheet
63Kb / 7P
   8Mbyte(2Mx32) EDO Mode, 1K Refresh 72Pin SIMM, 5V Design
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com