Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMD4M32M8EAG-6 Datasheet(PDF) 4 Page - Hanbit Electronics Co.,Ltd

Part # HMD4M32M8EAG-6
Description  16Mbyte(4Mx32) 72-pin EDO MODE, 2K/4K Ref. SIMM Design 5V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD4M32M8EAG-6 Datasheet(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  HMD4M32M8EAG-6 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD4M32M8EAG-6 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD4M32M8EAG-6 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD4M32M8EAG-6 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD4M32M8EAG-6 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD4M32M8EAG-6 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HANBit
HMD4M32M8EG/8EAG
URL:www.hbe.co.kr
HANBit Electronics Co.,Ltd.
REV. 1.0(August. 2002)
4
ICC4 : Fast Page Mode Current * (/RAS=VIL, /CAS, Address cycling @tPC=min )
ICC5 : Standby Current (/RAS=/CAS=Vcc-0.2V )
ICC6 : /CAS-Before-/RAS Refresh Current * (/RAS and /CAS cycling @tRC=min )
IIL : Input Leakage Current (Any input 0V ≤ VIN ≤ 6.5V, all other pins not under test = 0V)
IOL : Output Leakage Current (Data out is disabled, 0V ≤ VOUT ≤ 5.5V
VOH : Output High Voltage Level (IOH= -5mA )
VOL : Output Low Voltage Level (IOL = 4.2mA )
* NOTE: ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the
output open. ICC is specified as an average current. In ICC1 and ICC3, address cad be changed maximum once
while /RAS=VIL. In ICC4, address can be changed maximum once within one page mode cycle.
CAPACITANCE ( T
A=25
o
C, Vcc = 5V, f = 1Mz )
DESCRIPTION
SYMBOL
MIN
MAX
UNITS
Input Capacitance (A0-A10)
CIN1
-
64
pF
Input Capacitance (/WE)
C IN2
-
70
pF
Input Capacitance (/RAS0,/RAS2)
CIN3
-
42
pF
Input Capacitance (/CAS0-/CAS3)
CIN4
-
30
pF
Input/Output Capacitance (DQ0-31)
CDQ1
-
17
pF
AC CHARACTERISTICS ( 0
o
C
≤ T
A ≤ 70
oC , Vcc = 5V±10%, See notes 1,2.)
-5
-6
STANDARD OPERATION
SYMBOL
MIN
MAX
MIN
MAX
UNIT
Random read or write cycle time
tRC
90
110
ns
Access time from /RAS
tRAC
50
60
ns
Access time from /CAS
tCAC
13
15
ns
Access time from column address
tAA
25
30
ns
/CAS to output in Low-Z
tCLZ
3
3
ns
Output buffer turn-off delay from /CAS
tCEZ
3
13
3
15
ns
Transition time (rise and fall)
tT
2
50
2
50
ns
/RAS precharge time
tRP
30
40
ns
/RAS pulse width
tRAS
50
10K
60
10K
ns
/RAS hold time
tRSH
13
15
ns
/CAS hold time
tCSH
38
45
ns
/CAS pulse width
tCAS
8
10K
10
10K
ns
/RAS to /CAS delay time
tRCD
20
37
20
45
ns
/RAS to column address delay time
tRAD
15
25
15
30
ns
/CAS to /RAS precharge time
tCRP
5
5
ns
Row address set-up time
tASR
0
0
ns
Row address hold time
tRAH
10
10
ns
Column address set-up time
tASC
0
0
ns


Similar Part No. - HMD4M32M8EAG-6

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD4M32M8AG-5 HANBIT-HMD4M32M8AG-5 Datasheet
64Kb / 7P
   16Mbyte(4Mx32) Fast Page Mode, 2K/4K Refresh 72Pin SIMM
HMD4M32M8AG-6 HANBIT-HMD4M32M8AG-6 Datasheet
64Kb / 7P
   16Mbyte(4Mx32) Fast Page Mode, 2K/4K Refresh 72Pin SIMM
HMD4M32M8G HANBIT-HMD4M32M8G Datasheet
64Kb / 7P
   16Mbyte(4Mx32) Fast Page Mode, 2K/4K Refresh 72Pin SIMM
HMD4M32M8G-5 HANBIT-HMD4M32M8G-5 Datasheet
64Kb / 7P
   16Mbyte(4Mx32) Fast Page Mode, 2K/4K Refresh 72Pin SIMM
HMD4M32M8G-6 HANBIT-HMD4M32M8G-6 Datasheet
64Kb / 7P
   16Mbyte(4Mx32) Fast Page Mode, 2K/4K Refresh 72Pin SIMM
More results

Similar Description - HMD4M32M8EAG-6

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD4M32M2EG HANBIT-HMD4M32M2EG Datasheet
54Kb / 7P
   16Mbyte(4Mx32) 72-pin SIMM EDO Mode, 4K Refresh, 5V
HMD4M36M9EG HANBIT-HMD4M36M9EG Datasheet
56Kb / 7P
   16Mbyte(4Mx36) 72-pin SIMM, EDO with Parity Mode, 2K/4K Ref. 5V
HMD4M36M3EG HANBIT-HMD4M36M3EG Datasheet
53Kb / 6P
   16Mbyte(4Mx36) 72-pin SIMM EDO with Parity MODE, 4K Ref. 5V
HMD8M32M16EG HANBIT-HMD8M32M16EG Datasheet
66Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO MODE 2K Ref. SIMM Design 5V
HMD32M32M16EG HANBIT-HMD32M32M16EG Datasheet
96Kb / 7P
   128Mbyte (32Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD8M32M16EBG HANBIT-HMD8M32M16EBG Datasheet
89Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO MODE 2K Ref. SIMM Design 5V
HMD16M32M8EH HANBIT-HMD16M32M8EH Datasheet
88Kb / 9P
   64Mbyte (16Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD8M32M4EG HANBIT-HMD8M32M4EG Datasheet
61Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD4M32M2G HANBIT-HMD4M32M2G Datasheet
53Kb / 7P
   16Mbyte(4Mx32) 72-pin SIMM Fast Page Mode, 4K Refresh, 5V
HMD8M36M24EG HANBIT-HMD8M36M24EG Datasheet
158Kb / 7P
   32Mbyte(8Mx36) 72-pin EDO with Parity MODE 2K Ref. SIMM Design 5V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com