Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMD4M36M3EG-6 Datasheet(PDF) 6 Page - Hanbit Electronics Co.,Ltd

Part # HMD4M36M3EG-6
Description  16Mbyte(4Mx36) 72-pin SIMM EDO with Parity MODE, 4K Ref. 5V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD4M36M3EG-6 Datasheet(HTML) 6 Page - Hanbit Electronics Co.,Ltd

  HMD4M36M3EG-6 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD4M36M3EG-6 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD4M36M3EG-6 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD4M36M3EG-6 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD4M36M3EG-6 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD4M36M3EG-6 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
HANBit
HMD4M36M3EG
URL:www.hbe.co.kr
HANBit Electronics Co.,Ltd.
REV.1.0 (August.2002)
6
0.25 mm MAX
MIN
2.54 mm
1.27mm
Gold : 1.04
±0.10 mm
Solder:0.914
±0.10mm
PACKAGING INFORMATION
ORDERING INFORMATION
Part Number
Density
Org.
Package
Vcc
SPEED
HMD4M36M3EG-5
16MByte
4MX 36bit
72 Pin-SIMM
5.0V
50ns
HMD4M36M3EG-6
16MByte
4MX 36bit
72 Pin-SIMM
5.0V
60ns
MAX
5.08mm
1.29
±0.08 mm
10.16 mm
107.95 mm
95.25 mm
6.35 mm
R1.57
±10 mm
6.35mm
2.03mm
18.52mm
6.35 mm
101.19 mm
R1.57 mm
3.18
±0.51
3.38 mm


Similar Part No. - HMD4M36M3EG-6

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD4M36M9AG HANBIT-HMD4M36M9AG Datasheet
61Kb / 7P
   16Mbyte(4Mx36) Fast Page with Parity Mode, 2K/4K Refresh
HMD4M36M9AG-5 HANBIT-HMD4M36M9AG-5 Datasheet
61Kb / 7P
   16Mbyte(4Mx36) Fast Page with Parity Mode, 2K/4K Refresh
HMD4M36M9AG-6 HANBIT-HMD4M36M9AG-6 Datasheet
61Kb / 7P
   16Mbyte(4Mx36) Fast Page with Parity Mode, 2K/4K Refresh
HMD4M36M9EA HANBIT-HMD4M36M9EA Datasheet
56Kb / 7P
   16Mbyte(4Mx36) 72-pin SIMM, EDO with Parity Mode, 2K/4K Ref. 5V
HMD4M36M9EAG HANBIT-HMD4M36M9EAG Datasheet
56Kb / 7P
   16Mbyte(4Mx36) 72-pin SIMM, EDO with Parity Mode, 2K/4K Ref. 5V
More results

Similar Description - HMD4M36M3EG-6

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD4M36M9EG HANBIT-HMD4M36M9EG Datasheet
56Kb / 7P
   16Mbyte(4Mx36) 72-pin SIMM, EDO with Parity Mode, 2K/4K Ref. 5V
HMD8M36M6EG HANBIT-HMD8M36M6EG Datasheet
54Kb / 6P
   32Mbyte(8Mx36) 72-pin SIMM EDO with Parity Mode, 4K Ref. 5V
HMD4M32M8EG HANBIT-HMD4M32M8EG Datasheet
53Kb / 6P
   16Mbyte(4Mx32) 72-pin EDO MODE, 2K/4K Ref. SIMM Design 5V
HMD4M32M2EG HANBIT-HMD4M32M2EG Datasheet
54Kb / 7P
   16Mbyte(4Mx32) 72-pin SIMM EDO Mode, 4K Refresh, 5V
HMD1M36M3EG HANBIT-HMD1M36M3EG Datasheet
53Kb / 7P
   4Mbyte(1Mx36) 72-pin SIMM EDO with Parity MODE, 1K Ref. 5V
HMD8M36M6G HANBIT-HMD8M36M6G Datasheet
55Kb / 6P
   32Mbyte(8Mx36) 72-pin SIMM FP with Parity Mode, 4K Ref. 5V
HMD32M32M16EG HANBIT-HMD32M32M16EG Datasheet
96Kb / 7P
   128Mbyte (32Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD16M32M8EH HANBIT-HMD16M32M8EH Datasheet
88Kb / 9P
   64Mbyte (16Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD8M32M4EG HANBIT-HMD8M32M4EG Datasheet
61Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD8M36M24EG HANBIT-HMD8M36M24EG Datasheet
158Kb / 7P
   32Mbyte(8Mx36) 72-pin EDO with Parity MODE 2K Ref. SIMM Design 5V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com