Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMD4M36M9EAG Datasheet(PDF) 1 Page - Hanbit Electronics Co.,Ltd

Part # HMD4M36M9EAG
Description  16Mbyte(4Mx36) 72-pin SIMM, EDO with Parity Mode, 2K/4K Ref. 5V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD4M36M9EAG Datasheet(HTML) 1 Page - Hanbit Electronics Co.,Ltd

  HMD4M36M9EAG Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD4M36M9EAG Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD4M36M9EAG Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD4M36M9EAG Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD4M36M9EAG Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD4M36M9EAG Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMD4M36M9EAG Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HANBit
HMD4M36M9EG, HMD4M36M9EA
URL:www.hbe.co.kr
HANBit Electronics Co.,Ltd.
REV. 1.0. (August. 2002)
- 1 -
A0-A11 : Address Input (4K Ref.)
A0-A10 : Address Input (2K Ref)
*Note:A11 is used for only HMD4M36M9EA
GENERAL DESCRIPTION
The HMD4M36M9EG is a 4M x 36 bit dynamic RAM high-density memory module. The module HMD4M36M8E consists
of eight CMOS 4M x 4 bit DRAMs in 24-pin SOJ packages and one CMOS 4M x 4 bit Quad /CAS DRAM in 28-pin SOJ
package mounted on a 72-pin, double-sided, FR-4-printed circuit board.
A 0.1uF or 0.22uF decoupling capacitor is mounted on the printed circuit board for each DRAM. The module is a single In-
line memory module with edge connections and is intended for mounting in to 72-pin edge connector sockets.
All module components may be powered from a single 5V DC power supply and all inputs and outputs are TTL -compatible.
FEATURES
w Part Identification
HMD4M36M9E----2048 Cycles/32ms Ref. Solder
HMD4M36M9EG- 2048 Cycles/32ms Ref. Gold
HMD4M36M9EA----4096 Cycles/64ms Ref. Solder
HMD4M36M9EAG- 4096 Cycles/64ms Ref. Gold
w Access times : 50, 60ns
w High-density 16MByte design
w Single + 5V
±0.5V power supply
w JEDEC standard pinout
w EDO mode operation
w /CAS-before-/RAS refresh capability
w TTL compatible inputs and outputs
w FR4-PCB design
OPTIONS
MARKING
w Timing
50ns access
-5
60ns access
-6
w Packages
72-pin SIMM
M
PRESENCE DETECT PINS
Pin
50ns
60ns
PD1
Vss
Vss
PD2
NC
NC
PD3
Vss
NC
PD4
Vss
NC
PERFORMANCE RANGE
Speed
tRAC
tCAC
tRC
tHPC
5
50ns
13ns
90ns
26ns
6
60ns
15ns
110ns
30ns
PIN
SYMBOL
PIN
SYMBOL
PIN
SYMBOL
1
Vss
25
DQ24
49
DQ9
2
DQ0
26
DQ7
50
DQ27
3
DQ18
27
DQ25
51
DQ10
4
DQ1
28
A7
52
DQ28
5
DQ19
29
A11
53
DQ11
6
DQ2
30
Vcc
54
DQ29
7
DQ20
31
A8
55
DQ12
8
DQ3
32
A9
56
DQ30
9
DQ21
33
NC
57
DQ13
10
Vcc
34
/RAS2
58
DQ31
11
NC
35
DQ26
59
Vcc
12
A0
36
DQ8
60
DQ32
13
A1
37
DQ17
61
DQ14
14
A2
38
DQ35
62
DQ33
15
A3
39
Vss
63
DQ15
16
A4
40
/CAS0
64
DQ34
17
A5
41
/CAS2
65
DQ16
18
A6
42
/CAS3
66
NC
19
A10
43
/CAS1
67
Vss
20
DQ4
44
/RAS0
68
PD2
21
DQ22
45
NC
69
PD3
22
DQ5
46
NC
70
PD4
23
DQ23
47
/WE
71
NC
24
DQ6
48
NC
72
Vss
16Mbyte(4Mx36) 72-pin SIMM, EDO with Parity Mode, 2K/4K Ref. 5V
Part No.
HMD4M36M9EG , HMD4M36M9EAG
PIN ASSIGNMENT


Similar Part No. - HMD4M36M9EAG

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD4M36M9AG HANBIT-HMD4M36M9AG Datasheet
61Kb / 7P
   16Mbyte(4Mx36) Fast Page with Parity Mode, 2K/4K Refresh
HMD4M36M9AG-5 HANBIT-HMD4M36M9AG-5 Datasheet
61Kb / 7P
   16Mbyte(4Mx36) Fast Page with Parity Mode, 2K/4K Refresh
HMD4M36M9AG-6 HANBIT-HMD4M36M9AG-6 Datasheet
61Kb / 7P
   16Mbyte(4Mx36) Fast Page with Parity Mode, 2K/4K Refresh
HMD4M36M9G HANBIT-HMD4M36M9G Datasheet
61Kb / 7P
   16Mbyte(4Mx36) Fast Page with Parity Mode, 2K/4K Refresh
HMD4M36M9G-5 HANBIT-HMD4M36M9G-5 Datasheet
61Kb / 7P
   16Mbyte(4Mx36) Fast Page with Parity Mode, 2K/4K Refresh
More results

Similar Description - HMD4M36M9EAG

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD4M36M3EG HANBIT-HMD4M36M3EG Datasheet
53Kb / 6P
   16Mbyte(4Mx36) 72-pin SIMM EDO with Parity MODE, 4K Ref. 5V
HMD4M32M8EG HANBIT-HMD4M32M8EG Datasheet
53Kb / 6P
   16Mbyte(4Mx32) 72-pin EDO MODE, 2K/4K Ref. SIMM Design 5V
HMD8M36M6EG HANBIT-HMD8M36M6EG Datasheet
54Kb / 6P
   32Mbyte(8Mx36) 72-pin SIMM EDO with Parity Mode, 4K Ref. 5V
HMD8M36M24EG HANBIT-HMD8M36M24EG Datasheet
158Kb / 7P
   32Mbyte(8Mx36) 72-pin EDO with Parity MODE 2K Ref. SIMM Design 5V
HMD4M32M2EG HANBIT-HMD4M32M2EG Datasheet
54Kb / 7P
   16Mbyte(4Mx32) 72-pin SIMM EDO Mode, 4K Refresh, 5V
HMD1M36M3EG HANBIT-HMD1M36M3EG Datasheet
53Kb / 7P
   4Mbyte(1Mx36) 72-pin SIMM EDO with Parity MODE, 1K Ref. 5V
HMD4M36M9G HANBIT-HMD4M36M9G Datasheet
61Kb / 7P
   16Mbyte(4Mx36) Fast Page with Parity Mode, 2K/4K Refresh
HMD8M32M16EG HANBIT-HMD8M32M16EG Datasheet
66Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO MODE 2K Ref. SIMM Design 5V
HMD8M36M6G HANBIT-HMD8M36M6G Datasheet
55Kb / 6P
   32Mbyte(8Mx36) 72-pin SIMM FP with Parity Mode, 4K Ref. 5V
HMD8M32M16EBG HANBIT-HMD8M32M16EBG Datasheet
89Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO MODE 2K Ref. SIMM Design 5V
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com