Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCC5003DAWP Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # NCC5003DAWP
Description  BUSSED RESISTOR NETWORK
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

NCC5003DAWP Datasheet(HTML) 1 Page - California Micro Devices Corp

  NCC5003DAWP Datasheet HTML 1Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
6/2/2000
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
1
CALIFORNIA MICRO DEVICES
NCC
BUSSED RESISTOR NETWORK
California Micro Devices’ resistor arrays are the hybrid
equivalent to the bussed resistor networks available in
surface-mount packages. The resistors are spaced on
ten mil centers resulting in reduced real estate. These
C0970500
STANDARD NETWORK SCHEMATIC DIAGRAM
chips are manufactured using advanced thin film
processing techniques and are 100% electrically
tested and visually inspected.
R1
R4
R2
R5
R7
R3
R6
R8
60
90
N
O
I
T
A
N
G
I
S
E
D
R
E
B
M
U
N
T
R
A
P
C
C
N
3
0
0
5F
A
G
W
P
s
e
i
r
e
Se
u
l
a
Ve
c
n
a
r
e
l
o
TR
C
Ts
d
a
P
d
n
o
Bg
n
i
k
c
a
B
o
i
t
a
R
e
c
n
a
r
e
l
o
T
e
r
a
s
t
i
g
i
d
3
t
s
r
i
F%
5
.
0
±
=
Dm
p
p
0
0
1
±
=
r
e
t
t
e
L
o
Nd
l
o
G
=
Gd
l
o
G
=
W%
1
=
r
e
t
t
e
L
o
N
.
e
u
l
a
v
t
n
a
c
i
f
i
n
g
i
s%
1
±
=
Fm
p
p
0
5
±
=
Am
u
n
i
m
u
l
A
=
r
e
t
t
e
L
o
Nd
e
p
p
a
L
=
L%
5
.
0
=
P
-
s
e
r
p
e
r
t
i
g
i
d
t
s
a
L%
2
±
=
Gm
p
p
5
2
±
=
Br
e
h
ti
E
=
r
e
t
t
e
L
o
N
f
o
r
e
b
m
u
n
s
t
n
e
s%
5
±
=
J
s
e
t
a
c
i
d
n
i
R
.
s
o
r
e
z%
0
1
±
=
K
.
t
n
i
o
p
l
a
m
i
c
e
d%
0
2
±
=
M
S
N
O
I
T
A
C
I
F
I
C
E
P
S
L
A
C
I
R
T
C
E
L
E
r
e
t
e
m
a
r
a
P
s
n
o
i
t
i
d
n
o
C
t
s
e
T
R
C
TC
°
5
2
1
o
t
C
°
5
5
–C
/
m
p
p
0
0
1
±x
a
M
e
g
a
t
l
o
V
g
n
i
t
a
r
e
p
OC
°
5
2
1
o
t
C
°
5
5
–c
d
V
0
5x
a
M
)
r
o
t
s
i
s
e
r
r
e
p
(
g
n
i
t
a
R
r
e
w
o
P
)
C
°
0
5
1
@
0
o
t
y
l
r
a
e
n
il
e
t
a
r
e
D
(
C
°
0
7
@w
m
0
5x
a
M
k
c
o
h
S
l
a
m
r
e
h
TF
2
0
2
-
D
T
S
-
L
I
M
7
0
1
d
o
h
t
e
M@
%
5
2
.
0
±
∆Rx
a
M
e
r
u
s
o
p
x
E
e
r
u
t
a
r
e
p
m
e
T
h
g
i
Ht
n
e
i
b
m
A
C
°
0
5
1
@
s
r
H
0
0
1%
5
2
.
0
±
∆Rx
a
M
e
r
u
t
s
i
o
MF
2
0
2
-
D
T
S
-
L
I
M
6
0
1
d
o
h
t
e
M%
5
.
0
±
∆Rx
a
M
e
f
i
L
)
r
h
0
0
0
1
/
C
°
5
2
1
(
F
2
0
2
-
D
T
S
-
L
I
M
8
0
1
d
o
h
t
e
M%
5
.
0
±
∆Rx
a
M
e
s
i
o
NF
2
0
2
-
D
T
S
-
L
I
M
8
0
3
d
o
h
t
e
MB
d
5
3
–x
a
M
k
0
5
2
B
d
0
3
–x
a
M
d
a
o
l
r
e
v
O
e
m
i
T
t
r
o
h
S1
0
4
3
8
-
R
-
L
I
M%
5
2
.
0x
a
M
e
c
n
a
t
s
i
s
e
R
n
o
i
t
a
l
u
s
n
IC
°
5
2
@0
1
x
1
2
1
.
n
i
M
S
N
O
I
T
A
C
I
F
I
C
E
P
S
L
A
C
I
N
A
H
C
E
M
e
t
a
r
t
s
b
u
Sk
c
i
h
t
s
li
m
2
±
0
1
n
o
c
il
i
S
r
e
y
a
L
n
o
i
t
a
l
o
s
In
i
m
,
k
c
i
h
t
Å
0
0
0
,
0
1
2
0
i
S
g
n
i
k
c
a
B)
l
a
n
o
i
t
p
o
d
l
o
g
(
d
e
p
p
a
L
n
o
i
t
a
z
il
a
t
e
Mn
i
m
,
k
c
i
h
t
Å
0
0
0
,
0
1
m
u
n
i
m
u
l
A
)
l
a
n
o
i
t
p
o
d
l
o
g
Å
0
0
0
,
5
1
(
n
o
i
t
a
v
i
s
s
a
Pe
d
i
r
t
i
N
n
o
c
il
i
S
S
E
U
L
A
V
0
0
1
m
o
r
f
s
r
o
t
s
i
s
e
r
8
K
0
0
5
o
t
G
N
I
G
A
K
C
A
P
.
d
r
a
d
n
a
t
s
s
i
m
u
m
i
x
a
m
s
p
i
h
c
6
9
1
f
o
s
y
a
r
t
e
r
a
u
q
s
h
c
n
i
o
w
T
S
E
T
O
N
.
r
e
h
t
o
n
a
o
t
e
u
l
a
v
e
n
o
m
o
r
f
y
r
a
v
y
a
m
n
r
e
t
t
a
p
r
o
t
s
i
s
e
R
.
1
Formats
Die Size: 90±3 x 60±3 mils
Bonding Pads: 5x7 mils typical


Similar Part No. - NCC5003DAWP

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
NCC5 CIT-NCC5 Datasheet
252Kb / 3P
   CIT SWITCH
More results

Similar Description - NCC5003DAWP

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PRN101 CALMIRCO-PRN101 Datasheet
51Kb / 3P
   BUSSED RESISTOR NETWORK
logo
List of Unclassifed Man...
6943R10KA ETC2-6943R10KA Datasheet
144Kb / 3P
   Isolated, bussed and other circuits Thin film resistor network
694-3-R20KD ETC2-694-3-R20KD Datasheet
144Kb / 3P
   Isolated, bussed and other circuits Thin film resistor network
logo
Bourns Electronic Solut...
CAY17 BOURNS-CAY17 Datasheet
358Kb / 2P
   Bussed Resistor Array
CAY17 BOURNS-CAY17_11 Datasheet
385Kb / 2P
   Bussed Resistor Array
logo
Bi technologies
SQS16AXXXXFSLF13 BITECH-SQS16AXXXXFSLF13 Datasheet
104Kb / 3P
   Thin Film Resistor Network Isolated and Bussed Circuits RoHS compliant available
logo
TT Electronics.
SFN08A TTELEC-SFN08A Datasheet
85Kb / 3P
   Isolated and bussed circuits Thin film resistor network RoHS compliant available
logo
Bourns Electronic Solut...
CAY17-560JALF BOURNS-CAY17-560JALF Datasheet
385Kb / 2P
   Model CAY17 - Bussed Resistor Array
logo
KOA Speer Electronics, ...
CND KOA-CND Datasheet
444Kb / 2P
   bussed square corner resistor array
logo
List of Unclassifed Man...
694-3-R100KD ETC-694-3-R100KD Datasheet
144Kb / 3P
   Isolated, bussed and other circuits Thin film resistor network 0.300??PDIP packages
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com