Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMUSH2-4S Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMUSH2-4S
Description  SURFACE MOUNT ULTRAmini SILICON SCHOTTKY DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMUSH2-4S Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMUSH2-4S Datasheet HTML 1Page - Central Semiconductor Corp CMUSH2-4S Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
40
V
Continuous Forward Current
IF
200
mA
Peak Repetitive Forward Current
IFRM
300
mA
Forward Surge Current, tp=10ms
IFSM
600
mA
Power Dissipation
PD
250
mW
Operating and Storage
Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
500
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE:
(TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IR
VR=35V
170
500
nA
IR
VR=35V, TA=100°C
25
100
µA
BVR
IR=100µA40
55
V
VF
IF=100µA
240
260
mV
VF
IF=500µA
285
310
mV
VF
IF=1.0mA
305
330
mV
VF
IF=50mA
535
600
mV
VF
IF=100mA
670
750
mV
CT
VR=1.0V, f=1 MHz
10
pF
trr
IF=IR=10mA, Irr=1.0mA, RL=100Ω
5.0
ns
CMUSH2-4
CMUSH2-4A
CMUSH2-4C
CMUSH2-4S
SURFACE MOUNT
ULTRAmini™
SILICON SCHOTTKY DIODES
SOT-523 CASE
Central
Semiconductor Corp.
TM
R0 (31-January 2005)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMUSH2-4
Series types are Silicon Schottky Diodes, epoxy
molded in a ULTRAmini™ SOT-523 surface
mount package, designed for fast switching
applications requiring a low forward voltage drop.
CMUSH2-4:
SINGLE
MARKING CODE: C42
CMUSH2-4A:
DUAL, COMMON ANODE
MARKING CODE: C4A
CMUSH2-4C:
DUAL, COMMON CATHODE
MARKING CODE: C4C
CMUSH2-4S:
DUAL, IN SERIES
MARKING CODE: C4S


Similar Part No. - CMUSH2-4S

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMUSH2-4S CENTRAL-CMUSH2-4S Datasheet
483Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY DIODES
CMUSH2-4S CENTRAL-CMUSH2-4S Datasheet
494Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY DIODES
More results

Similar Description - CMUSH2-4S

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMKSH-3T CENTRAL-CMKSH-3T Datasheet
123Kb / 2P
   SURFACE MOUNT ULTRAmini TRIPLE ISOLATED SILICON SCHOTTKY DIODES
CMUD6263E CENTRAL-CMUD6263E Datasheet
151Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT ULTRAmini SILICON SCHOTTKY DIODES
CMKSH2-4LR CENTRAL-CMKSH2-4LR Datasheet
129Kb / 2P
   SURFACE MOUNT ULTRAmini TRIPLE ISOLATED SILICON LOW VF SCHOTTKY DIODES
CMKT5078 CENTRAL-CMKT5078 Datasheet
190Kb / 2P
   ULTRAmini. SURFACE MOUNT SILICON TRANSISTORS
CMKD4448 CENTRAL-CMKD4448 Datasheet
124Kb / 2P
   SURFACE MOUNT ULTRAmini TRIPLE ISOLATED HIGH SPEED SILICON SWITCHING DIODES
CMKD2836 CENTRAL-CMKD2836 Datasheet
123Kb / 2P
   SURFACE MOUNT ULTRAmini DUAL PAIR HIGH SPEED SWITCHING SILICON DIODES
CMKD6001 CENTRAL-CMKD6001 Datasheet
124Kb / 2P
   SURFACE MOUNT ULTRAmini TRIPLE ISOLATED LOW LEAKAGE SILICON SWITCHING DIODES
CMUT2222A CENTRAL-CMUT2222A Datasheet
103Kb / 2P
   ULTRAmini. SURFACE MOUNT NPN SILICON TRANSISTOR
CMUT2907A CENTRAL-CMUT2907A Datasheet
238Kb / 2P
   ULTRAmini. SURFACE MOUNT PNP SILICON TRANSISTOR
CMUSH2-4L CENTRAL-CMUSH2-4L Datasheet
125Kb / 2P
   SURFACE MOUNT ULTRAmini HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com