Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CO324 Datasheet(PDF) 4 Page - Ceramate Technical

Part # CO324
Description  Quad Ground Sense Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CO324 Datasheet(HTML) 4 Page - Ceramate Technical

  CO324 Datasheet HTML 1Page - Ceramate Technical CO324 Datasheet HTML 2Page - Ceramate Technical CO324 Datasheet HTML 3Page - Ceramate Technical CO324 Datasheet HTML 4Page - Ceramate Technical CO324 Datasheet HTML 5Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CO324
Quad Ground Sense Operational Amplifier
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 4 of 5
Rev 0.1 Apr. 28, 2003
20
15
10
5
0
100
1k
10k
100k
1M
FREQUENCY: f (Hz)
100k
VO
VIN
2k
1k
7V
15V
~
+
Fig.4 Maximum output voltage vs.
frequency
50
40
0
– 20
0
20
40
60
80
10
20
30
AMBIENT TEMPERATURE: Ta (
°C)
Fig.5 Input bias current vs. ambient
temperature
40
0
10
20
30
40
10
20
30
POWER SUPPLY VOLTAGE: V+ (V)
Fig.6 Input bias current vs. power supply
voltage
5
3
2
4
0
0.001
0.01
0.1
1.0
10
100
1
OUTPUT SOURCE CURRENT (mA)
Fig.7 Potential difference during
power supply output vs. output
source current
0.01
0.1
1.0
10
0.001
0.01
0.1
1.0
10
100
1000
OUTPUT SINK CURRENT: IO (mA)
Fig.8 Output voltage vs. output sink
current
RL
2k
VCC = 15V
4
3
2
1
0
0
020
40
60
80
1
2
3
TIME (
µs)
Fig.9 Output response characteristics


Similar Part No. - CO324

ManufacturerPart #DatasheetDescription
logo
Suzhou HangJing Electro...
CO32C6 HANGJING-CO32C6 Datasheet
303Kb / 1P
   OSCILLATOR UNIT WITH HCSL OUTPUT IN SMD 3.2X2.5MM CERAMIC SEAM SEAL
CO32D6 HANGJING-CO32D6 Datasheet
323Kb / 1P
   OSCILLATOR UNIT WITH LVDS OUTPUT IN SMD 3.2X2.5MM CERAMIC SEAM SEAL
CO32H4 HANGJING-CO32H4 Datasheet
428Kb / 1P
   OSCILLATOR UNIT WITH CMOS OUTPUT IN SMD 3.2X2.5MM CERAMIC SEAM SEAL
CO32P6 HANGJING-CO32P6 Datasheet
303Kb / 1P
   OSCILLATOR UNIT WITH LVPECL OUTPUT IN SMD 3.2X2.5MM CERAMIC SEAM SEAL
More results

Similar Description - CO324

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10324A ROHM-BA10324A Datasheet
61Kb / 5P
   Quad ground sense operational
BA2902F ROHM-BA2902F Datasheet
325Kb / 6P
   GROUND SENSE QUAD OPERATIONAL AMPLIFIERS
BA10324AF ROHM-BA10324AF Datasheet
266Kb / 5P
   GROUND SENSE QUAD OPERATIONAL AMPLIFIERS
BA10358 ROHM-BA10358 Datasheet
63Kb / 5P
   Dual ground sense operational amplifier
logo
Fairchild Semiconductor
RC3403A FAIRCHILD-RC3403A Datasheet
427Kb / 10P
   Ground Sensing Quad Operational Amplifier
logo
Rohm
TLR341G ROHM-TLR341G_16 Datasheet
4Mb / 55P
   Low Voltage Operation Ground Sense Operational Amplifier
TLR341G ROHM-TLR341G_V01 Datasheet
4Mb / 54P
   Low Voltage Operation Ground Sense Operational Amplifier
03.Feb.2016 Rev.004
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com