Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V53C1256164VAUT7EPC Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # V53C1256164VAUT7EPC
Description  256Mbit MOBILE SDRAM 2.5 VOLT FBGA PACKAGE 16M X 16
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

V53C1256164VAUT7EPC Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button V53C1256164VAUT7EPC Datasheet HTML 4Page - List of Unclassifed Manufacturers V53C1256164VAUT7EPC Datasheet HTML 5Page - List of Unclassifed Manufacturers V53C1256164VAUT7EPC Datasheet HTML 6Page - List of Unclassifed Manufacturers V53C1256164VAUT7EPC Datasheet HTML 7Page - List of Unclassifed Manufacturers V53C1256164VAUT7EPC Datasheet HTML 8Page - List of Unclassifed Manufacturers V53C1256164VAUT7EPC Datasheet HTML 9Page - List of Unclassifed Manufacturers V53C1256164VAUT7EPC Datasheet HTML 10Page - List of Unclassifed Manufacturers V53C1256164VAUT7EPC Datasheet HTML 11Page - List of Unclassifed Manufacturers V53C1256164VAUT7EPC Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
ProMOS TECHNOLOGIES
V55C2256164VB
8
V55C2256164VB Rev. 1.0 April 2005
Address Input for Mode Set (Mode Register Operation)
Similar to the page mode of conventional
DRAM’s, burst read or write accesses on any col-
umn address are possible once the RAS cycle
latches the sense amplifiers. The maximum tRAS or
the refresh interval time limits the number of random
column accesses. A new burst access can be done
even before the previous burst ends. The interrupt
operation at every clock cycles is supported. When
the previous burst is interrupted, the remaining ad-
dresses are overridden by the new address with the
full burst length. An interrupt which accompanies
with an operation change from a read to a write is
possible by exploiting DQM to avoid bus contention.
When
two
or
more
banks
are
activated
sequentially,
interleaved
bank
read
or
write
operations are possible. With the programmed
burst length, alternate access and precharge
operations on two or more banks can realize fast
serial data access modes among many different
pages. Once two or more banks are activated,
column to column interleave operation can be done
between different pages.
A12 ...
A3
A4
A2
A1
A0
A7
A6
A5
Address Bus (Ax)
BT
Burst Length
CAS Latency
Mode Register
CAS Latency
A6
A5
A4
Latency
0
0
0
Reserve
00
1
1
01
0
2
01
1
3
1
0
0
Reserve
1
0
1
Reserve
1
1
0
Reserve
1
1
1
Reserve
Burst Length
A2
A1
A0
Length
Sequential
Interleave
000
1
1
001
2
2
010
4
4
011
8
8
1
0
0
Reserve
Reserve
1
0
1
Reserve
Reserve
1
1
0
Reserve
Reserve
1
1
1
Full page
Reserve
Burst Type
A3
Type
0
Sequential
1
Interleave
Operation Mode
BA1 BA0 A12 A11 A10 A9 A8 A7
Mode
00000
0
0
0
Burst Read/Burst
Write
00000
1
0
0
Burst Read/Single
Write
Operation Mode
BA0
BA1


Similar Part No. - V53C1256164VAUT7EPC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C104 MOSEL-V53C104 Datasheet
1Mb / 19P
   HIGH PERFORMANCE, LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C104A MOSEL-V53C104A Datasheet
1Mb / 17P
   HIGH PERFORMANCE, LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C104AK MOSEL-V53C104AK Datasheet
1Mb / 17P
   HIGH PERFORMANCE, LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C104AK-100 MOSEL-V53C104AK-100 Datasheet
1Mb / 17P
   HIGH PERFORMANCE, LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C104AK-100L MOSEL-V53C104AK-100L Datasheet
1Mb / 17P
   HIGH PERFORMANCE, LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM
More results

Similar Description - V53C1256164VAUT7EPC

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMD56164P EMLSI-EMD56164P Datasheet
770Kb / 45P
   256M: 16M x 16 Mobile DDR SDRAM
logo
Mosel Vitelic, Corp
V54C3256164VALT6 MOSEL-V54C3256164VALT6 Datasheet
838Kb / 52P
   256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
V54C3256 MOSEL-V54C3256 Datasheet
853Kb / 52P
   256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
V54C3256164VBUC MOSEL-V54C3256164VBUC Datasheet
651Kb / 45P
   LOW POWER 256Mbit SDRAM 3.3 VOLT, 54-BALL SOC BGA 54-PIN TSOPII 16M X 16
logo
Samsung semiconductor
K4S560432B SAMSUNG-K4S560432B Datasheet
130Kb / 11P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S560432A SAMSUNG-K4S560432A Datasheet
127Kb / 10P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
logo
Mosel Vitelic, Corp
V826516K04S MOSEL-V826516K04S Datasheet
159Kb / 13P
   2.5 VOLT 16M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
logo
Integrated Silicon Solu...
IS43LR32640A ISSI-IS43LR32640A Datasheet
1Mb / 43P
   16M x 32Bits x 4Banks Mobile DDR SDRAM
logo
Hynix Semiconductor
H5MS5122DFR HYNIX-H5MS5122DFR Datasheet
2Mb / 62P
   Mobile DDR SDRAM 512Mbit (16M x 32bit)
logo
Emerging Memory & Logic...
EMD12324PV EMLSI-EMD12324PV Datasheet
938Kb / 46P
   512M: 16M x 32 Mobile DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com