Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CO8301 Datasheet(PDF) 2 Page - Ceramate Technical

Part # CO8301
Description  Stereo Headphone Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CO8301 Datasheet(HTML) 2 Page - Ceramate Technical

  CO8301 Datasheet HTML 1Page - Ceramate Technical CO8301 Datasheet HTML 2Page - Ceramate Technical CO8301 Datasheet HTML 3Page - Ceramate Technical CO8301 Datasheet HTML 4Page - Ceramate Technical CO8301 Datasheet HTML 5Page - Ceramate Technical CO8301 Datasheet HTML 6Page - Ceramate Technical CO8301 Datasheet HTML 7Page - Ceramate Technical CO8301 Datasheet HTML 8Page - Ceramate Technical CO8301 Datasheet HTML 9Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CO8301
(Preliminary)
Stereo Headphone Amplifier
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 2 of 9
Rev 0.1 Mar. 25, 2003
Block Diagram
1
2
4
3
5
6
7
8
9
10
POWER SAVE SWITCH CTL
MUTE CTL
REF
REF
REF
REF
PS
IN
A
GND
IN
B
REF
V
CC
OUT
B
GND
OUT
A
MUTE


Similar Part No. - CO8301

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CO8050 CANOPUS-CO8050 Datasheet
1Mb / 3P
   Electret Condenser Microphone (ECM)
logo
Raltron Electronics Cor...
CO8920A RALTRON-CO8920A Datasheet
43Kb / 1P
   HIGH FREQUENCY, LOW JITTER, SMD OSCILLATOR FOR GIGABIT ETHERNET APPLICATIONS
More results

Similar Description - CO8301

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Eutech Microelectronics...
EUA6211 EUTECH-EUA6211 Datasheet
821Kb / 1P
   Advanced Stereo Headphone Amplifier
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Texas Instruments
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
logo
Toshiba Semiconductor
TA2123AF TOSHIBA-TA2123AF Datasheet
427Kb / 20P
   1.5V Stereo Headphone Amplifier
logo
Global Mixed-mode Techn...
G1401 GMT-G1401 Datasheet
211Kb / 6P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com