Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP103 Datasheet(PDF) 4 Page - Ceramate Technical

Part # CP103
Description  Dual OP Amp And Voltage Reference
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP103 Datasheet(HTML) 4 Page - Ceramate Technical

  CP103 Datasheet HTML 1Page - Ceramate Technical CP103 Datasheet HTML 2Page - Ceramate Technical CP103 Datasheet HTML 3Page - Ceramate Technical CP103 Datasheet HTML 4Page - Ceramate Technical CP103 Datasheet HTML 5Page - Ceramate Technical CP103 Datasheet HTML 6Page - Ceramate Technical CP103 Datasheet HTML 7Page - Ceramate Technical CP103 Datasheet HTML 8Page - Ceramate Technical CP103 Datasheet HTML 9Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CP103
Dual OP Amp And Voltage Reference
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 4 of 9
Rev 1.1 Oct. 28,2004
Operating Conditions: VCC = +5V, TA= 25oC unless otherwise specified.
Electrical Characteristics
Parameter
Conditions
Min
Typ
Max
Unit
Total Supply Current, excluding Cur-
rent in Voltage Reference
VCC = 5V, no load, -40oC TA 105oC
0.15
0.25
mA
VCC = 30V, no load, -40oC TA 105oC
0.20
0.30
Voltage Reference Section
Reference Voltage
CP103G
IK = 10mA
TA = 25oC
2.49
2.50
2.51
V
-40oC
TA 105oC
2.48
2.50
2.52
CP103
TA = 25oC
2.475
2.50
2.525
V
-40oC
TA 105oC
2.45
2.50
2.55
Reference Voltage Deviation
Over Full Temperature Range
IK = 10mA, TA = -40 to 105oC
5
24
mV
Minimum Cathode Current
for Regulation
0.5
1
mA
Dynamic Impedance
IK = 1.0 to 80mA, f<1kHz
0.2
0.5
Op Amp 1 Section (VCC = 5V, VO = 1.4V, TA = 25oC, unless otherwise noted)
Input Offset Voltage
TA = 25oC
0.5
3
mV
TA = -40 to 105oC
5
Input Offset Voltage
Temperature Drift
TA = -40 to 105oC
7
µV/ oC
Input Bias Current (Inverting Input
Only)
TA = 25oC
20
150
nA
Large Signal Voltage Gain
VCC = 15V, RL = 2KΩ, VO = 1.4 to 11.4V
85
100
dB
Power Supply Rejection Ratio
VCC = 5 to 30V
70
90
dB
Output Current
Source
VCC = 15V, VID = 1V, VO =2V
20
40
mA
Sink
VCC = 15V, VID = -1V, VO = 2V
7
20
mA
Output Voltage Swing (High)
VCC = 30V, RL = 10KΩ, VID = 1V
27
28
V
Output Voltage Swing (Low)
VCC = 30V, RL = 10KΩ, VID = -1V
17
100
mV
Slew Rate
VCC = 18V, RL = 2kΩ, AV = 1,
VIN = 0.5 to 2V, CL = 100pF
0.2
0.5
V/
µ s
Unity Gain Bandwidth
VCC = 30V, RL = 2kΩ, CL = 100pF
0.7
1.0
MHz


Similar Part No. - CP103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP1030 ETC-CP1030 Datasheet
315Kb / 3P
   Transhield CP1000 Series
logo
CUI INC
CP103033 CUI-CP103033 Datasheet
757Kb / 6P
   PELTIER MODULE
CP1030336 CUI-CP1030336 Datasheet
1Mb / 8P
   PELTIER MODULE
11/09/2020
CP103040336 CUI-CP103040336 Datasheet
1Mb / 8P
   PELTIER MODULE
11/09/2020
logo
List of Unclassifed Man...
CP1030A ETC-CP1030A Datasheet
315Kb / 3P
   Transhield CP1000 Series
More results

Similar Description - CP103

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300_06 Datasheet
159Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4310 BCDSEMI-AP4310_06 Datasheet
140Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4300 BCDSEMI-AP4300 Datasheet
148Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310E DIODES-AP4310E Datasheet
402Kb / 9P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
BCD Semiconductor Manuf...
AP4310 BCDSEMI-AP4310 Datasheet
130Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4301 BCDSEMI-AP4301_06 Datasheet
160Kb / 13P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310A DIODES-AP4310A Datasheet
506Kb / 8P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Shenzhen Huazhimei Semi...
HM4310 HMSEMI-HM4310 Datasheet
507Kb / 6P
   Dual op AMP and voltage reference
logo
SeCoS Halbleitertechnol...
SPW8103S SECOS-SPW8103S Datasheet
749Kb / 4P
   Dual OP-AMP and 2.5V 0.7% Voltage Reference
logo
BCD Semiconductor Manuf...
AP4302 BCDSEMI-AP4302 Datasheet
154Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com