Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP494 Datasheet(PDF) 4 Page - Ceramate Technical

Part # CP494
Description  SWITCHMODE Pulse Width Modulation Control Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP494 Datasheet(HTML) 4 Page - Ceramate Technical

  CP494 Datasheet HTML 1Page - Ceramate Technical CP494 Datasheet HTML 2Page - Ceramate Technical CP494 Datasheet HTML 3Page - Ceramate Technical CP494 Datasheet HTML 4Page - Ceramate Technical CP494 Datasheet HTML 5Page - Ceramate Technical CP494 Datasheet HTML 6Page - Ceramate Technical CP494 Datasheet HTML 7Page - Ceramate Technical CP494 Datasheet HTML 8Page - Ceramate Technical CP494 Datasheet HTML 9Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CP494
SWITCHMODE Pulse Width Modulation Control Circuit
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 4 of 11
Rev 1.0 Apr.19,2004
Figure 1. Representative Block Diagram
Figure 2. Timing Diagram
6
RT
CT
5
4
Deadtime
Control
Oscillator
0.12V
0.7V
0.7mA
+
1
-
-
+
-
+
+
2
-
D
Q
Ck
-
+
+
-
3.5V
4.9V
13
Reference
Regulator
Q1
Q2
8
9
11
10
12
VCC
VCC
12
3
15
16
14
7
Error Amp
1
Feedback PWM
Comparator Input
Ref.
Output
Gnd
UV
Lockout
Flip-
Flop
Output Control
Error Amp
2
Deadtime
Comparator
PWM
Comparator
Q
Capacitor CT
Feedback/PWM Comp.
Deadtime Control
Flip-Flop
Clock Input
Flip-Flop
Q
Flip-Flop
Q
Output Q1
Emitter
Output Q2
Emitter
Output
Control
This device contains 46 active transistors.


Similar Part No. - CP494

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CP498-A++ SLPOWER-CP498-A+ Datasheet
720Kb / 7P
   Commercial/Medical International Linears
CP498-A+G SLPOWER-CP498-A+G Datasheet
374Kb / 7P
   DC Power Supplies
More results

Similar Description - CP494

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL494 ONSEMI-TL494 Datasheet
143Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
April, 2004 ??Rev. 5
logo
List of Unclassifed Man...
PJ494 ETC-PJ494 Datasheet
688Kb / 11P
   Switchmode Pulse Width Modulation Control Circuit
logo
Motorola, Inc
TL494 MOTOROLA-TL494 Datasheet
197Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
Estek Electronics Co. L...
ET-KA7500 ESTEK-ET-KA7500 Datasheet
478Kb / 4P
   SWITCHMODE Pulse Width Modulation Control Circuit
logo
First Components Intern...
TL494AP FCI-TL494AP Datasheet
205Kb / 7P
   Switchmode Pulse - Width - Modulation Control Circuit
logo
ON Semiconductor
TL494 ONSEMI-TL494_05 Datasheet
144Kb / 14P
   SWITCHMODE TM Pulse Width Modulation Control Circuit
June, 2005 ??Rev. 6
logo
Motorola, Inc
TL594 MOTOROLA-TL594 Datasheet
198Kb / 12P
   PRECISION SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
TL594 ONSEMI-TL594 Datasheet
145Kb / 12P
   Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
TL594 ONSEMI-TL594_10 Datasheet
151Kb / 12P
   Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
logo
First Components Intern...
TL494 FCI-TL494 Datasheet
634Kb / 11P
   Switchmode Pulse Width Modulation Control Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com