Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMD4M36M9AG-5 Datasheet(PDF) 6 Page - Hanbit Electronics Co.,Ltd

Part # HMD4M36M9AG-5
Description  16Mbyte(4Mx36) Fast Page with Parity Mode, 2K/4K Refresh
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD4M36M9AG-5 Datasheet(HTML) 6 Page - Hanbit Electronics Co.,Ltd

  HMD4M36M9AG-5 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD4M36M9AG-5 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD4M36M9AG-5 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD4M36M9AG-5 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD4M36M9AG-5 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD4M36M9AG-5 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMD4M36M9AG-5 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HANBiT
HMD4M36M9G, HMD4M36M9AG
URL:www.hbe.co.kr
- 6 -
HANBit Electronics Co.,Ltd.
REV.1.0 (August.2002)
TIMING DIAGRAM
Please refer to attached timing diagram chart (I)
PACKAGING INFORMATION
SIMM DESIGN
ORDERING INFORMATION
Part Number
Density
Org.
Package
Refresh
Cycle
Vcc
Speed
HMD4M36M9G-5
16MByte
4MX 36bit
72 Pin-SIMM
2,048 Cycles
32ms Ref.
5.0V
50ns
HMD4M36M9AG-5
16MByte
4MX 36bit
72 Pin-SIMM
4,096 Cycle
64ms Ref.
5.0V
50ns
HMD4M36M9G-6
16MByte
4MX 36bit
72 Pin-SIMM
2,048 Cycles
32ms Ref.
5.0V
60ns
HMD4M36M9AG-6
16MByte
4MX 36bit
72 Pin-SIMM
4,096 Cycle
64ms Ref.
5.0V
60ns
1.27
±0.08mm
0.25 mm MAX
2.54 mm MIN
1.27 mm
Gold : 1.04
±0.10 mm
Solder:0.914
±0.10mm


Similar Part No. - HMD4M36M9AG-5

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD4M36M9EA HANBIT-HMD4M36M9EA Datasheet
56Kb / 7P
   16Mbyte(4Mx36) 72-pin SIMM, EDO with Parity Mode, 2K/4K Ref. 5V
HMD4M36M9EAG HANBIT-HMD4M36M9EAG Datasheet
56Kb / 7P
   16Mbyte(4Mx36) 72-pin SIMM, EDO with Parity Mode, 2K/4K Ref. 5V
HMD4M36M9EAG-5 HANBIT-HMD4M36M9EAG-5 Datasheet
56Kb / 7P
   16Mbyte(4Mx36) 72-pin SIMM, EDO with Parity Mode, 2K/4K Ref. 5V
HMD4M36M9EAG-6 HANBIT-HMD4M36M9EAG-6 Datasheet
56Kb / 7P
   16Mbyte(4Mx36) 72-pin SIMM, EDO with Parity Mode, 2K/4K Ref. 5V
HMD4M36M9EG HANBIT-HMD4M36M9EG Datasheet
56Kb / 7P
   16Mbyte(4Mx36) 72-pin SIMM, EDO with Parity Mode, 2K/4K Ref. 5V
More results

Similar Description - HMD4M36M9AG-5

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD4M32M8G HANBIT-HMD4M32M8G Datasheet
64Kb / 7P
   16Mbyte(4Mx32) Fast Page Mode, 2K/4K Refresh 72Pin SIMM
HMD4M36M9EG HANBIT-HMD4M36M9EG Datasheet
56Kb / 7P
   16Mbyte(4Mx36) 72-pin SIMM, EDO with Parity Mode, 2K/4K Ref. 5V
HMD4M32M8GL HANBIT-HMD4M32M8GL Datasheet
136Kb / 9P
   16Mbyte(4Mx32) Fast Page Mode, 4K Refresh 72Pin SIMM
HMD4M36M3EG HANBIT-HMD4M36M3EG Datasheet
53Kb / 6P
   16Mbyte(4Mx36) 72-pin SIMM EDO with Parity MODE, 4K Ref. 5V
HMD4M32M2G HANBIT-HMD4M32M2G Datasheet
53Kb / 7P
   16Mbyte(4Mx32) 72-pin SIMM Fast Page Mode, 4K Refresh, 5V
HMD4M32M2VE HANBIT-HMD4M32M2VE Datasheet
52Kb / 6P
   16Mbyte(4Mx32) DRAM SIMM EDO MODE, 4K Refresh, 3.3V
HMD4M32M2EG HANBIT-HMD4M32M2EG Datasheet
54Kb / 7P
   16Mbyte(4Mx32) 72-pin SIMM EDO Mode, 4K Refresh, 5V
HMD4M32M8EG HANBIT-HMD4M32M8EG Datasheet
53Kb / 6P
   16Mbyte(4Mx32) 72-pin EDO MODE, 2K/4K Ref. SIMM Design 5V
logo
Hitachi Semiconductor
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
logo
Siemens Semiconductor G...
HYB5116405BJ-50- SIEMENS-HYB5116405BJ-50- Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com