Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMD4M64D16EV Datasheet(PDF) 4 Page - Hanbit Electronics Co.,Ltd

Part # HMD4M64D16EV
Description  32Mbyte(4Mx64) EDO Mode 4K Ref. 3.3V, DIMM 168 pin
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD4M64D16EV Datasheet(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  HMD4M64D16EV Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD4M64D16EV Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD4M64D16EV Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD4M64D16EV Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD4M64D16EV Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD4M64D16EV Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMD4M64D16EV Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMD4M64D16EV Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HANBiT
HMD4M64D16EV
URL:www.hbe.co.kr
- 4 -
HANBiT Electronics Co.,Ltd.
REV.1.0 (August.2002)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
Voltage on Any Pin Relative to Vss
VIN ,OUT
-0.5V to 4.6V
Voltage on Vcc Supply Relative to Vss
Vcc
-0.5V to 4.6V
Power Dissipation
PD
16W
Storage Temperature
TSTG
-55oC to 150oC
Short Circuit Output Current
IOS
50mA
w Permanent device damage may occur if " Absolute Maximum Ratings" are exceeded. Functional operation should be
restricted to the conditions as detailed in the operational sections of this data sheet.
Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
( Voltage reference to VSS, TA=0 to 70
o C )
PARAMETER
SYMBOL
MIN
TYP.
MAX
UNIT
Supply Voltage
Vcc
3.0
3.3
3.6
V
Ground
Vss
0
0
0
V
Input High Voltage
VIH
2.0
-
Vcc+0.3
V
Input Low Voltage
VIL
-0.3
-
0.8
V
DC AND OPERATING CHARACTERISTICS
(Recommended operating conditions unless otherwise noted)
HMD16M64D16EV(4K REF)
SYMBOL
SPEED
MIN
MAX
UNITS
-5
-
1870
mA
ICC1
-6
1600
mA
ICC2
Don't care
-
16
MA
-5
-
1870
mA
ICC3
-6
1600
mA
-5
-
1440
mA
ICC4
-6
1280
mA
ICC5
Don't care
-
8
MA
-5
-
1870
mA
ICC6
-6
1600
mA
Icc7
L
4000
µA
Iccs
L
3200
µA
ICC1 : Operating Current * (/RAS , /CAS , Address cycling @tRC=min.)
ICC2 : Standby Current ( /RAS=/CAS=VIH )
ICC3 : /RAS Only Refresh Current * ( /CAS=VIH, /RAS, Address cycling @tRC=min )


Similar Part No. - HMD4M64D16EV

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD4M64D16E HANBIT-HMD4M64D16E Datasheet
525Kb / 16P
   32Mbyte(4Mx64) EDO Mode 4K Ref. 5V, DIMM 168 pin
More results

Similar Description - HMD4M64D16EV

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD4M64D16E HANBIT-HMD4M64D16E Datasheet
525Kb / 16P
   32Mbyte(4Mx64) EDO Mode 4K Ref. 5V, DIMM 168 pin
HMD4M64D16V HANBIT-HMD4M64D16V Datasheet
523Kb / 16P
   32Mbyte(4Mx64) Fast Page Mode 4K Ref. 3.3V, DIMM 168 pin
HMD4M72D18EV HANBIT-HMD4M72D18EV Datasheet
524Kb / 16P
   32Mbyte(4Mx72) EDO Mode 4K Ref. 3.3V, DIMM 168 pin
HMD4M72D18EG HANBIT-HMD4M72D18EG Datasheet
525Kb / 16P
   32Mbyte(4Mx72) EDO Mode 4K Ref. 5V, DIMM 168 pin
HMD16M64D16EV HANBIT-HMD16M64D16EV Datasheet
73Kb / 8P
   128Mbyte(16Mx64) EDO Mode 4K/8K Ref. 3.3V, DIMM 168 pin
HMD4M72D18G HANBIT-HMD4M72D18G Datasheet
524Kb / 16P
   32Mbyte(4Mx72) Fast Page Mode 4K Ref. 5V, DIMM 168 pin
HSD4M64D4B HANBIT-HSD4M64D4B Datasheet
127Kb / 10P
   Synchronous DRAM Module 32Mbyte (4Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
HSD4M64B4 HANBIT-HSD4M64B4 Datasheet
87Kb / 11P
   Synchronous DRAM Module 32Mbyte (4Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD4M64B4W HANBIT-HSD4M64B4W Datasheet
81Kb / 10P
   Synchronous DRAM Module 32Mbyte(4Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HMD8M32M4EG HANBIT-HMD8M32M4EG Datasheet
61Kb / 7P
   32Mbyte(8Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com