Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP9743 Datasheet(PDF) 5 Page - Ceramate Technical

Part # CP9743
Description  2-Channel Switching Regulator Controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP9743 Datasheet(HTML) 5 Page - Ceramate Technical

  CP9743 Datasheet HTML 1Page - Ceramate Technical CP9743 Datasheet HTML 2Page - Ceramate Technical CP9743 Datasheet HTML 3Page - Ceramate Technical CP9743 Datasheet HTML 4Page - Ceramate Technical CP9743 Datasheet HTML 5Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CP9743
2-Channel Switching Regulator Controller
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 5 of 5
Rev 1.1 Apr,19 2004
External dimensions (Units: mm)
SOP16
0.3 ± 0.1
9
16
8
1
0.5
± 0.1
19.4
± 0.3
2.54
0
° ~ 15°
7.62
CP9743N
CP9743
DIP16
0.4
± 0.1
1.27
0.15
0.3Min.
1
16
10.0
± 0.2
8
9


Similar Part No. - CP9743

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP902015343H CUI-CP902015343H Datasheet
900Kb / 6P
   PELTIER MODULE
11/12/2020
CP9040335H6 CUI-CP9040335H6 Datasheet
900Kb / 6P
   PELTIER MODULE
11/12/2020
CP90626257 CUI-CP90626257 Datasheet
292Kb / 4P
   PELTIER MODULE
CP906262576 CUI-CP906262576 Datasheet
900Kb / 6P
   PELTIER MODULE
11/12/2020
CP90H CUI-CP90H Datasheet
292Kb / 4P
   PELTIER MODULE
More results

Similar Description - CP9743

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1104 AAT-AAT1104 Datasheet
360Kb / 11P
   2-CHANNEL SWITCHING REGULATOR CONTROLLER
logo
Rohm
BA9743AFV ROHM-BA9743AFV Datasheet
107Kb / 5P
   2-channel switching regulator controller
BD9853FV ROHM-BD9853FV Datasheet
370Kb / 6P
   2 Channel Switching Regulator Controller
BA9744FV ROHM-BA9744FV Datasheet
107Kb / 5P
   2-channel switching regulator controller
BA9741F ROHM-BA9741F_1 Datasheet
214Kb / 6P
   2-ch Switching Regulator Controller
BA9743AFV ROHM-BA9743AFV_1 Datasheet
295Kb / 6P
   2-ch Switching Regulator Controller
BA9744FV ROHM-BA9744FV_1 Datasheet
299Kb / 6P
   2-ch Switching Regulator Controller
logo
Sanyo Semicon Device
LV5654T SANYO-LV5654T Datasheet
123Kb / 10P
   4-Channel Switching Regulator Controller
LV5652T SANYO-LV5652T Datasheet
682Kb / 10P
   3-channel Switching Regulator Controller
LV5603T SANYO-LV5603T_08 Datasheet
134Kb / 12P
   Six-Channel Switching Regulator Controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com