Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPD05 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CPD05
Description  General Purpose Rectifier 1 Amp Glass Passivated Rectifier Chip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CPD05 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CPD05 Datasheet HTML 1Page - Central Semiconductor Corp CPD05 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
145 Adams Avenue
Hauppauge, NY 11788 USA
Tel: (631) 435-1110
Fax: (631) 435-1824
www.centralsemi.com
PRINCIPAL DEVICE TYPES
1N3611 thru 1N3614
1N4001 thru 1N4007
1N4245 thru 1N4249
1N5059 thru 1N5062
1N5391 thru 1N5399
1N5614 thru 1N5622
CMR1-02 Series
CMR1-02M Series
GEOMETRY
PROCESS DETAILS
BACKSIDE CATHODE
R2 (16-September 2003)
Process
GLASS PASSIVATED MESA
Die Size
50 x 50 MILS
Die Thickness
9.5 MILS
Anode Bonding Pad Area
34 x 34 MILS
Top Side Metalization
Au - 5,000Å
Back Side Metalization
Au - 2,000Å
GROSS DIE PER 4 INCH WAFER
4,520
Central
Semiconductor Corp.
TM
PROCESS
CPD05
General Purpose Rectifier
1 Amp Glass Passivated Rectifier Chip


Similar Part No. - CPD05

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD05 CENTRAL-CPD05_10 Datasheet
461Kb / 2P
   General Purpose Rectifier 1 Amp Glass Passivated Rectifier Chip
More results

Similar Description - CPD05

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD05 CENTRAL-CPD05_10 Datasheet
461Kb / 2P
   General Purpose Rectifier 1 Amp Glass Passivated Rectifier Chip
CPD06 CENTRAL-CPD06 Datasheet
217Kb / 2P
   General Purpose Rectifier 3 Amp Glass Passivated Rectifier Chip
CPD06 CENTRAL-CPD06_10 Datasheet
397Kb / 2P
   General Purpose Rectifier 3 Amp Glass Passivated Rectifier Chip
CPD07 CENTRAL-CPD07 Datasheet
211Kb / 2P
   General Purpose Rectifier 8 Amp Glass Passivated Rectifier Chip
CPD69 CENTRAL-CPD69 Datasheet
405Kb / 2P
   1 Amp Glass Passivated Rectifier Chip
CPD04 CENTRAL-CPD04_10 Datasheet
461Kb / 2P
   General Purpose Rectifier 500mA Glass Passivated Rectifier Chip
CPD16 CENTRAL-CPD16_10 Datasheet
394Kb / 2P
   Ultra Fast Rectifier 1 Amp Glass Passivated Rectifier Chip
CPD04 CENTRAL-CPD04 Datasheet
215Kb / 2P
   General Purpose Rectifier 500 mA Glass Passivated Rectifier Chip
CPR4-020 CENTRAL-CPR4-020_15 Datasheet
77Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE RECTIFIER
logo
Microdiode Electronics ...
1N4001SG CHENDA-1N4001SG_V01 Datasheet
615Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com