Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRSH1 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CRSH1
Description  SCHOTTKY BARRIER RECTIFIER 1.0 AMPS, 20 THRU 100 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CRSH1 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CRSH1 Datasheet HTML 1Page - Central Semiconductor Corp CRSH1 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CRSH1 SERIES
SCHOTTKY RECTIFIER
CRSH1 SERIES RATING AND CHARACTERISTIC CURVES
R1
Mechanical Drawing: DO-41
A
D
D
B
C
Forward Current Derating Curve
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
TL, Lead Temperature (°C)
Single Phase Half Wave
60Hz Resistive or Inductive
Load 0.375" 9.5mm Lead Lengths
Typical Forward Voltage
0.1
1
10
00.5
11.5
VF, Forward Voltage (V)
CRSH1-20,30,40
CRSH1-50,60
CRSH1-80,100
TJ = 25°C
Pulse Width = 300µs
1% Duty Cycle
MIN
MAX
MIN
MAX
A
0.028
0.034
0.71
0.86
B
0.160
0.205
4.06
5.21
C
0.080
0.107
2.03
2.72
D
1.000
-
25.40
-
DO-41 (REV: R1)
DIMENSIONS
SYMBOL
INCHES
MILLIMETERS


Similar Part No. - CRSH1

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CRSH1-10 CENTRAL-CRSH1-10 Datasheet
140Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
CRSH1-2 CENTRAL-CRSH1-2 Datasheet
140Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
CRSH1-3 CENTRAL-CRSH1-3 Datasheet
140Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
CRSH1-4 CENTRAL-CRSH1-4 Datasheet
140Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
CRSH1-5 CENTRAL-CRSH1-5 Datasheet
140Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - CRSH1

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSH1-20M CENTRAL-CMSH1-20M Datasheet
121Kb / 2P
   SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 20 THRU 100 VOLTS
CMSH1-20 CENTRAL-CMSH1-20 Datasheet
310Kb / 2P
   SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 20 THRU 100 VOLTS
CRSH2 CENTRAL-CRSH2 Datasheet
263Kb / 2P
   SCHOTTKY BARRIER RECTIFIER 2.0 AMPS, 20 THRU 100 VOLTS
CRSH3 CENTRAL-CRSH3 Datasheet
72Kb / 2P
   SCHOTTKY BARRIER RECTIFIER 3.0 AMPS, 20 THRU 60 VOLTS
CMSH1-20M CENTRAL-CMSH1-20M Datasheet
86Kb / 2P
   SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 20 THRU 60 VOLTS
CMSH2-20-1 CENTRAL-CMSH2-20-1 Datasheet
55Kb / 2P
   SCHOTTKY BARRIER RECTIFIER 2.0 AMP, 20 THRU 100 VOLTS
logo
Micro Commercial Compon...
MBRX120 MCC-MBRX120 Datasheet
113Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
1S20 MCC-1S20 Datasheet
86Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
1S20 MCC-1S20_11 Datasheet
448Kb / 4P
   1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
RB491DS MCC-RB491DS Datasheet
216Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com