Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATV5000-30KC Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATV5000-30KC
Description  High Density UV Erasable Programmable Logic Device
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV5000-30KC Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATV5000-30KC Datasheet HTML 5Page - ATMEL Corporation ATV5000-30KC Datasheet HTML 6Page - ATMEL Corporation ATV5000-30KC Datasheet HTML 7Page - ATMEL Corporation ATV5000-30KC Datasheet HTML 8Page - ATMEL Corporation ATV5000-30KC Datasheet HTML 9Page - ATMEL Corporation ATV5000-30KC Datasheet HTML 10Page - ATMEL Corporation ATV5000-30KC Datasheet HTML 11Page - ATMEL Corporation ATV5000-30KC Datasheet HTML 12Page - ATMEL Corporation ATV5000-30KC Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Using The ATV5000
The ATV5000’s simple, regular architecture means that only
simple logic compilers are required to configure the device. No
layout or route and place are required. These software tools are
readily available from companies such as Data I/O Corporation
(ABEL
™), Logical Devices (CUPL™), MINC Inc. (PLDes-
igner-XL
™), and ISDATA (LOGiC™).
The first step in designing a device as complex as the ATV5000
is to partition your design into manageable blocks. These blocks
are then allocated proportionally to each of the four quadrants of
the ATV5000. Random gates can be described either with
boolean equations (a behavioral description) or with a schematic
editor. Truth table logic and state machines are best described
behaviorially and entered with a text editor. The design is then
combined into one ASCII file, which is then submitted to the
logic compiler. Compilation, logic reduction, simulation,
JEDEC file creation and documentation are then completed by
all of the popular compilers.
Assignment of signals to pins or buried nodes as well as select-
ing the various options of the ATV5000 (such as register clocks
and input latches) can be done manually in the design data base
file, or an automatic fitter may be used.
A logic fitter assigns pins and nodes to make best use of the
features in the ATV5000, and frees the designer from being re-
quired to learn all of the features of a complex device such as the
ATV5000. For further information on fitters for the ATV5000,
contact Atmel’s PLD applications department.
After correcting any syntax and logic errors discovered by the
compiler, the JEDEC file is ready to download to an PLD pro-
grammer. These are available from a number of manufacturers.
Programmed devices are usually first tested in the programmer
with your supplied test vectors. The next step is check out your
"custom chip" in the target system. When this hardware debug
step is complete, your system is ready to go— all in a matter of
hours.
ABEL
™, CUPL™, PLDesigner-XL™ and LOGiC™ may be
trademarks of others.
RANDOM
GATES
PA RTITION D ESIGN
INT O MANAGABLE P IECES
S TAT E
MACHINES
TRUTH
TABLES
SCHEMATIC
EDIT OR
TEXT
EDIT OR
DESIGN DATA BASE
(ASCII FILE)
TRANSFER JEDEC F ILE
AND P ROGRAM
COMPILE AND S IMULAT E
HARDWARE TEST
SHIP IT!
E RRORS ?
E RRORS ?
E RRORS ?
E RRORS ?
CORRE CT
Design Flow Diagram
Power Up Reset
The registers in the ATV5000 are designed to reset during
power up. At a point delayed slightly from VCC crossing 3.8 V,
all registers will be reset to the low state. The output state will
depend on the polarity of the output buffer.
This feature is critical for state machine initialization. However,
due to the asynchronous nature of reset and the uncertainty of
how VCC actually rises in the system, the following conditions
are required:
1) The VCC rise must be monotonic,
2) After reset occurs, all input and feedback setup times must be
met before driving the clock term high, and
3) The signals from which the clock is derived must remain sta-
ble during tPR.
Parameter
Description
Min
Typ
Max
Units
tPR
Power-Up
Reset Time
600
1000
ns
ATV5000/L
1-201


Similar Part No. - ATV5000-30KC

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ATV50C110-HF COMCHIP-ATV50C110-HF Datasheet
124Kb / 6P
   SMD Transient Voltage Suppressor
More results

Similar Description - ATV5000-30KC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
   High-performance, High-density, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10C ATMEL-ATF22LV10C Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com