Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATV5000-30KM-883 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATV5000-30KM-883
Description  High Density UV Erasable Programmable Logic Device
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV5000-30KM-883 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATV5000-30KM-883 Datasheet HTML 1Page - ATMEL Corporation ATV5000-30KM-883 Datasheet HTML 2Page - ATMEL Corporation ATV5000-30KM-883 Datasheet HTML 3Page - ATMEL Corporation ATV5000-30KM-883 Datasheet HTML 4Page - ATMEL Corporation ATV5000-30KM-883 Datasheet HTML 5Page - ATMEL Corporation ATV5000-30KM-883 Datasheet HTML 6Page - ATMEL Corporation ATV5000-30KM-883 Datasheet HTML 7Page - ATMEL Corporation ATV5000-30KM-883 Datasheet HTML 8Page - ATMEL Corporation ATV5000-30KM-883 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Features
Advanced Programmable Logic Device - High Gate Utilization
Flexible Interconnect Architecture - Universal Routing
Flexible Logic Cells - 128 Flip-Flops and 52 Latches
Multiple Flip-Flop Types - Synchronous or Asynchronous Registers
High Speed - 50 MHz Operation
Complete Third Party Software Support
No Placement, Routing or Layout Software Required
Proven and Reliable High Speed CMOS EPROM Process
2000 V ESD Protection
200 mA Latchup Immunity
Reprogrammable - Tested 100% for Programmability
Commercial, Industrial and Military Temperature Grades
UNIVERSAL
AND
REGIONAL
INTERCONNECT
52 INPUT
LATCHES
52 LOGIC CELLS
(104 FLIP-FLOPS)
24 BURIED CELLS
(24 FLIP-FLOPS)
8
INPUT
PINS
52
I/O
PINS
Block Diagram
Chip Carrier
Pin Configuration
Pin Name
Function
IN
Logic and Clock Inputs
Pins 2,32,36,66
Input/Register Clocks 1-4
Pins 1,34,35,68
Input/Latch Clocks 1-4
I/O
Bidirectional Buffers
VCC
+5 V Supply
High Density
UV Erasable
Programmable
Logic Device
Description
The Atmel V5000 is an easy to use, high density programmable logic device. Its simple, regu-
lar architecture translates into increased utilization and high performance.
The ATV5000 has one programmable combinatorial logic array. This guarantees easy inter-
connection of and uniform performance from all nodes. "Sum terms", which are easy to use
groupings of AND-OR gates, provide combinatorial logic blocks. Sum terms can be wire-
OR’d together to integrate larger logic blocks. To expand the levels of logic, buried sum terms
feed back into the logic array. The 52 I/O pins can each be driven by a register or a sum term.
Each I/O pin has an individually enabled input latch.
All 128 registers are configurable as D- or T-types without using extra logic gates. Individual
sum terms, asynchronous presets, resets and clocks give each flip-flop added flexibility. A
direct "clock from pin" option guarantees synchronization and fast clock to output perform-
ance.
Standard, off-the-shelf third-party software tools and programmers support the ATV5000.
This minimizes start-up investment and improves product support.
I/Os
GND
I/Os
VCC
I/Os
I/Os
VCC
I/Os
GND
I/Os
18
52
35
1
I/Os
I/Os
VCC
GND
IN
IN
GND
VCC
IN
I/Os
I/Os
IN
JLCC
0065B
ATV5000/L
1-193


Similar Part No. - ATV5000-30KM-883

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ATV50C110-HF COMCHIP-ATV50C110-HF Datasheet
124Kb / 6P
   SMD Transient Voltage Suppressor
More results

Similar Description - ATV5000-30KM-883

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
   High-performance, High-density, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10C ATMEL-ATF22LV10C Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com