Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADP-064908-131000 Datasheet(PDF) 7 Page - Tyco Electronics

Part # MADP-064908-131000
Description  Surface Mount Monolithic Integrated PIN Diode Chip
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MADP-064908-131000 Datasheet(HTML) 7 Page - Tyco Electronics

  MADP-064908-131000 Datasheet HTML 1Page - Tyco Electronics MADP-064908-131000 Datasheet HTML 2Page - Tyco Electronics MADP-064908-131000 Datasheet HTML 3Page - Tyco Electronics MADP-064908-131000 Datasheet HTML 4Page - Tyco Electronics MADP-064908-131000 Datasheet HTML 5Page - Tyco Electronics MADP-064908-131000 Datasheet HTML 6Page - Tyco Electronics MADP-064908-131000 Datasheet HTML 7Page - Tyco Electronics MADP-064908-131000 Datasheet HTML 8Page - Tyco Electronics MADP-064908-131000 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Surface Mount Monolithic Integrated PIN Diode Chip:
0604 Unconnected Double Tee
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
7
MADP-064908-131000
SurmountTMPINChipV1
RF Truth Table for Absorptive SPST using + 5V, – 5V Power Supplies
RF State
TTL Value
B1 Diode Bias
J1 – J2 Low Loss
0
- 1.8 V @ -20 mA
J1–J2 Isolation
1
+ 2.7 V @ + 20 mA
Notes:
1. Diode Forward Voltage Differential (
∆ Vf ) @ 20 mA = 0.9 V
2. Diode Rs @ 20 mA = 3.5
3. Insertion Loss Diode Bias = ( – 1.8 V ) @ -20 mA from a Constant Current Source
4. Off Isolation Diode Back Bias Voltage through (2) Diodes = | – ( +2.7 V – 0 V ) | = | – 2.7 V |.


Similar Part No. - MADP-064908-131000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-064908-131000 MA-COM-MADP-064908-131000 Datasheet
156Kb / 7P
   Unconnected Double Tee
MADP-064908-131000 MA-COM-MADP-064908-131000 Datasheet
156Kb / 7P
   Unconnected Double Tee
MADP-064908-131000 MA-COM-MADP-064908-131000_15 Datasheet
156Kb / 7P
   Surmount PIN Chip
More results

Similar Description - MADP-064908-131000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4SPS402 MACOM-MA4SPS402 Datasheet
50Kb / 3P
   Surface Mount Monolithic PIN Diode Chip
MA4SPS502 MACOM-MA4SPS502 Datasheet
126Kb / 3P
   Surface Mount Monolithic PIN Diode Chip
MA4SPS302 MACOM-MA4SPS302 Datasheet
407Kb / 3P
   Surface Mount Monolithic PIN Diode Chip
MA4SPS552 MACOM-MA4SPS552 Datasheet
155Kb / 6P
   Surface Mount Monolithic PIN Diode Chip
MA4SW101 MACOM-MA4SW101 Datasheet
319Kb / 4P
   Surface Mount Monolithic PIN Diode Switches
MA4SW101-287T MACOM-MA4SW101-287T Datasheet
106Kb / 4P
   Surface Mount Monolithic PIN Diode Switches
logo
Pan Jit International I...
MMVL3401 PANJIT-MMVL3401 Datasheet
71Kb / 3P
   SURFACE MOUNT PIN DIODE
MMVL3700 PANJIT-MMVL3700 Datasheet
79Kb / 3P
   SURFACE MOUNT PIN DIODE
logo
Skyworks Solutions Inc.
SMP1345-087LF SKYWORKS-SMP1345-087LF Datasheet
339Kb / 6P
   Surface Mount PIN Diode
June 18, 2013
logo
Pan Jit International I...
MMVL3401TG PANJIT-MMVL3401TG Datasheet
96Kb / 3P
   SURFACE MOUNT PIN DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com