Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADP-064908-131000 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MADP-064908-131000
Description  Surface Mount Monolithic Integrated PIN Diode Chip
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MADP-064908-131000 Datasheet(HTML) 3 Page - Tyco Electronics

  MADP-064908-131000 Datasheet HTML 1Page - Tyco Electronics MADP-064908-131000 Datasheet HTML 2Page - Tyco Electronics MADP-064908-131000 Datasheet HTML 3Page - Tyco Electronics MADP-064908-131000 Datasheet HTML 4Page - Tyco Electronics MADP-064908-131000 Datasheet HTML 5Page - Tyco Electronics MADP-064908-131000 Datasheet HTML 6Page - Tyco Electronics MADP-064908-131000 Datasheet HTML 7Page - Tyco Electronics MADP-064908-131000 Datasheet HTML 8Page - Tyco Electronics MADP-064908-131000 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Surface Mount Monolithic Integrated PIN Diode Chip:
0604 Unconnected Double Tee
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
3
MADP-064908-131000
SurmountTMPINChipV1
Assembly Guidelines
Handling
All semiconductor chips should be handled with care to avoid damage or contamination from perspiration and
skin oils. The use of plastic tipped tweezers or vacuum pickups is strongly recommended for individual
components. Bulk handling should insure that abrasion and mechanical shock are minimized.
Bonding
Attachment to a circuit board is made simple through the use of surface mount technology. Mounting pads are
conveniently located on the bottom surface of these devices and are removed from the active junction locations.
These devices are well suited for solder attachment onto hard and soft substrates. The use of
80 Au / 20 Sn or Sn 60 / Pb 40 solder is recommended. Conductive silver epoxy for die attachment, approximately
2 mils in uniform thickness may also be used for lower Incident power applications ( < 1 W Average Power ).
When soldering these devices to a hard substrate, hot gas die bonding is preferred. We recommend utilizing a
vacuum tip and force of 60 to 100 grams applied normal to the top surface of the device. When soldering to soft
substrates, it is recommended to use a lead-tin interface at the circuit board mounting pads. Position the die so
that its mounting pads are aligned with the circuit board mounting pads and reflow the solder by heating the
circuit trace near the mounting pad while applying 60 to 100 grams of force perpendicular to the top surface of
the die. The solder joint must Not be made one at a time, creating un-equal heat flow and thermal stress. Solder
reflow should Not be performed by causing heat to flow through the top surface of the die. Since the HMIC glass
is transparent, the edges of the mounting pads closest to each other can be visually inspected through the die
after attach is completed.
A typical profile for a Sn 60/ Pb 40 Soldering process is provided in Application Note, “ M538 ” ,
“ Surface Mounting Instructions “ on the MA-COM website www.macom.com


Similar Part No. - MADP-064908-131000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-064908-131000 MA-COM-MADP-064908-131000 Datasheet
156Kb / 7P
   Unconnected Double Tee
MADP-064908-131000 MA-COM-MADP-064908-131000 Datasheet
156Kb / 7P
   Unconnected Double Tee
MADP-064908-131000 MA-COM-MADP-064908-131000_15 Datasheet
156Kb / 7P
   Surmount PIN Chip
More results

Similar Description - MADP-064908-131000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4SPS402 MACOM-MA4SPS402 Datasheet
50Kb / 3P
   Surface Mount Monolithic PIN Diode Chip
MA4SPS502 MACOM-MA4SPS502 Datasheet
126Kb / 3P
   Surface Mount Monolithic PIN Diode Chip
MA4SPS302 MACOM-MA4SPS302 Datasheet
407Kb / 3P
   Surface Mount Monolithic PIN Diode Chip
MA4SPS552 MACOM-MA4SPS552 Datasheet
155Kb / 6P
   Surface Mount Monolithic PIN Diode Chip
MA4SW101 MACOM-MA4SW101 Datasheet
319Kb / 4P
   Surface Mount Monolithic PIN Diode Switches
MA4SW101-287T MACOM-MA4SW101-287T Datasheet
106Kb / 4P
   Surface Mount Monolithic PIN Diode Switches
logo
Pan Jit International I...
MMVL3401 PANJIT-MMVL3401 Datasheet
71Kb / 3P
   SURFACE MOUNT PIN DIODE
MMVL3700 PANJIT-MMVL3700 Datasheet
79Kb / 3P
   SURFACE MOUNT PIN DIODE
logo
Skyworks Solutions Inc.
SMP1345-087LF SKYWORKS-SMP1345-087LF Datasheet
339Kb / 6P
   Surface Mount PIN Diode
June 18, 2013
logo
Pan Jit International I...
MMVL3401TG PANJIT-MMVL3401TG Datasheet
96Kb / 3P
   SURFACE MOUNT PIN DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com