Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURD550PFT4G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MURD550PFT4G
Description  SWITCHMODE Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURD550PFT4G Datasheet(HTML) 1 Page - ON Semiconductor

  MURD550PFT4G Datasheet HTML 1Page - ON Semiconductor MURD550PFT4G Datasheet HTML 2Page - ON Semiconductor MURD550PFT4G Datasheet HTML 3Page - ON Semiconductor MURD550PFT4G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
January, 2005 − Rev. 0
1
Publication Order Number:
MURD550PF/D
MURD550PF
Preferred Device
SWITCHMODEt
Power Rectifier
DPAK Surface Mount Package
These state−of−the−art devices are designed for power factor
correction in discontinuous and critical conduction mode.
Features
Low Forward Voltage Drop
Low Leakage
Ultrafast 95 Nanosecond Recovery Time
Reduces Forward Conduction Loss
Pb−Free Package is Available
Mechanical Characteristics
Case: Epoxy, Molded
Epoxy Meets UL 94 V−0 @ 0.125 in
Weight: 0.4 Gram (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Available in 16 mm Tape and Reel, 2500 Units Per Reel,
by Adding a “T4’’ Suffix to the Part Number
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
500
V
Average Rectified Forward Current
(Rated VR, TC = 160°C)
IF(AV)
5.0
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load
Conditions Halfwave, 60 Hz)
IFSM
75
A
Operating Junction Temperature Range
TJ
−65 to +175
°C
Storage Temperature Range
Tstg
−65 to +175
°C
ESD Ratings:
Machine Model = C
Human Body Model = 3B
ESD
> 400
>8000
V
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
ULTRAFAST RECTIFIER
5.0 AMPERES, 500 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
4
1
3
DPAK
CASE 369C
MARKING
DIAGRAM
Y
= Year
WW = Work Week
1 2
3
4
YWW
U
550
Device
Package
Shipping
ORDERING INFORMATION
MURD550PFT4
DPAK
2500/Tape & Reel
MURD550PFT4G
DPAK
(Pb−Free)
2500/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
Pin 1: No Connect
http://onsemi.com


Similar Part No. - MURD550PFT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURD550PFT4G ONSEMI-MURD550PFT4G Datasheet
82Kb / 8P
   SWITCHMODE Power Rectifier
February, 2006 ??Rev. 2
MURD550PFT4G ONSEMI-MURD550PFT4G Datasheet
155Kb / 8P
   SWITCHMODE Power Rectifier
January, 2012 ??Rev. 8
MURD550PFT4G ONSEMI-MURD550PFT4G Datasheet
351Kb / 13P
   Switch-mode Power Rectifier
August, 2020 - Rev. 11
More results

Similar Description - MURD550PFT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR3045PT ONSEMI-MBR3045PT Datasheet
64Kb / 4P
   SWITCHMODE Power Rectifier
February, 2006 ??Rev. 3
MBRD835L ONSEMI-MBRD835L_10 Datasheet
113Kb / 5P
   SWITCHMODE Power Rectifier
July, 2010 ??Rev. 9
MBR3045ST ONSEMI-MBR3045ST_11 Datasheet
106Kb / 5P
   SWITCHMODE??Power Rectifier
January, 2011 ??Rev. 8
MBR7030WT ONSEMI-MBR7030WT_10 Datasheet
123Kb / 4P
   SWITCHMODE Power Rectifier
March, 2010 ??Rev. 3
MURF1660CT ONSEMI-MURF1660CT_07 Datasheet
83Kb / 4P
   SWITCHMODE Power Rectifier
June, 2007 - Rev. 5
MURD620CT ONSEMI-MURD620CT_11 Datasheet
101Kb / 4P
   SWITCHMODE Power Rectifier
January, 2011 ??Rev. 9
NRVBB4030T4G ONSEMI-NRVBB4030T4G Datasheet
144Kb / 6P
   SWITCHMODE Power Rectifier
January, 2012 ??Rev. 7
MBR16100CT ONSEMI-MBR16100CT Datasheet
124Kb / 5P
   SWITCHMODE Power Rectifier
May, 2008 ??Rev. 5
MBRB3030CTL ONSEMI-MBRB3030CTL Datasheet
91Kb / 8P
   SWITCHMODE Power Rectifier
August, 2005 ??Rev. 6
MUR220 ONSEMI-MUR220 Datasheet
52Kb / 6P
   SWITCHMODE Power Rectifier
April, 2003 - Rev. 4
MBRB30H60CT-1G ONSEMI-MBRB30H60CT-1G_12 Datasheet
170Kb / 10P
   SWITCHMODE Power Rectifier
January, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com